Zakładka z wyszukiwarką danych komponentów |
|
TC74A3-50VAT Arkusz danych(PDF) 2 Page - Microchip Technology |
|
TC74A3-50VAT Arkusz danych(HTML) 2 Page - Microchip Technology |
2 / 16 page TC74 DS21462B-page 2 © 2002 Microchip Technology Inc. Device Selection Table NOTE: *Default Address. Part Number Package Address Temperature Range TC74A0-3.3VCT SOT-23A-5 1001 000 -40°C to +125°C TC74A1-3.3VCT SOT-23A-5 1001 001 -40°C to +125°C TC74A2-3.3VCT SOT-23A-5 1001 010 -40°C to +125°C TC74A3-3.3VCT SOT-23A-5 1001 011 -40°C to +125°C TC74A4-3.3VCT SOT-23A-5 1001 100 -40°C to +125°C TC74A5-3.3VCT* SOT-23A-5 1001 101* -40°C to +125°c TC74A6-3.3VCT SOT-23A-5 1001 110 -40°C to +125°C TC74A7-3.3VCT SOT-23A-5 1001 111 -40°C to +125°C TC74A0-5.0VCT SOT-23A-5 1001 000 -40°C to +125°C TC74A1-5.0VCT SOT-23A-5 1001 001 -40°C to +125°C TC74A2-5.0VCT SOT-23A-5 1001 010 -40°C to +125°C TC74A3-5.0VCT SOT-23A-5 1001 011 -40°C to +125°C TC74A4-5.0VCT SOT-23A-5 1001 100 -40°C to +125°C TC74A5-5.0VCT* SOT-23A-5 1001 101 -40°C to +125°C TC74A6-5.0VCT SOT-23A-5 1001 110 -40°C to +125°C TC74A7-5.0VCT SOT-23A-5 1001 111 -40°C to +125°C TC74A0-3.3VAT TO-220-5 1001 000 -40°C to +125°C TC74A1-3.3VAT TO-220-5 1001 001 -40°C to +125°C TC74A2-3.3VAT TO-220-5 1001 010 -40°C to +125°C TC74A3-3.3VAT TO-220-5 1001 011 -40°C to +125°C TC74A4-3.3VAT TO-220-5 1001 100 -40°C to +125°C TC74A5-3.3VAT TO-220-5 1001 101 -40°C to +125°C TC74A6-3.3VAT TO-220-5 1001 110 -40°C to +125°C TC74A7-3.3VAT TO-220-5 1001 111 -40°C to +125°C TC74A0-5.0VAT TO-220-5 1001 000 -40°C to +125°C TC74A1-5.0VAT TO-220-5 1001 001 -40°C to +125°C TC74A2-5.0VAT TO-220-5 1001 010 -40°C to +125°C TC74A3-5.0VAT TO-220-5 1001 011 -40°C to +125°C TC74A4-5.0VAT TO-220-5 1001 100 -40°C to +125°C TC74A5-5.0VAT TO-220-5 1001 101 -40°C to +125°C TC74A6-5.0VAT TO-220-5 1001 110 -40°C to +125°C TC74A7-5.0VAT TO-220-5 1001 111 -40°C to +125°C |
Podobny numer części - TC74A3-50VAT |
|
Podobny opis - TC74A3-50VAT |