Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM1350AAQM Arkusz danych(PDF) 3 Page - Nippon Precision Circuits Inc

Numer części SM1350AAQM
Szczegółowy opis  High Tone Quality Melody IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NPC [Nippon Precision Circuits Inc]
Strona internetowa  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM1350AAQM Arkusz danych(HTML) 3 Page - Nippon Precision Circuits Inc

  SM1350AAQM Datasheet HTML 1Page - Nippon Precision Circuits Inc SM1350AAQM Datasheet HTML 2Page - Nippon Precision Circuits Inc SM1350AAQM Datasheet HTML 3Page - Nippon Precision Circuits Inc SM1350AAQM Datasheet HTML 4Page - Nippon Precision Circuits Inc SM1350AAQM Datasheet HTML 5Page - Nippon Precision Circuits Inc SM1350AAQM Datasheet HTML 6Page - Nippon Precision Circuits Inc SM1350AAQM Datasheet HTML 7Page - Nippon Precision Circuits Inc SM1350AAQM Datasheet HTML 8Page - Nippon Precision Circuits Inc SM1350AAQM Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
SM1350AAQM
SEIKO NPC CORPORATION - 3
PIN DESCRIPTION
No.
Pin Name
I/O
State
*1
Description
1
VDD
-
-
Supply pin
2
S0
3
S1
4
S2
5
S3
I
SU
Binary select mode : Phrase select pins.
Serial select mode : S0 and S1 control melody output.
6
MODE
I
SU
Melody select mode control. Binary mode when LOW, and serial
mode when HIGH.
7
LH
I
SU
Melody output mode control. One-shot when LOW, and level hold
when HIGH.
8
STOP
I
U
One-shot melody mode : Melody output stop control.
Level hold melody mode : invalid input.
9
STN
I
U
Melody start control
10
BUSYN
O
C
Busy output signal. LOW when a melody is output.
11
CT
O
C
External control pulse output
12
ICN
I
U
Initialization clear input
13
VSS
-
-
Ground pin
14
VOL
I
-
Volume adjusts control. Volume adjusted using an external resistor.
15
SPN
O
P
VOL current output
16
SP
O
P
10-bit D/A converter output
17
EBUSYIN
I
U
It is not necessary to use it usually. It should connect VDD or OPEN.
When this terminal is made LOW, BUSYN compulsorily becomes
LOW. A pop sound might be emitted.
18
ENDN
O
C
Pulse signal when melody output ends
19
T1N
I
U
20
T2N
I
U
21
T3N
I
U
Test signal inputs
This terminal cannot be used. It should connect VDD or OPEN.
22
TO
O
C
Test signal output. 62.5kHz output when not in test mode.
23
XTN
O
-
Oscillator output
24
XT
I
-
Oscillator input
*1. U : pull-up resistor connection
SU : pull-up resistor connection only when melody output starts
(Function for current consumption decrease when driving with battery. Only when the terminal is read, the pull-up
resistor is connected.)
P : p-channel open drain
C : complementary output


Podobny numer części - SM1350AAQM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nippon Precision Circui...
SM1350ADJM NPC-SM1350ADJM Datasheet
515Kb / 16P
   High Tone Quality Melody IC
More results

Podobny opis - SM1350AAQM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nippon Precision Circui...
SM1350ADJM NPC-SM1350ADJM Datasheet
515Kb / 16P
   High Tone Quality Melody IC
SM1350 NPC-SM1350 Datasheet
214Kb / 21P
   High Tone Quality Melody LSI
SM1131 NPC-SM1131 Datasheet
460Kb / 20P
   High Sound Quality Multi Melody IC
logo
List of Unclassifed Man...
RTS903 ETC1-RTS903 Datasheet
118Kb / 6P
   DUAL-TONE MELODY GENERATOR
SD995 ETC1-SD995 Datasheet
1Mb / 5P
   DUAL TONE MELODY GENERATOR
logo
BOWIN ELECTRONIC CO.
UM88T-19L BOWIN-UM88T-19L Datasheet
26Kb / 2P
   Dual-tone Melody Generator
logo
Unisonic Technologies
15600 UTC-15600_15 Datasheet
171Kb / 6P
   MELODY IC
logo
Nippon Precision Circui...
M1105 NPC-M1105 Datasheet
92Kb / 2P
   Melody IC
logo
Unisonic Technologies
15600 UTC-15600 Datasheet
164Kb / 6P
   MELODY IC
1668 UTC-1668_18 Datasheet
151Kb / 5P
   DUAL TONE MELODY XMAS LIGHT CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com