Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM1350AAQM Arkusz danych(PDF) 9 Page - Nippon Precision Circuits Inc

Numer części SM1350AAQM
Szczegółowy opis  High Tone Quality Melody IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NPC [Nippon Precision Circuits Inc]
Strona internetowa  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM1350AAQM Arkusz danych(HTML) 9 Page - Nippon Precision Circuits Inc

Back Button SM1350AAQM Datasheet HTML 5Page - Nippon Precision Circuits Inc SM1350AAQM Datasheet HTML 6Page - Nippon Precision Circuits Inc SM1350AAQM Datasheet HTML 7Page - Nippon Precision Circuits Inc SM1350AAQM Datasheet HTML 8Page - Nippon Precision Circuits Inc SM1350AAQM Datasheet HTML 9Page - Nippon Precision Circuits Inc SM1350AAQM Datasheet HTML 10Page - Nippon Precision Circuits Inc SM1350AAQM Datasheet HTML 11Page - Nippon Precision Circuits Inc SM1350AAQM Datasheet HTML 12Page - Nippon Precision Circuits Inc SM1350AAQM Datasheet HTML 13Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
SM1350AAQM
SEIKO NPC CORPORATION - 9
Melody Output Circuit
The volume control circuit comprises a P-channel current-summing D/A converter, a built-in constant-current source
and an external variable resistor.
Output circuit (A-class)
The A-class output circuit comprises a single 10-bit D/A converter with current output on SP. The D/A converter is set
ON immediately after the oscillator starts, and the current output that results is the center point above and below which
the converter current output varies in response to the waveform amplitude. The SP output is current-to-voltage
converted for connection to audio equipment or amplifiers. The 4 sound generator waveforms are time multiplexed, so
an integrating circuit must be connected between SP and the amplifier to recover the signal.
VDD
BUSYN
VSS
SP
VOL
V
DD
V
SS
SPEAKER
AMP
Figure 4. Output circuit (A-class)
Pin Functions
STN pin
Melody start signal. Melody starts when LOW is detected.
One-shot melody output (LH=LOW)
One-shot melody is a melody control that stops melody after it play to the last of the melody when there is a start trigger.
When STN goes LOW during melody output, the melody specified with S0 to S3 is played
#N
#N
#M
#M
STN
S0 to S3
Melody Output
(SP pin)
Figure 5. One-shot mode
One-shot mode repeat function
In one-shot melody mode, the output repeats the same melody while STN is LOW. When STN goes HIGH, the output
continues until the end of the currently playing melody and then stops.
#N
#N
#N
STN
Melody Output
(SP pin)
Figure 6. One-shot melody repeat timing


Podobny numer części - SM1350AAQM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nippon Precision Circui...
SM1350ADJM NPC-SM1350ADJM Datasheet
515Kb / 16P
   High Tone Quality Melody IC
More results

Podobny opis - SM1350AAQM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nippon Precision Circui...
SM1350ADJM NPC-SM1350ADJM Datasheet
515Kb / 16P
   High Tone Quality Melody IC
SM1350 NPC-SM1350 Datasheet
214Kb / 21P
   High Tone Quality Melody LSI
SM1131 NPC-SM1131 Datasheet
460Kb / 20P
   High Sound Quality Multi Melody IC
logo
List of Unclassifed Man...
RTS903 ETC1-RTS903 Datasheet
118Kb / 6P
   DUAL-TONE MELODY GENERATOR
SD995 ETC1-SD995 Datasheet
1Mb / 5P
   DUAL TONE MELODY GENERATOR
logo
BOWIN ELECTRONIC CO.
UM88T-19L BOWIN-UM88T-19L Datasheet
26Kb / 2P
   Dual-tone Melody Generator
logo
Unisonic Technologies
15600 UTC-15600_15 Datasheet
171Kb / 6P
   MELODY IC
logo
Nippon Precision Circui...
M1105 NPC-M1105 Datasheet
92Kb / 2P
   Melody IC
logo
Unisonic Technologies
15600 UTC-15600 Datasheet
164Kb / 6P
   MELODY IC
1668 UTC-1668_18 Datasheet
151Kb / 5P
   DUAL TONE MELODY XMAS LIGHT CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com