Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM8707F Arkusz danych(PDF) 8 Page - Nippon Precision Circuits Inc

Numer części SM8707F
Szczegółowy opis  Clock Generator with Dual PLLs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NPC [Nippon Precision Circuits Inc]
Strona internetowa  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8707F Arkusz danych(HTML) 8 Page - Nippon Precision Circuits Inc

Back Button SM8707F Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8707F Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8707F Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8707F Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8707F Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8707F Datasheet HTML 9Page - Nippon Precision Circuits Inc SM8707F Datasheet HTML 10Page - Nippon Precision Circuits Inc SM8707F Datasheet HTML 11Page - Nippon Precision Circuits Inc SM8707F Datasheet HTML 12Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
SM8707E/F
SEIKO NPC CORPORATION - 8
FUNCTIONAL DESCRIPTION
27MHz Master Clock
The SM8707E/F 27MHz master clock circuit is configured, as shown in Figure 3 with the crystal oscillator element
connected between XTI(Pin 7) and XTO(Pin 8).
Alternatively, the 27MHz master clock can be supplied from an external master clock input on XTI, as shown in
Figure 4.
If an external input clock on XTI is used, it is recommended that the frequency be 27.0000MHz, with 50% duty, and
3.3V voltage amplitude level.
Furthermore, when using an external clock input, the input signal voltage should not exceed the absolute maximum
rating, otherwise damage may occur.
Internal
Circuits
Oscillator
XTI(Pin 7)
XTO(Pin 8)
C1
C2
C1,C2=5 to 33pF
MO
Figure 3. Crystal oscillator connection
Internal
Circuits
Oscillator
XTI(Pin 7)
XTO(Pin 8)
MO
External Clock
Open
Figure 4. External clock input


Podobny numer części - SM8707F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nippon Precision Circui...
SM8707FV NPC-SM8707FV Datasheet
133Kb / 20P
   Clock Generator with Dual PLLs
More results

Podobny opis - SM8707F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nippon Precision Circui...
SM8707 NPC-SM8707 Datasheet
133Kb / 20P
   Clock Generator with Dual PLLs
logo
Analog Devices
AD9577 AD-AD9577 Datasheet
672Kb / 44P
   Clock Generator with Dual PLLs
REV. 0
AD9577 AD-AD9577_16 Datasheet
746Kb / 44P
   Clock Generator with Dual PLLs, Spread Spectrum, and Margining
logo
Texas Instruments
CDC5806 TI1-CDC5806_15 Datasheet
340Kb / 13P
[Old version datasheet]   THREE PLLs BASED CLOCK GENERATOR
logo
Integrated Circuit Syst...
MK2049-02 ICST-MK2049-02 Datasheet
148Kb / 12P
   Communications Clock PLLs
logo
Maxim Integrated Produc...
MAX9471 MAXIM-MAX9471 Datasheet
3Mb / 13P
   Multiple-Output Clock Generators with Dual PLLs and OTP
Rev 1; 8/06
logo
Texas Instruments
LMK04208 TI1-LMK04208 Datasheet
1Mb / 138P
[Old version datasheet]   Low-Noise Clock Jitter Cleaner with Dual Loop PLLs
CDC5806 TI-CDC5806 Datasheet
112Kb / 8P
[Old version datasheet]   THREE PLLs BASED CLOCK GENERATOR FOR DIGITAL TV APPLICATIONS
LMK04100EVAL TI1-LMK04100EVAL_14 Datasheet
1Mb / 47P
[Old version datasheet]   Precision Clock Conditioner with Dual PLLs and Integrated VCO
logo
National Semiconductor ...
LMK04800 NSC-LMK04800_14 Datasheet
3Mb / 79P
   Low-Noise Clock Jitter Cleaner with Dual Loop PLLs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com