Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TEA1755LT Arkusz danych(PDF) 9 Page - NXP Semiconductors

Numer części TEA1755LT
Szczegółowy opis  HV start-up DCM/QR flyback controller with integrated DCM/QR PFC controller
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1755LT Arkusz danych(HTML) 9 Page - NXP Semiconductors

Back Button TEA1755LT Datasheet HTML 5Page - NXP Semiconductors TEA1755LT Datasheet HTML 6Page - NXP Semiconductors TEA1755LT Datasheet HTML 7Page - NXP Semiconductors TEA1755LT Datasheet HTML 8Page - NXP Semiconductors TEA1755LT Datasheet HTML 9Page - NXP Semiconductors TEA1755LT Datasheet HTML 10Page - NXP Semiconductors TEA1755LT Datasheet HTML 11Page - NXP Semiconductors TEA1755LT Datasheet HTML 12Page - NXP Semiconductors TEA1755LT Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
TEA1755LT
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 1.1 — 13 March 2015
9 of 35
NXP Semiconductors
TEA1755LT
HV start-up DCM/QR flyback controller with integrated DCM/QR PFC
controller
Operating near the PFC OVP level causes the PFC stage on-time to decrease rapidly to
zero.
To reduce the response time, in case of load variation, the PFCCOMP pin is clamped to a
minimum level of 2 V during PFC operation. Clamping prevents the on-time increasing too
much and improves the PFC response time when the load decreases again.
7.2.2 Valley switching and demagnetization (PFCAUX pin)
The PFC MOSFET is switched on after the transformer is demagnetized. Internal circuitry
connected to the PFCAUX pin detects the end of the secondary stroke. It also detects the
voltage across the PFC MOSFET. To reduce switching losses and ElectroMagnetic
Interference (EMI), the next stroke is started when the voltage across the PFC MOSFET
is at its minimum (valley switching).
If a demagnetization signal is not detected on the PFCAUX pin, the controller generates a
Zero-Current Signal (ZCS) 48
s after the last PFC MOSFET gate signal.
If valley signal is not detected on the PFCAUX pin, the controller generates a valley signal
4.2
s after demagnetization is detected.
To protect the internal circuitry during, for example, lightning events, add a 5 k
 series
resistor to the PFCAUX pin. To prevent incorrect switching due to external interference,
place the resistor close to the IC on the PCB.
7.2.3 Frequency limitation
To optimize the transformer and minimize switching losses, the switching frequency is
limited to fsw(PFC)max. If the frequency for quasi-resonant operation is above the fsw(PFC)max
limit, the system switches to DCM. The PFC MOSFET is only switched on at a minimum
voltage across the switch (valley switching).
7.2.4 Mains voltage compensation (VINSENSE pin)
The equation for the transfer function of a power factor corrector contains the square of
the mains input voltage. In a typical application, this results in a low bandwidth for low
mains input voltages. At high mains input voltages, the Mains Harmonic Reduction (MHR)
requirements are hard to meet.
To compensate for the influence of the mains input voltage, the TEA1755LT contains a
correction circuit. The average input voltage is measured using the VINSENSE pin and
the information is fed to an internal compensation circuit. Using this compensation, it is
possible to keep the regulation loop bandwidth constant over the mains input range. This
feature gives a fast transient response on load steps while still complying with class-D
MHR requirements.
In a typical application, a resistor and two capacitors connected to the PFCCOMP pin set
the regulation loop bandwidth.
7.2.5 Soft-start (PFCSENSE pin)
To prevent audible transformer noise at start-up or during hiccup, the soft-start function
slowly increases the transformer peak current. Place a capacitor CSS1 in parallel with
resistor RSS1 (see Figure 5) to implement a soft-start function. An internal current source
charges the capacitor to:


Podobny numer części - TEA1755LT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TEA1755 NXP-TEA1755 Datasheet
970Kb / 56P
   GreenChip TEA1755 integrated PFC and flyback controller
Rev. 2 - 13 September 2017
TEA1755T PHILIPS-TEA1755T Datasheet
949Kb / 35P
   HV start-up DCM/QR flyback controller with integrated DCM/QR PFC controller
Rev. 1-25 October 2012
TEA1755T NXP-TEA1755T Datasheet
331Kb / 35P
   HV start-up DCM/QR flyback controller with integrated DCM/QR PFC controller
Rev. 1.1-13 March 2015
TEA1755T/1 NXP-TEA1755T/1 Datasheet
331Kb / 35P
   HV start-up DCM/QR flyback controller with integrated DCM/QR PFC controller
Rev. 1.1-13 March 2015
TEA1755T NXP-TEA1755T_V01 Datasheet
331Kb / 35P
   HV start-up DCM/QR flyback controller with integrated DCM/QR PFC controller
Rev. 1.1-13 March 2015
More results

Podobny opis - TEA1755LT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TEA1755T PHILIPS-TEA1755T Datasheet
949Kb / 35P
   HV start-up DCM/QR flyback controller with integrated DCM/QR PFC controller
Rev. 1-25 October 2012
TEA1751LT_1301 NXP-TEA1751LT_1301 Datasheet
277Kb / 31P
   HV start-up DCM/QR flyback controller with integrated DCM/QR PFC controller
Rev. 3-9 January 2013
TEA1755T NXP-TEA1755T_V01 Datasheet
331Kb / 35P
   HV start-up DCM/QR flyback controller with integrated DCM/QR PFC controller
Rev. 1.1-13 March 2015
TEA1753T PHILIPS-TEA1753T Datasheet
346Kb / 32P
   HV start-up DCM/QR flyback controller with integrated DCM/QR PFC controller
Rev. 3-24 August 2012
TEA1751T NXP-TEA1751T_V01 Datasheet
273Kb / 31P
   HV start-up DCM/QR flyback controller with integrated DCM/QR PFC controller
Rev. 3-10 January 2013
TEA1753LT PHILIPS-TEA1753LT Datasheet
349Kb / 32P
   HV start-up DCM/QR flyback controller with integrated DCM/QR PFC controller
Rev. 3-24 August 2012
TEA1752LT NXP-TEA1752LT Datasheet
297Kb / 33P
   HV start-up DCM/QR flyback controller with integrated DCM/QR PFC controller
Rev. 2-15 November 2012
TEA2017ABT NXP-TEA2017ABT Datasheet
597Kb / 62P
   Digital configurable LLC and DCM/QR PFC controller
Rev.1-24 February 2022
TEA2017ABT NXP-TEA2017ABT_V01 Datasheet
614Kb / 67P
   Digital configurable LLC and DCM/QR PFC controller
Rev. 1.1 - 17 May 2023
TEA2017ABT NXP-TEA2017ABT_V02 Datasheet
604Kb / 66P
   Digital configurable LLC and DCM/QR PFC controller
Rev. 1.1 - 31 July 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com