Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TEA1723FT Arkusz danych(PDF) 3 Page - NXP Semiconductors

Numer części TEA1723FT
Szczegółowy opis  HV start-up flyback controller with integrated MOSFET for 11 W applications, 1750 Hz burst frequency
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1723FT Arkusz danych(HTML) 3 Page - NXP Semiconductors

  TEA1723FT Datasheet HTML 1Page - NXP Semiconductors TEA1723FT Datasheet HTML 2Page - NXP Semiconductors TEA1723FT Datasheet HTML 3Page - NXP Semiconductors TEA1723FT Datasheet HTML 4Page - NXP Semiconductors TEA1723FT Datasheet HTML 5Page - NXP Semiconductors TEA1723FT Datasheet HTML 6Page - NXP Semiconductors TEA1723FT Datasheet HTML 7Page - NXP Semiconductors TEA1723FT Datasheet HTML 8Page - NXP Semiconductors TEA1723FT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
TEA1723FT
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2.1 — 7 June 2012
3 of 14
NXP Semiconductors
TEA1723FT
HV start-up flyback controller with integrated MOSFET for 11 W
2.
Ordering information
3.
Block diagram
3.1 Block diagram
Table 2.
Ordering information
Type number
Package
Name
Description
Version
TEA1723FT/N1
SO7
plastic small outline package; 7 leads; body width 3.9 mm
SOT1175-1
Fig 1.
Block diagram
START
STOP
VCC
FB
GND
REFERENCES
AND
TEMPERATURE
PROTECTION
fosc,
VSOURCE AND
JITTER
REGULATOR
OSCILLATOR
BURST
REGULATOR
CONTROL
LOGIC
SOURCE
DRAIN
SENSOR
start-up source
VSOURCE
comparator
fburst
fSW
VOVP(FBS)
VFBS
OTP
enable
Vref
controller and cable
compensation
demag
driver
power
switch
Vpeak
001aao250
TEA1723


Podobny numer części - TEA1723FT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TEA1723AT PHILIPS-TEA1723AT Datasheet
252Kb / 14P
   HV start-up flyback controller with integrated MOSFET for 11 W applications, 430 Hz burst frequency
Rev. 2.1-7 June 2012
TEA1723BT PHILIPS-TEA1723BT Datasheet
252Kb / 14P
   HV start-up flyback controller with integrated MOSFET for 11 W applications, 905 Hz burst frequency
Rev. 2.2-7 June 2012
TEA1723DT PHILIPS-TEA1723DT Datasheet
252Kb / 14P
   HV start-up flyback controller with integrated MOSFET for 11 W applications, 1270 Hz burst frequency
Rev. 2.1-7 June 2012
More results

Podobny opis - TEA1723FT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TEA1721FT PHILIPS-TEA1721FT Datasheet
201Kb / 14P
   HV start-up flyback controller with integrated MOSFET for 5 W applications, 1750 Hz burst frequency
Rev. 1.1-7 June 2012
TEA1723DT PHILIPS-TEA1723DT Datasheet
252Kb / 14P
   HV start-up flyback controller with integrated MOSFET for 11 W applications, 1270 Hz burst frequency
Rev. 2.1-7 June 2012
TEA1723AT PHILIPS-TEA1723AT Datasheet
252Kb / 14P
   HV start-up flyback controller with integrated MOSFET for 11 W applications, 430 Hz burst frequency
Rev. 2.1-7 June 2012
TEA1723BT PHILIPS-TEA1723BT Datasheet
252Kb / 14P
   HV start-up flyback controller with integrated MOSFET for 11 W applications, 905 Hz burst frequency
Rev. 2.2-7 June 2012
TEA1721AT NXP-TEA1721AT_V01 Datasheet
202Kb / 14P
   HV start-up flyback controller with integrated MOSFET for 5 W applications, 430 Hz burst frequency
Rev. 2.1 ??7 June 2012
TEA1721DT PHILIPS-TEA1721DT Datasheet
202Kb / 14P
   HV start-up flyback controller with integrated MOSFET for 5 W applications, 1270 Hz burst frequency
Rev. 2.1-7 June 2012
TEA1721BT NXP-TEA1721BT Datasheet
202Kb / 14P
   HV start-up flyback controller with integrated MOSFET for 5 W applications, 905 Hz burst frequency
Rev. 2.1-7 June 2012
TEA1751LT_1301 NXP-TEA1751LT_1301 Datasheet
277Kb / 31P
   HV start-up DCM/QR flyback controller with integrated DCM/QR PFC controller
Rev. 3-9 January 2013
TEA1755T NXP-TEA1755T_V01 Datasheet
331Kb / 35P
   HV start-up DCM/QR flyback controller with integrated DCM/QR PFC controller
Rev. 1.1-13 March 2015
TEA1753T PHILIPS-TEA1753T Datasheet
346Kb / 32P
   HV start-up DCM/QR flyback controller with integrated DCM/QR PFC controller
Rev. 3-24 August 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com