Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TEA1721FT Arkusz danych(PDF) 10 Page - NXP Semiconductors

Numer części TEA1721FT
Szczegółowy opis  HV start-up flyback controller with integrated MOSFET for 5 W applications, 1750 Hz burst frequency
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1721FT Arkusz danych(HTML) 10 Page - NXP Semiconductors

Back Button TEA1721FT Datasheet HTML 6Page - NXP Semiconductors TEA1721FT Datasheet HTML 7Page - NXP Semiconductors TEA1721FT Datasheet HTML 8Page - NXP Semiconductors TEA1721FT Datasheet HTML 9Page - NXP Semiconductors TEA1721FT Datasheet HTML 10Page - NXP Semiconductors TEA1721FT Datasheet HTML 11Page - NXP Semiconductors TEA1721FT Datasheet HTML 12Page - NXP Semiconductors TEA1721FT Datasheet HTML 13Page - NXP Semiconductors TEA1721FT Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
TEA1721FT
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1.1 — 7 June 2012
10 of 14
NXP Semiconductors
TEA1721FT
HV start-up flyback controller with integrated MOSFET for 5 W
9.
Package outline
Fig 3.
Package outline SOT1175-1 (SO7)
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT1175-1
- - -
- - -
- - -
sot1175-1_po
10-03-30
10-04-21
Unit
mm
max
nom
min
1.75 0.250
0.175
0.100
0.25
0.49
0.40
0.36
5.0
4.9
4.8
A
Dimensions
Note
1. Plastic or metal protrusions of 0.15 mm maximum per side are not included.
2. Plastic interlead protrusions of 0.25 mm maximum per side are not included.
A1
A2
1.45
1.35
1.25
A3
bp
1.0
0.7
0.4
0.70
0.67
0.60
0.25
Lp
Qv
c
0.25
0.20
0.19
DE
4.0
3.9
3.8
e
1.27
1.05
6.2
6.0
5.8
HE
L
0.1
0.7
0.5
0.3
8°
4°
0°
yZ
θ
0.25
w
2.5
0
5 mm
scale
SO7: plastic small outline package; 7 leads; body width 3.9 mm
SOT1175-1
y
D
A1
A2
Q
A
A3
θ
detail X
Lp
L
X
E
A
HE
vA
c
pin 1 index
Z
e
bp
w
4
1
75


Podobny numer części - TEA1721FT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TEA1721AT PHILIPS-TEA1721AT Datasheet
142Kb / 14P
   Ultra-low standby SMPS controller with integrated power switch
Rev. 1-24 January 2012
TEA1721AT NXP-TEA1721AT Datasheet
202Kb / 14P
   HV start-up flyback controller with integrated MOSFET for 5 W applications, 430 Hz burst frequency
Rev. 2.1 ??7 June 2012
TEA1721AT-N1 PHILIPS-TEA1721AT-N1 Datasheet
142Kb / 14P
   Ultra-low standby SMPS controller with integrated power switch
Rev. 1-24 January 2012
TEA1721AT/N1 NXP-TEA1721AT/N1 Datasheet
202Kb / 14P
   HV start-up flyback controller with integrated MOSFET for 5 W applications, 430 Hz burst frequency
Rev. 2.1 ??7 June 2012
TEA1721AT NXP-TEA1721AT_V01 Datasheet
202Kb / 14P
   HV start-up flyback controller with integrated MOSFET for 5 W applications, 430 Hz burst frequency
Rev. 2.1 ??7 June 2012
More results

Podobny opis - TEA1721FT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TEA1723FT PHILIPS-TEA1723FT Datasheet
252Kb / 14P
   HV start-up flyback controller with integrated MOSFET for 11 W applications, 1750 Hz burst frequency
Rev. 2.1-7 June 2012
TEA1721AT NXP-TEA1721AT_V01 Datasheet
202Kb / 14P
   HV start-up flyback controller with integrated MOSFET for 5 W applications, 430 Hz burst frequency
Rev. 2.1 ??7 June 2012
TEA1721DT PHILIPS-TEA1721DT Datasheet
202Kb / 14P
   HV start-up flyback controller with integrated MOSFET for 5 W applications, 1270 Hz burst frequency
Rev. 2.1-7 June 2012
TEA1721BT NXP-TEA1721BT Datasheet
202Kb / 14P
   HV start-up flyback controller with integrated MOSFET for 5 W applications, 905 Hz burst frequency
Rev. 2.1-7 June 2012
TEA1723DT PHILIPS-TEA1723DT Datasheet
252Kb / 14P
   HV start-up flyback controller with integrated MOSFET for 11 W applications, 1270 Hz burst frequency
Rev. 2.1-7 June 2012
TEA1723AT PHILIPS-TEA1723AT Datasheet
252Kb / 14P
   HV start-up flyback controller with integrated MOSFET for 11 W applications, 430 Hz burst frequency
Rev. 2.1-7 June 2012
TEA1723BT PHILIPS-TEA1723BT Datasheet
252Kb / 14P
   HV start-up flyback controller with integrated MOSFET for 11 W applications, 905 Hz burst frequency
Rev. 2.2-7 June 2012
TEA1751LT_1301 NXP-TEA1751LT_1301 Datasheet
277Kb / 31P
   HV start-up DCM/QR flyback controller with integrated DCM/QR PFC controller
Rev. 3-9 January 2013
TEA1755T NXP-TEA1755T_V01 Datasheet
331Kb / 35P
   HV start-up DCM/QR flyback controller with integrated DCM/QR PFC controller
Rev. 1.1-13 March 2015
TEA1753T PHILIPS-TEA1753T Datasheet
346Kb / 32P
   HV start-up DCM/QR flyback controller with integrated DCM/QR PFC controller
Rev. 3-24 August 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com