Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPPM0111 Arkusz danych(PDF) 3 Page - Texas Instruments

Numer części TPPM0111
Szczegółowy opis  DUAL LOW - DROPOUT LINEAR REGULATOR
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TPPM0111 Arkusz danych(HTML) 3 Page - Texas Instruments

  TPPM0111_15 Datasheet HTML 1Page - Texas Instruments TPPM0111_15 Datasheet HTML 2Page - Texas Instruments TPPM0111_15 Datasheet HTML 3Page - Texas Instruments TPPM0111_15 Datasheet HTML 4Page - Texas Instruments TPPM0111_15 Datasheet HTML 5Page - Texas Instruments TPPM0111_15 Datasheet HTML 6Page - Texas Instruments TPPM0111_15 Datasheet HTML 7Page - Texas Instruments TPPM0111_15 Datasheet HTML 8Page - Texas Instruments TPPM0111_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
TPPM0111
DUAL LOW DROPOUT LINEAR REGULATOR
SLVS414 − DECEMBER 2001
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
NC
1−3,
5, 7,
9−12
13−17†
18,9
I
No connection
3.3VOUT
4
O
3.3-V regulated output
5VCC
6
I
5-V input
1.5VOUT
8
O
1.5-V regulated output
GND
20
I
Ground
† These terminals are to be used for test purposes only, and are not connected in system applications. No signal traces should be connected to
these terminals.
Table 1. Input Selection
INPUT CONDITION
3.3VOUT CONDITION
1.5VOUT CONDITION
V(3.3VOUT)
I(3.3VOUT)
V(1.5VOUT)
I(1.5VOUT)
Power up 0 V to 5 V
Within 2 V of 1.5VOUT
0 to overcurrent limit
0 V to 1.5 V
0 to overcurrent limit
5 V
3.3 V
±3%
0 A to 1.5 A
1.5 V
±2%
0 mA to 300 mA
Power down 5 V to 0 V
Within 2 V of 1.5VOUT
1.5 A to 0 A
1.5 V to 0 V
300 mA to 0 mA
5 V
0 V
Up to 5.4 A
1.5 V
0 mA to 300 mA
5 V
Less than 2 V
Don’t care
0 V
Up to 1.08 A
0 V
Within 2 V of 1.5VOUT
Don’t care
1.5 V to 0 V
Don’t care
‡ See Figures 2, 3, and 4.
absolute maximum ratings over operating free-air temperature (unless otherwise noted)§
5-V input, V(5VCC) (see Notes 1 and 2)
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3.3-V output current limit, IL(3.3VOUT)
5.4 A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
1.5-V output current limit, IL(1.5VOUT)
1.08 A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous power dissipation, PD (see Note 3)
4 W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrostatic discharge susceptibility, V(HBMESD)
2 kV
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating ambient temperature range, TA
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−55
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature (soldering, 10 sec), T(LEAD)
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
§ Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltage values are with respect to GND.
2. Absolute negative voltage values on these terminals should not be below –0.5 V.
3. Assumed correct thermal management technique implementation and ambient temperature of 25
°C.
recommended operating conditions
MIN
TYP
MAX
UNIT
5-V input, V(5VCC)
4.7
5.3
V
Load capacitance, CL
10 m
Ω < ESR(CL) < 1 Ω
100
µF
Output load current, IO
3.3VOUT
0
1.5
A
Output load current, IO
1.5VOUT
0
300
mA
Ambient temperature, TA
0
55
°C


Podobny numer części - TPPM0111_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPPM0111DWP TI-TPPM0111DWP Datasheet
234Kb / 10P
[Old version datasheet]   DUAL LOW-DROPOUT LINEAR REGULATOR
TPPM0111DWPR TI-TPPM0111DWPR Datasheet
234Kb / 10P
[Old version datasheet]   DUAL LOW-DROPOUT LINEAR REGULATOR
More results

Podobny opis - TPPM0111_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPPM0110 TI-TPPM0110 Datasheet
247Kb / 14P
[Old version datasheet]   DUAL LOW-DROPOUT LINEAR REGULATOR
TPPM0111 TI-TPPM0111 Datasheet
234Kb / 10P
[Old version datasheet]   DUAL LOW-DROPOUT LINEAR REGULATOR
logo
Rohm
BD7003NUX-E2 ROHM-BD7003NUX-E2 Datasheet
639Kb / 14P
   Dual, Low-Dropout Linear Regulator
logo
Texas Instruments
TPS767D301-EP TI-TPS767D301-EP_15 Datasheet
876Kb / 22P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT LINEAR REGULATOR
logo
Diodes Incorporated
AP7201 DIODES-AP7201 Datasheet
630Kb / 13P
   DUAL 150mA LOW DROPOUT LINEAR REGULATOR
logo
Texas Instruments
TPS767D301-EP TI1-TPS767D301-EP Datasheet
698Kb / 21P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT LINEAR REGULATOR
logo
Maxim Integrated Produc...
MAX8862 MAXIM-MAX8862 Datasheet
129Kb / 12P
   Low-Cost, Low-Dropout, Dual Linear Regulator
logo
Anpec Electronics Corop...
APL5537 ANPEC-APL5537 Datasheet
355Kb / 16P
   Dual Channel 300mA Low Dropout Linear Regulator
logo
Shenzhen Huazhimei Semi...
AMS1117 HMSEMI-AMS1117 Datasheet
675Kb / 10P
   low-dropout linear regulator.
logo
BCD Semiconductor Manuf...
AZ1117B BCDSEMI-AZ1117B_V01 Datasheet
527Kb / 23P
   LOW DROPOUT LINEAR REGULATOR
Jul. 2009 Rev. 1. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com