Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LD10-20B05 Arkusz danych(PDF) 2 Page - MORNSUN Science& Technology Ltd.

Numer części LD10-20B05
Szczegółowy opis  10W, AC/DC converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MORNSUN [MORNSUN Science& Technology Ltd.]
Strona internetowa  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LD10-20B05 Arkusz danych(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  LD10-20B05 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LD10-20B05 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LD10-20B05 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LD10-20B05 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. LD10-20B05 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. LD10-20B05 Datasheet HTML 6Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AC/DC Converter
LD10-20Bxx Series
2015.09.08-B/1
Page 2 of 6
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
Ripple & Noise*
20MHz bandwidth (peak-peak value)
--
50
100
mV
Temperature Coefficient
--
±0.02
--
%/℃
Stand-by Power Consumption
--
0.5
--
W
Short Circuit Protection
Continuous, self-recovery
Over-current Protection
110%
~200%Io
over-voltage protections
3.3VDC/5VDC
7.5VDC
9VDC
15VDC
12VDC/15VDC
20VDC
24VDC
30VDC
Hold-up Time
230VAC input
--
80
--
ms
Note: * Ripple and noise are measured by “parallel cable” method, please see AC-DC Converter Application Notes for specific operation.
General Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Isolation Voltage
Input-output
4000
--
--
VAC
Operating Temperature
-25
--
+70
Storage Temperature
-25
--
+105
Storage Humidity
--
--
95
%RH
Switching Frequency
--
65
--
KHz
Power Derating
+55℃~+70℃
2.0
--
--
%/℃
-25℃~0℃
2.0
--
--
Safety Standard
IEC60601/EN60601/UL60950
Safety Certification
EN60601/UL60950
Safety Class
CLASS I I
MTBF
MIL-HDBK-217F@25℃ > 300,000 h
Physical Specifications
Casing Material
Black flame-retardant and heat-resistant plastic (UL94-V0)
Dimension
Horizontal package/A2 chassis mounting/A4 Din-Rail mounting/
A2S chassis mounting/A4S Din-Rail mounting
Refer to the Dimensions
Weight
Horizontal package/A2 chassis mounting/A4 Din-Rail mounting/
A2S chassis mounting/A4S Din-Rail mounting
50g/100g /140g/70g/90g (Typ.)
Cooling Method
Free convection
EMC Specifications
EMI
CE
CISPR11/EN55011, CLASS A
CISPR11/EN55011, CLASS B (See Fig. 2 for recommended circuit)
RE
CISPR11/EN55011, CLASS A
CISPR11/EN55011, CLASS B (See Fig. 2 for recommended circuit)
EMS
ESD
IEC/EN61000-4-2 ±6KV/8KV
Perf. Criteria B
RS
IEC/EN61000-4-3 10V/m
perf. Criteria A
EFT
IEC/EN61000-4-4 ±2kV
perf. Criteria B
IEC/EN61000-4-4 ±4kV (See Fig. 2 for recommended circuit)
perf. Criteria B
Surge
IEC/EN61000-4-5 ±1KV (See Fig. 1 for typical application circuit)
perf. Criteria B
IEC/EN61000-4-5 ±2KV/±4KV (See Fig. 2 for recommended circuit)
perf. Criteria B
CS
IEC/EN61000-4-6 10 Vr.m.s
perf. Criteria A
PFM
IEC/EN61000-4-8 10A/m
perf. Criteria A
Voltage dips, short interruptions and
voltage variations immunity
IEC/EN61000-4-11 0%-70%
perf. Criteria B


Podobny numer części - LD10-20B05

ProducentNumer częściArkusz danychSzczegółowy opis
logo
MORNSUN Science& Techno...
LD10-20B05 MORNSUN-LD10-20B05 Datasheet
473Kb / 4P
   LD10 series ----is a compact size power converter offered by Mornsun.
More results

Podobny opis - LD10-20B05

ProducentNumer częściArkusz danychSzczegółowy opis
logo
MORNSUN Science& Techno...
LHE10-20D0512-02ER2 MORNSUN-LHE10-20D0512-02ER2 Datasheet
1Mb / 5P
   10W, AC-DC converter
LH10-10B03 MORNSUN-LH10-10B03_15 Datasheet
1Mb / 7P
   10W, AC-DC converter
LHE10-20A05 MORNSUN-LHE10-20A05 Datasheet
1Mb / 6P
   10W, AC-DC converter
LD10-26B03 MORNSUN-LD10-26B03 Datasheet
1Mb / 6P
   10W, AC/DC converter
LHE10-20B03 MORNSUN-LHE10-20B03 Datasheet
1Mb / 6P
   10W, AC-DC converter
LDE10-20B03 MORNSUN-LDE10-20B03 Datasheet
1Mb / 5P
   10W, AC/DC converter
logo
Minmax Technology Co., ...
MDWI10 MINMAX-MDWI10 Datasheet
489Kb / 5P
   DC-DC CONVERTER 10W
logo
HY-LINE Power Component...
P10C24S33W HY-LINE-P10C24S33W Datasheet
303Kb / 2P
   10W DC-DC Converter P10C-Series
Rev: 9 / 05 f
P10F243R3S HY-LINE-P10F243R3S Datasheet
286Kb / 3P
   10W DC-DC Converter P10F-Series
Rev: 2.10 f
logo
List of Unclassifed Man...
P10D ETC2-P10D Datasheet
174Kb / 2P
   10W DC-DC Converter P10D-Series
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com