Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TD501D485H Arkusz danych(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Numer części TD501D485H
Szczegółowy opis  Industrial Bus
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MORNSUN [MORNSUN Science& Technology Ltd.]
Strona internetowa  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

TD501D485H Arkusz danych(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  TD501D485H Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. TD501D485H Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. TD501D485H Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. TD501D485H Datasheet HTML 4Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Industrial Bus
TDx01D485H Series
2015.03.10-A/4
Page 1 of 4
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
single high speed RS485 isolation transceiver module
CB
RoHS
FEATURES
Two-terminal isolation ( input and output are
mutually isolated)
Integrated Isolated DC/DC converter
Bus protection
Isolation voltage: 2.5KVDC
Operating temperature range:-40℃~+85℃
Baud rate 200Kbps
Connect up to 32 nodes on one bus
PART NUMBER SYSTEM
TD501D485H
Rate
Port signal type
Package type
Channel number
Power distrubution output
Power input
Digital bus interface product type
TD301D485H/TD501D485H series are transceiver isolation module with integrated duplex power isolation, electrical isolation, and RS485
interface bus protector ; The isolation RS485 circuits of using a piece of power isolation module, three light couplings and RS485 transceivers
and device are only need to adopt a RS485 isolation module now. Simplify the customers on the isolation requirements of the design;
Products can be easily embedded in the user equipment, achieve function of RS485 network connection.
Selection Guide
Certification
Part No.
Power Supply input (VDC)
UL/CE
TD301D485H
3.17~3.45
TD501D485H
4.75~5.25
Input Specifications
Item
Operating Conditions
Value
Input Power
Supply
Static current
Products energized, no communication
35mA
Send current
200Kbps Square wave communication
70mA
Input
Serial interface
TD301D485H compatible with + 3.3 V UART interface
TD501D485H compatible with + 5 V UART interface
Pin current
ITXD≤2mA;IRXD≤2mA;ICON≤5mA
Bus Interface
Item
Operating Conditions
Value
Output
RS485 bus interface
Standard interface RS485 ,pull-up and pull-down resistor, whose
value is 5.1KΩ, have been set to A/B line.
Transmission Specifications
Item
Operating Conditions
Value
Data Rate
200Kbps (max.)
Transceiver Switching Delay
The delay time from the receiving data switch to the send
data : 30 μs(min.), 100 μs(max.).
The Number of Nodes
Connect up to 32 nodes on one bus
Transceiver control
Contrary to common RS485 transceiver control level
Truth Table
Sending Status
Control
Input
Output
CON
TXD
A
B
Line state
01
1
0
Normal
00
0
1
Normal


Podobny numer części - TD501D485H

ProducentNumer częściArkusz danychSzczegółowy opis
logo
MORNSUN Science& Techno...
TD501D485H MORNSUN-TD501D485H Datasheet
332Kb / 3P
   SINGLE HIGH SPEED RS485 ISOLATION TRANSCEIVER MODULE
TD501D485H-A MORNSUN-TD501D485H-A Datasheet
555Kb / 3P
   SINGLE HIGH SPEED RS485 ISOLATION TRANSCEIVER MODULE
TD501D485H-E MORNSUN-TD501D485H-E Datasheet
358Kb / 3P
   SINGLE HIGH SPEED RS485 ISOLATION TRANSCEIVERMODULE
TD501D485H-E MORNSUN-TD501D485H-E Datasheet
273Kb / 4P
   Isolation transceiver module
More results

Podobny opis - TD501D485H

ProducentNumer częściArkusz danychSzczegółowy opis
logo
MORNSUN Science& Techno...
TDH301D485H MORNSUN-TDH301D485H_15 Datasheet
478Kb / 4P
   Industrial Bus
TD301DCANH3 MORNSUN-TD301DCANH3_14 Datasheet
256Kb / 4P
   Industrial Bus
logo
Wall Industries,Inc.
RBCAN01 WALL-RBCAN01 Datasheet
425Kb / 5P
   CAN Isolation Transceiver Module Industrial Bus
RBCAND21 WALL-RBCAND21 Datasheet
469Kb / 5P
   CAN Isolation Transceiver Module Industrial Bus
RBCANH21 WALL-RBCANH21 Datasheet
469Kb / 5P
   CAN Isolation Transceiver Module Industrial Bus
logo
BOSER Technology Co., L...
HS-7238S BOSER-HS-7238S_1 Datasheet
3Mb / 88P
   Pentium짰 4 PCI-ISA Bus Industrial Single Board Computer
logo
Rohm
BR25H020F-2LB ROHM-BR25H020F-2LB Datasheet
989Kb / 31P
   Serial EEPROM Series Industrial EEPROM 125??Operation SPI BUS EEPROM
BR25H320F-2LB ROHM-BR25H320F-2LB Datasheet
963Kb / 31P
   Serial EEPROM Series Industrial EEPROM 125??Operation SPI BUS EEPROM
BR25H010F-2LB ROHM-BR25H010F-2LB Datasheet
987Kb / 31P
   Serial EEPROM Series Industrial EEPROM 125??Operation SPI BUS EEPROM
BR25H160F-2LB ROHM-BR25H160F-2LB Datasheet
986Kb / 31P
   Serial EEPROM Series Industrial EEPROM 125??Operation SPI BUS EEPROM
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com