Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CSALS20M0X53-A0 Arkusz danych(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Numer części CSALS20M0X53-A0
Szczegółowy opis  stable over a wide temperature range
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MURATA [Murata Manufacturing Co., Ltd.]
Strona internetowa  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CSALS20M0X53-A0 Arkusz danych(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  CSALS20M0X53-A0 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. CSALS20M0X53-A0 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. CSALS20M0X53-A0 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product Search Data Sheet
CSALS20M0X53-A0
Specifications
Shape
Lead
Frequency
20.000MHz
Frequency Tolerance
±0.5%
Operating Temperature Range
-
20
to
80
Frequency Shift by Temperature
±0.2%
Frequency Aging
±0.2%
Wash
Not avairable
Resonant Impedance
50Ω
2 of 3
Atten ti o n
1.T his datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. T herefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.T his datasheet has only typical specifications because there is no space for detailed specifications.
T herefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last
updated 2015/11/09


Podobny numer części - CSALS20M0X53-A0

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Murata Manufacturing Co...
CSALS20M0X53-A0 MURATA1-CSALS20M0X53-A0 Datasheet
241Kb / 2P
   Ceramic Resonators/Crystal Units/MEMS Resonators
01/12/2023
CSALS20M0X53-A0 MURATA1-CSALS20M0X53-A0 Datasheet
281Kb / 2P
   Crystal Units/MEMS Resonators
02/23/2024
CSALS20M0X53-A0 MURATA1-CSALS20M0X53-A0_V01 Datasheet
241Kb / 2P
   Ceramic Resonators/Crystal Units/MEMS Resonators
01/12/2023
CSALS20M0X53-A0 MURATA1-CSALS20M0X53-A0_V02 Datasheet
281Kb / 2P
   Crystal Units/MEMS Resonators
02/23/2024
More results

Podobny opis - CSALS20M0X53-A0

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Murata Manufacturing Co...
CSALS24M0X53-A0 MURATA-CSALS24M0X53-A0 Datasheet
184Kb / 3P
   stable over a wide temperature range
CSALS16M9X55-A0 MURATA-CSALS16M9X55-A0 Datasheet
187Kb / 3P
   stable over a wide temperature range
CSALS24M5X53-B0 MURATA-CSALS24M5X53-B0 Datasheet
193Kb / 3P
   stable over a wide temperature range
CSALS33M8X51-B0 MURATA-CSALS33M8X51-B0 Datasheet
183Kb / 3P
   stable over a wide temperature range
CSALS16M0X55-B0 MURATA-CSALS16M0X55-B0 Datasheet
187Kb / 3P
   stable over a wide temperature range
CSALS16M0X55Z-B0 MURATA-CSALS16M0X55Z-B0 Datasheet
187Kb / 3P
   stable over a wide temperature range
CSALS20M0X53-B0 MURATA-CSALS20M0X53-B0 Datasheet
184Kb / 3P
   stable over a wide temperature range
CSALS24M0X53-B0 MURATA-CSALS24M0X53-B0 Datasheet
184Kb / 3P
   stable over a wide temperature range
CSALS27M0X51-B0 MURATA-CSALS27M0X51-B0 Datasheet
184Kb / 3P
   stable over a wide temperature range
logo
Murata Manufacturing Co...
CSTLS30M0X53Z-B0 MURATA1-CSTLS30M0X53Z-B0 Datasheet
188Kb / 3P
   Stable over a wide temperature range.
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com