Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM2663M Arkusz danych(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Numer części LM2663M
Szczegółowy opis  LM266x Switched Capacitor Voltage Converter
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

LM2663M Arkusz danych(HTML) 3 Page - Texas Instruments

  LM2663M Datasheet HTML 1Page - Texas Instruments LM2663M Datasheet HTML 2Page - Texas Instruments LM2663M Datasheet HTML 3Page - Texas Instruments LM2663M Datasheet HTML 4Page - Texas Instruments LM2663M Datasheet HTML 5Page - Texas Instruments LM2663M Datasheet HTML 6Page - Texas Instruments LM2663M Datasheet HTML 7Page - Texas Instruments LM2663M Datasheet HTML 8Page - Texas Instruments LM2663M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
LM2662, LM2663
www.ti.com
SNVS002E – JANUARY 1999 – REVISED OCTOBER 2014
5 Pin Configuration and Functions
8 Pins
8 Pins
LM2662 SOIC (D)
LM2663 SOIC (D)
Top View
Top View
Pin Functions
PIN
DESCRIPTION
TYPE
NUMBE
NAME
VOLTAGE INVERTER
VOLTAGE DOUBLER
R
FC
Frequency control for internal oscillator:
(LM2662)
Input
FC = open, ƒOSC = 20 kHz (typ);
1
Same as inverter.
FC = V+, ƒOSC = 150 kHz (typ);
FC has no effect when OSC pin is driven
externally.
SD
Shutdown control pin, tie this pin to the ground
1
Input
Same as inverter.
(LM2663)
in normal operation.
CAP+
Connect this pin to the positive terminal of
2
Power
Same as inverter.
charge-pump capacitor.
3
GND
Ground
Power supply ground input.
Power supply positive voltage input.
CAP
Connect this pin to the negative terminal of
4
Power
Same as inverter.
charge-pump capacitor.
5
OUT
Power
Negative voltage output.
Power supply ground input.
LV
Low-voltage operation input. Tie LV to GND
when input voltage is less than 3.5 V. Above
6
Input
3.5 V, LV can be connected to GND or left
LV must be tied to OUT.
open. When driving OSC with an external
clock, LV must be connected to GND.
OSC
Oscillator control input. OSC is connected to
an internal 15-pF capacitor. An external
Same as inverter except that OSC cannot be
7
Input
capacitor can be connected to slow the
driven by an external clock.
oscillator. Also, an external clock can be used
to drive OSC.
V+
Power
Power supply positive voltage input.
8
Positive voltage output.
Input
Copyright © 1999–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM2662 LM2663


Podobny numer części - LM2663M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM2663M NSC-LM2663M Datasheet
282Kb / 12P
   Switched Capacitor Voltage Converter
logo
Texas Instruments
LM2663M TI-LM2663M Datasheet
1Mb / 19P
[Old version datasheet]   LM2662/LM2663 Switched Capacitor Voltage Converter
LM2663MX TI-LM2663MX Datasheet
1Mb / 19P
[Old version datasheet]   LM2662/LM2663 Switched Capacitor Voltage Converter
More results

Podobny opis - LM2663M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM2664 NSC-LM2664 Datasheet
222Kb / 9P
   Switched Capacitor Voltage Converter
LM2767 NSC-LM2767 Datasheet
194Kb / 9P
   Switched Capacitor Voltage Converter
logo
TelCom Semiconductor, I...
TC828A TELCOM-TC828A Datasheet
67Kb / 8P
   Switched Capacitor Voltage Converter
logo
National Semiconductor ...
LM2766 NSC-LM2766 Datasheet
220Kb / 9P
   Switched Capacitor Voltage Converter
logo
Analog Intergrations Co...
AIC7660 AIC-AIC7660 Datasheet
317Kb / 11P
   Switched-Capacitor Voltage Converter
logo
Texas Instruments
156869 TI-156869 Datasheet
653Kb / 9P
[Old version datasheet]   Switched Capacitor Voltage Converter
logo
National Semiconductor ...
LM2662 NSC-LM2662 Datasheet
282Kb / 12P
   Switched Capacitor Voltage Converter
LM2681 NSC-LM2681 Datasheet
201Kb / 8P
   Switched Capacitor Voltage Converter
logo
ON Semiconductor
MAX829 ONSEMI-MAX829 Datasheet
158Kb / 18P
   Switched Capacitor Voltage Converter
July, 2004 ??Rev. 3
logo
Texas Instruments
LM2665 TI1-LM2665_16 Datasheet
1Mb / 20P
[Old version datasheet]   Switched Capacitor Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com