Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM2664M6X Arkusz danych(PDF) 11 Page - Texas Instruments

Numer części LM2664M6X
Szczegółowy opis  LM2664 Switched Capacitor Voltage Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

LM2664M6X Arkusz danych(HTML) 11 Page - Texas Instruments

Back Button LM2664M6X Datasheet HTML 7Page - Texas Instruments LM2664M6X Datasheet HTML 8Page - Texas Instruments LM2664M6X Datasheet HTML 9Page - Texas Instruments LM2664M6X Datasheet HTML 10Page - Texas Instruments LM2664M6X Datasheet HTML 11Page - Texas Instruments LM2664M6X Datasheet HTML 12Page - Texas Instruments LM2664M6X Datasheet HTML 13Page - Texas Instruments LM2664M6X Datasheet HTML 14Page - Texas Instruments LM2664M6X Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LM2664
www.ti.com
SNVS005E – NOVEMBER 1999 – REVISED DECEMBER 2014
Figure 13. Increasing Output Voltage by Cascading Devices
9.2.2.3 Combined Doubler and Inverter
In Figure 14, the LM2664 is used to provide a positive voltage doubler and a negative voltage converter. Note
that the total current drawn from the two outputs should not exceed 50 mA.
Figure 14. Combined Voltage Doubler and Inverter
9.2.2.4 Regulating VOUT
It is possible to regulate the negative output of the LM2664 by use of a low dropout regulator (such as LP2980).
The whole converter is depicted in Figure 15. This converter can give a regulated output from
−1.8 V to −5.5 V
by choosing the proper resistor ratio:
VOUT = Vref (1 + R1/R2)
(5)
where, Vref = 1.23 V
(6)
Note that the following conditions must be satisfied simultaneously for worst case design:
Vin_min > Vout_min + Vdrop_max (LP2980)
(7)
+ Iout_max × Rout_max (LM2664)
(8)
Vin_max < Vout_max + Vdrop_min (LP2980)
(9)
+ Iout_min × Rout_min (LM2664)
(10)
space
Copyright © 1999–2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM2664


Podobny numer części - LM2664M6X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM2664M6X NSC-LM2664M6X Datasheet
222Kb / 9P
   Switched Capacitor Voltage Converter
logo
Texas Instruments
LM2664M6X TI-LM2664M6X Datasheet
653Kb / 9P
[Old version datasheet]   Switched Capacitor Voltage Converter
More results

Podobny opis - LM2664M6X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM2664 NSC-LM2664 Datasheet
222Kb / 9P
   Switched Capacitor Voltage Converter
LM2767 NSC-LM2767 Datasheet
194Kb / 9P
   Switched Capacitor Voltage Converter
logo
TelCom Semiconductor, I...
TC828A TELCOM-TC828A Datasheet
67Kb / 8P
   Switched Capacitor Voltage Converter
logo
National Semiconductor ...
LM2766 NSC-LM2766 Datasheet
220Kb / 9P
   Switched Capacitor Voltage Converter
logo
Analog Intergrations Co...
AIC7660 AIC-AIC7660 Datasheet
317Kb / 11P
   Switched-Capacitor Voltage Converter
logo
Texas Instruments
156869 TI-156869 Datasheet
653Kb / 9P
[Old version datasheet]   Switched Capacitor Voltage Converter
logo
National Semiconductor ...
LM2662 NSC-LM2662 Datasheet
282Kb / 12P
   Switched Capacitor Voltage Converter
LM2681 NSC-LM2681 Datasheet
201Kb / 8P
   Switched Capacitor Voltage Converter
logo
ON Semiconductor
MAX829 ONSEMI-MAX829 Datasheet
158Kb / 18P
   Switched Capacitor Voltage Converter
July, 2004 ??Rev. 3
logo
Texas Instruments
LM2665 TI1-LM2665_16 Datasheet
1Mb / 20P
[Old version datasheet]   Switched Capacitor Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com