Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM2696 Arkusz danych(PDF) 4 Page - Texas Instruments

Numer części LM2696
Szczegółowy opis  LM2696 3A, Constant On Time Buck Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

LM2696 Arkusz danych(HTML) 4 Page - Texas Instruments

  LM2696_15 Datasheet HTML 1Page - Texas Instruments LM2696_15 Datasheet HTML 2Page - Texas Instruments LM2696_15 Datasheet HTML 3Page - Texas Instruments LM2696_15 Datasheet HTML 4Page - Texas Instruments LM2696_15 Datasheet HTML 5Page - Texas Instruments LM2696_15 Datasheet HTML 6Page - Texas Instruments LM2696_15 Datasheet HTML 7Page - Texas Instruments LM2696_15 Datasheet HTML 8Page - Texas Instruments LM2696_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LM2696
SNVS375B – OCTOBER 2005 – REVISED APRIL 2013
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
Specifications with standard typeface are for TJ = 25°C, and those in boldface type apply over the full Operating
Temperature Range (TJ = −40°C to +125°C). Minimum and Maximum limits are specified through test, design or statistical
correlation. Typical values represent the most likely parametric norm at TJ = 25°C and are provided for reference purposes
only. Unless otherwise specified VIN = 12V.
Symbol
Parameter
Condition
Min
Typ
Max
Units
ISS SINK
Soft-Start Pin Sink Current
VSS = 1.2V
15
mA
VSD = 0V
ISD
Shutdown Pull-Up Current
VSD = 0V
1
3
µA
VIH
SD Pin Minimum High Input Level
1.8
V
VIL
SD Pin Maximum Low Input Level
0.6
V
θJ-A
Thermal Resistance
35.1
°C/W
4
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM2696


Podobny numer części - LM2696_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM2696MXA NSC-LM2696MXA Datasheet
833Kb / 19P
   3A, Constant On Time Buck Regulator
LM2696MXAX NSC-LM2696MXAX Datasheet
833Kb / 19P
   3A, Constant On Time Buck Regulator
More results

Podobny opis - LM2696_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM2696 NSC-LM2696 Datasheet
833Kb / 19P
   3A, Constant On Time Buck Regulator
logo
ON Semiconductor
FAN53730 ONSEMI-FAN53730 Datasheet
1Mb / 31P
   Buck Regulator 3A, Constant On Time (COT)
June, 2023 - Rev. 0
logo
Texas Instruments
LM5017MRX_NOPB TI1-LM5017MRX_NOPB Datasheet
1Mb / 19P
[Old version datasheet]   600mA Constant On-Time Synchronous Buck Regulator
LM25019 TI1-LM25019_16 Datasheet
1Mb / 28P
[Old version datasheet]   100-mA Constant On-Time Synchronous Buck Regulator
LM25017 TI-LM25017 Datasheet
337Kb / 19P
[Old version datasheet]   48V, 650mA Constant On-Time Synchronous Buck Regulator
LM5008A TI1-LM5008A_14 Datasheet
1Mb / 22P
[Old version datasheet]   350 mA Constant On-Time Buck Switching Regulator
LM5018 TI1-LM5018 Datasheet
414Kb / 17P
[Old version datasheet]   100V, 300mA Constant On-Time Synchronous Buck Regulator
LM25018 TI-LM25018 Datasheet
337Kb / 18P
[Old version datasheet]   48V, 325mA Constant On-Time Synchronous Buck Regulator
LM25019 TI-LM25019 Datasheet
331Kb / 18P
[Old version datasheet]   48V, 100mA Constant On-Time Synchronous Buck Regulator
LM5017 TI1-LM5017 Datasheet
431Kb / 19P
[Old version datasheet]   100V, 600mA Constant On-Time Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com