Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM2696 Arkusz danych(PDF) 11 Page - Texas Instruments

Numer części LM2696
Szczegółowy opis  LM2696 3A, Constant On Time Buck Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

LM2696 Arkusz danych(HTML) 11 Page - Texas Instruments

Back Button LM2696_15 Datasheet HTML 7Page - Texas Instruments LM2696_15 Datasheet HTML 8Page - Texas Instruments LM2696_15 Datasheet HTML 9Page - Texas Instruments LM2696_15 Datasheet HTML 10Page - Texas Instruments LM2696_15 Datasheet HTML 11Page - Texas Instruments LM2696_15 Datasheet HTML 12Page - Texas Instruments LM2696_15 Datasheet HTML 13Page - Texas Instruments LM2696_15 Datasheet HTML 14Page - Texas Instruments LM2696_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Cff_MAX =
(VIN_MIN - VFB) x TON_MIN
0.03V x Rff
pF
Rff
RFB1
RFB2
Cff
SW
FB
L
COUT
VOUT
H =
VOUT
VFB
=
VOUT
1.25V
LM2696
www.ti.com
SNVS375B – OCTOBER 2005 – REVISED APRIL 2013
To ensure stability, two constraints need to be met. These constraints are the voltage ripple at the feedback pin
must be greater than some minimum value and the voltage ripple must be in phase with the switch pin.
The ripple voltage necessary at the feedback pin may be estimated using the following relationship:
ΔVFB > −0.057 • fSW + 35
where
fSW is in kHz
ΔVFB is in mV.
(9)
This minimum ripple voltage is necessary in order for the comparator to initiate switching. The voltage ripple at
the feedback pin must be in-phase with the switch. Because the ripple due to the capacitor charging and
capacitor ESR are out of phase, the ripple due to capacitor ESR must dominate.
The ripple at the output may be calculated by multiplying the feedback ripple voltage by the gain seen through
the feedback resistors. This gain H may be expressed as:
(10)
To simplify design and eliminate the need for high ESR output capacitors, an RC network may be used to feed
forward a signal from the switchpin to the feedback (FB) pin. See the ‘RIPPLE FEED FORWARD’ section for
more details.
Typically, the best performance is obtained using POSCAPs, SP CAPs, tantalum, Niobium Oxide, or similar
chemistry type capacitors. Low ESR ceramic capacitors may be used in conjunction with the RC feed forward
scheme; however, the feed forward voltage at the feedback pin must be greater than 30 mV.
RIPPLE FEED FORWARD
An RC network may be used to eliminate the need for high ESR capacitors. Such a network is connected as
shown in Figure 18.
Figure 18. RC Feed Forward Network
The value of Rff should be large in order to prevent any potential offset in VOUT. Typically the value of Rff is on the
order of 1 M
Ω and the value of RFB1 should be less than 10 kΩ. The large difference in resistor values minimizes
output voltage offset errors in DCM. The value of the capacitor may be selected using the following relationship:
where
on-time (TON_MIN) is in µs
resistance (Rff) is in MΩ.
(11)
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM2696


Podobny numer części - LM2696_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM2696MXA NSC-LM2696MXA Datasheet
833Kb / 19P
   3A, Constant On Time Buck Regulator
LM2696MXAX NSC-LM2696MXAX Datasheet
833Kb / 19P
   3A, Constant On Time Buck Regulator
More results

Podobny opis - LM2696_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM2696 NSC-LM2696 Datasheet
833Kb / 19P
   3A, Constant On Time Buck Regulator
logo
ON Semiconductor
FAN53730 ONSEMI-FAN53730 Datasheet
1Mb / 31P
   Buck Regulator 3A, Constant On Time (COT)
June, 2023 - Rev. 0
logo
Texas Instruments
LM5017MRX_NOPB TI1-LM5017MRX_NOPB Datasheet
1Mb / 19P
[Old version datasheet]   600mA Constant On-Time Synchronous Buck Regulator
LM25019 TI1-LM25019_16 Datasheet
1Mb / 28P
[Old version datasheet]   100-mA Constant On-Time Synchronous Buck Regulator
LM25017 TI-LM25017 Datasheet
337Kb / 19P
[Old version datasheet]   48V, 650mA Constant On-Time Synchronous Buck Regulator
LM5008A TI1-LM5008A_14 Datasheet
1Mb / 22P
[Old version datasheet]   350 mA Constant On-Time Buck Switching Regulator
LM5018 TI1-LM5018 Datasheet
414Kb / 17P
[Old version datasheet]   100V, 300mA Constant On-Time Synchronous Buck Regulator
LM25018 TI-LM25018 Datasheet
337Kb / 18P
[Old version datasheet]   48V, 325mA Constant On-Time Synchronous Buck Regulator
LM25019 TI-LM25019 Datasheet
331Kb / 18P
[Old version datasheet]   48V, 100mA Constant On-Time Synchronous Buck Regulator
LM5017 TI1-LM5017 Datasheet
431Kb / 19P
[Old version datasheet]   100V, 600mA Constant On-Time Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com