Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM2773 Arkusz danych(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Numer części LM2773
Szczegółowy opis  LM2773 Low-Ripple 1.8V/1.6V Spread-Spectrum Switched Capacitor Step-Down Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

LM2773 Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button LM2773 Datasheet HTML 6Page - Texas Instruments LM2773 Datasheet HTML 7Page - Texas Instruments LM2773 Datasheet HTML 8Page - Texas Instruments LM2773 Datasheet HTML 9Page - Texas Instruments LM2773 Datasheet HTML 10Page - Texas Instruments LM2773 Datasheet HTML 11Page - Texas Instruments LM2773 Datasheet HTML 12Page - Texas Instruments LM2773 Datasheet HTML 13Page - Texas Instruments LM2773 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
LM2773
SNVS554A – JANUARY 2008 – REVISED MAY 2013
www.ti.com
Soft Start
The LM2773 employs soft start circuitry to prevent excessive input inrush currents during startup. At startup, the
output voltage gradually rises from 0V to the nominal output voltage. This occurs in 150µs (typ.). Soft-start is
engaged when the part is enabled.
Thermal Shutdown
Protection from damage related to overheating is achieved with a thermal shutdown feature. When the junction
temperature rises to 150°C (typ.), the part switches into shutdown mode. The LM2773 disengages thermal
shutdown when the junction temperature of the part is reduced to 140°C (typ.). Due to the high efficiency of the
LM2773, thermal shutdown and/or thermal cycling should not be encountered when the part is operated within
specified input voltage, output current, and ambient temperature operating ratings. If thermal cycling is seen
under these conditions, the most likely cause is an inadequate PCB layout that does not allow heat to be
sufficiently dissipated out of the DSBGA package.
Current Limit Protection
The LM2773 charge pump contains current limit protection circuitry that protects the device during VOUT fault
conditions where excessive current is drawn. Output current is limited to 500mA (typ).
APPLICATION INFORMATION
Recommended Capacitor Types
The LM2773 requires 4 external capacitors for proper operation. Surface-mount multi-layer ceramic capacitors
are recommended. These capacitors are small, inexpensive and have very low equivalent series resistance
(ESR,
≤ 15mΩ typ.). Tantalum capacitors, OS-CON capacitors, and aluminum electrolytic capacitors generally
are not recommended for use with the LM2773 due to their high ESR, as compared to ceramic capacitors.
For most applications, ceramic capacitors with an X7R or X5R temperature characteristic are preferred for use
with the LM2773. These capacitors have tight capacitance tolerance (as good as ±10%) and hold their value over
temperature (X7R: ±15% over -55°C to 125°C; X5R: ±15% over -55°C to 85°C).
Capacitors with a Y5V or Z5U temperature characteristic are generally not recommended for use with the
LM2773. These types of capacitors typically have wide capacitance tolerance (+80%, -20%) and vary
significantly over temperature (Y5V: +22%, -82% over -30°C to +85°C range; Z5U: +22%, -56% over +10°C to
+85°C range). Under some conditions, a 1µF-rated Y5V or Z5U capacitor could have a capacitance as low as
0.1µF. Such detrimental deviation is likely to cause Y5V and Z5U capacitors to fail to meet the minimum
capacitance requirements of the LM2773.
Net capacitance of a ceramic capacitor decreases with increased DC bias. This degradation can result in lower
capacitance than expected on the input and/or output, resulting in higher ripple voltages and currents. Using
capacitors at DC bias voltages significantly below the capacitor voltage rating will usually minimize DC bias
effects. Consult capacitor manufacturers for information on capacitor DC bias characteristics.
Capacitance characteristics can vary quite dramatically with different application conditions, capacitor types, and
capacitor manufacturers. It is strongly recommended that the LM2773 circuit be thoroughly evaluated early in the
design-in process with the mass-production capacitors of choice. This will help ensure that any such variability in
capacitance does not negatively impact circuit performance.
The table below lists some leading ceramic capacitor manufacturers.
Manufacturer
Contact Information
AVX
www.avx.com
Murata
www.murata.com
Taiyo-Yuden
www.t-yuden.com
TDK
www.component.tdk.com
Vishay-Vitramon
www.vishay.com
10
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM2773


Podobny numer części - LM2773

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM2773 NSC-LM2773 Datasheet
326Kb / 12P
   Low-Ripple 1.8V/1.6V Spread-Spectrum Switched Capacitor Step-Down Regulator
LM2773TL NSC-LM2773TL Datasheet
326Kb / 12P
   Low-Ripple 1.8V/1.6V Spread-Spectrum Switched Capacitor Step-Down Regulator
LM2773TLX NSC-LM2773TLX Datasheet
326Kb / 12P
   Low-Ripple 1.8V/1.6V Spread-Spectrum Switched Capacitor Step-Down Regulator
More results

Podobny opis - LM2773

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM2773 NSC-LM2773 Datasheet
326Kb / 12P
   Low-Ripple 1.8V/1.6V Spread-Spectrum Switched Capacitor Step-Down Regulator
LM2772 NSC-LM2772 Datasheet
1Mb / 12P
   Low-Ripple Switched Capacitor Step-Down Regulator
logo
Texas Instruments
LM2772 TI1-LM2772 Datasheet
2Mb / 16P
[Old version datasheet]   Low-Ripple Switched Capacitor Step-Down Regulator
LM2772 TI-LM2772_15 Datasheet
2Mb / 17P
[Old version datasheet]   LM2772 Low-Ripple Switched Capacitor Step-Down Regulator
LM2771 TI1-LM2771 Datasheet
1Mb / 16P
[Old version datasheet]   Low-Ripple 250mA Switched Capacitor Step-Down DC/DC Converter
logo
National Semiconductor ...
LM2771 NSC-LM2771 Datasheet
888Kb / 10P
   Low-Ripple 250mA Switched Capacitor Step-Down DC/DC Converter
logo
Analog Devices
LTC7803 AD-LTC7803 Datasheet
1Mb / 36P
   40V Low IQ, 3MHz Synchronous Step-Down Controller with Spread Spectrum
logo
National Semiconductor ...
LM2780 NSC-LM2780 Datasheet
162Kb / 7P
   Ultra-Low Ripple Switched Capacitor Voltage Inverter
logo
Linear Technology
LTC3543 LINER-LTC3543_15 Datasheet
339Kb / 20P
   600mA Synchronous Step Down Buck Regulator with PLL, Soft-Start and Spread Spectrum
logo
National Semiconductor ...
LM2781 NSC-LM2781 Datasheet
162Kb / 7P
   Ultra-Low Ripple Switched Capacitor Voltage Inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com