Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM2775 Arkusz danych(PDF) 9 Page - Texas Instruments

Numer części LM2775
Szczegółowy opis  LM2775 Switched Capacitor 5-V Boost Converter
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

LM2775 Arkusz danych(HTML) 9 Page - Texas Instruments

Back Button LM2775_15 Datasheet HTML 5Page - Texas Instruments LM2775_15 Datasheet HTML 6Page - Texas Instruments LM2775_15 Datasheet HTML 7Page - Texas Instruments LM2775_15 Datasheet HTML 8Page - Texas Instruments LM2775_15 Datasheet HTML 9Page - Texas Instruments LM2775_15 Datasheet HTML 10Page - Texas Instruments LM2775_15 Datasheet HTML 11Page - Texas Instruments LM2775_15 Datasheet HTML 12Page - Texas Instruments LM2775_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
12
11
12
11
S2
S4
S1
S3
1.2-V
Ref.
2-MHz
Osc.
OCL
OCL =
Current Limit
VIN
VOUT
C1-
C1+
EN
LM2775
GND
PFM EN
PFM
OUTDIS
LM2775
www.ti.com
SNVSA57 – MAY 2015
7 Detailed Description
7.1 Overview
The LM2775 is a regulated switched capacitor doubler that, by combining the principles of switched-capacitor
voltage boost and linear regulation, generates a regulated output from an extended Li-Ion input voltage range. A
two-phase non-overlapping clock generated internally controls the operation of the doubler. During the charge
phase (
φ1), the flying capacitor (C1) is connected between the input and ground through internal pass transistor
switches and is charged to the input voltage. In the pump phase that follows (
φ2), the flying capacitor is
connected between the input and output through similar switches. Stacked atop the input, the charge of the flying
capacitor boosts the output voltage and supplies the load current.
A traditional switched capacitor doubler operating in this manner uses switches with very low on-resistance to
generate an output voltage that is 2× the input voltage. Regulation is achieved by modulating the current of the
two switches connected to the VIN pin (one switch in each phase).
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Pre-Regulation
The very low input current ripple of the LM2775, resulting from internal pre-regulation, adds minimal noise to the
input line. The core of the LM2775 is very similar to that of a basic switched capacitor doubler: it is composed of
four switches and a flying capacitor (external). Regulation is achieved by controlling the current through the two
switches connected to the VIN pin (one switch in each phase). The regulation is done before the voltage
doubling, giving rise to the term "pre-regulation". It is pre-regulation that eliminates most of the input current
ripple that is a typical and undesirable characteristic of a many switched capacitor converters.
7.3.2 Input Current Limit
The LM2775 contains current limit circuitry that protects the device in the event of excessive input current and/or
output shorts to ground. The input current is limited to 600 mA (typical) when the output is shorted directly to
ground. When the LM2775 is current limiting, power dissipation in the device is likely to be quite high. In this
event, thermal cycling should be expected.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM2775


Podobny numer części - LM2775_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM2775-Q1 TI1-LM2775-Q1 Datasheet
2Mb / 30P
[Old version datasheet]   Switched Capacitor 5-V Boost Converter
LM2775QDSGRQ1 TI1-LM2775QDSGRQ1 Datasheet
2Mb / 30P
[Old version datasheet]   Switched Capacitor 5-V Boost Converter
LM2775QDSGTQ1 TI1-LM2775QDSGTQ1 Datasheet
2Mb / 30P
[Old version datasheet]   Switched Capacitor 5-V Boost Converter
More results

Podobny opis - LM2775_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM2775-Q1 TI1-LM2775-Q1 Datasheet
2Mb / 30P
[Old version datasheet]   Switched Capacitor 5-V Boost Converter
logo
YOBON TECHNOLOGIES,INC.
YB1300S YOBON-YB1300S_09 Datasheet
381Kb / 8P
   Switched Capacitor Boost Converter 5V/4.5V
YB1300S YOBON-YB1300S Datasheet
368Kb / 8P
   Switched Capacitor Boost Converter 5V/4.5V
logo
National Semiconductor ...
LM3354 NSC-LM3354 Datasheet
394Kb / 12P
   Regulated 90mA Buck-Boost Switched Capacitor DC/DC Converter
LM3355 NSC-LM3355 Datasheet
185Kb / 9P
   Regulated 50mA Buck-Boost Switched Capacitor DC/DC Converter
LM2664 NSC-LM2664 Datasheet
222Kb / 9P
   Switched Capacitor Voltage Converter
LM2767 NSC-LM2767 Datasheet
194Kb / 9P
   Switched Capacitor Voltage Converter
logo
TelCom Semiconductor, I...
TC828A TELCOM-TC828A Datasheet
67Kb / 8P
   Switched Capacitor Voltage Converter
logo
National Semiconductor ...
LM2766 NSC-LM2766 Datasheet
220Kb / 9P
   Switched Capacitor Voltage Converter
logo
Analog Intergrations Co...
AIC7660 AIC-AIC7660 Datasheet
317Kb / 11P
   Switched-Capacitor Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com