Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM2830 Arkusz danych(PDF) 9 Page - Texas Instruments

Numer części LM2830
Szczegółowy opis  LM2830/-Q1 High-Frequency 1.0-A Load Step-Down DC-DC Regulator
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

LM2830 Arkusz danych(HTML) 9 Page - Texas Instruments

Back Button LM2830_15 Datasheet HTML 5Page - Texas Instruments LM2830_15 Datasheet HTML 6Page - Texas Instruments LM2830_15 Datasheet HTML 7Page - Texas Instruments LM2830_15 Datasheet HTML 8Page - Texas Instruments LM2830_15 Datasheet HTML 9Page - Texas Instruments LM2830_15 Datasheet HTML 10Page - Texas Instruments LM2830_15 Datasheet HTML 11Page - Texas Instruments LM2830_15 Datasheet HTML 12Page - Texas Instruments LM2830_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
0
0
VIN
VD
TON
t
t
Inductor
Current
D = TON/TSW
VSW
TOFF
TSW
IL
IPK
SW
Voltage
LM2830, LM2830-Q1
www.ti.com
SNVS454E – AUGUST 2006 – REVISED DECEMBER 2014
7 Detailed Description
7.1 Overview
The LM2830 device is a constant frequency PWM buck regulator IC that delivers a 1.0-A load current. The
regulator has a preset switching frequency of 1.6 MHz or 3.0 MHz. This high frequency allows the LM2830
device to operate with small surface-mount capacitors and inductors, resulting in a DC-DC converter that
requires a minimum amount of board space. The LM2830 device is internally compensated, so it is simple to use
and requires few external components. The LM2830 device uses current-mode control to regulate the output
voltage.
The following operating description of the LM2830 device will refer to the Simplified Block Diagram (Functional
Block Diagram) and to the waveforms in Figure 18. The LM2830 device supplies a regulated output voltage by
switching the internal PMOS control switch at constant frequency and variable duty cycle. A switching cycle
begins at the falling edge of the reset pulse generated by the internal oscillator. When this pulse goes low, the
output control logic turns on the internal PMOS control switch. During this on-time, the SW pin voltage (VSW)
swings up to approximately VIN, and the inductor current (IL) increases with a linear slope. IL is measured by the
current sense amplifier, which generates an output proportional to the switch current. The sense signal is
summed with the regulator’s corrective ramp and compared to the error amplifier’s output, which is proportional
to the difference between the feedback voltage and VREF. When the PWM comparator output goes high, the
output switch turns off until the next switching cycle begins. During the switch off-time, inductor current
discharges through the Schottky catch diode, which forces the SW pin to swing below ground by the forward
voltage (VD) of the Schottky catch diode. The regulator loop adjusts the duty cycle (D) to maintain a constant
output voltage.
Figure 18. Typical Waveforms
Copyright © 2006–2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM2830 LM2830-Q1


Podobny numer części - LM2830_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM2830X NSC-LM2830X Datasheet
860Kb / 24P
   High Frequency 1.0A Load - Step-Down DC-DC Regulator
LM2830XMF NSC-LM2830XMF Datasheet
860Kb / 24P
   High Frequency 1.0A Load - Step-Down DC-DC Regulator
LM2830XMFX NSC-LM2830XMFX Datasheet
860Kb / 24P
   High Frequency 1.0A Load - Step-Down DC-DC Regulator
LM2830ZMF NSC-LM2830ZMF Datasheet
860Kb / 24P
   High Frequency 1.0A Load - Step-Down DC-DC Regulator
LM2830ZMFX NSC-LM2830ZMFX Datasheet
860Kb / 24P
   High Frequency 1.0A Load - Step-Down DC-DC Regulator
More results

Podobny opis - LM2830_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM2831 TI-LM2831_15 Datasheet
1Mb / 38P
[Old version datasheet]   LM2831 High-Frequency 1.5-A Load ??Step-Down DC-DC Regulator
LM2832 TI1-LM2832 Datasheet
1Mb / 34P
[Old version datasheet]   High Frequency 2.0A Load - Step-Down DC-DC Regulator
logo
National Semiconductor ...
LM2832 NSC-LM2832 Datasheet
893Kb / 27P
   High Frequency 2.0A Load - Step-Down DC-DC Regulator
logo
Texas Instruments
LM2831 TI1-LM2831_14 Datasheet
1Mb / 34P
[Old version datasheet]   High Frequency 1.5A Load - Step-Down DC-DC Regulator
LM2832 TI1-LM2832_14 Datasheet
1Mb / 33P
[Old version datasheet]   High Frequency 2.0A Load - Step-Down DC-DC Regulator
logo
National Semiconductor ...
LM2830 NSC-LM2830 Datasheet
860Kb / 24P
   High Frequency 1.0A Load - Step-Down DC-DC Regulator
LM2831 NSC-LM2831 Datasheet
890Kb / 27P
   High Frequency 1.5A Load - Step-Down DC-DC Regulator
logo
Texas Instruments
LM2734Z TI1-LM2734Z_16 Datasheet
1Mb / 36P
[Old version datasheet]   Thin SOT 1-A Load Step-Down DC-DC Regulator
LM2734 TI-LM2734_15 Datasheet
1Mb / 37P
[Old version datasheet]   LM2734 Thin SOT 1-A Load Step-Down DC-DC Regulator
logo
National Semiconductor ...
LM2736 NSC-LM2736 Datasheet
444Kb / 22P
   Thin SOT23 750mA Load Step-Down DC-DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com