Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM2830-Q1 Arkusz danych(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Numer części LM2830-Q1
Szczegółowy opis  LM2830/-Q1 High-Frequency 1.0-A Load Step-Down DC-DC Regulator
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

LM2830-Q1 Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button LM2830-Q1 Datasheet HTML 6Page - Texas Instruments LM2830-Q1 Datasheet HTML 7Page - Texas Instruments LM2830-Q1 Datasheet HTML 8Page - Texas Instruments LM2830-Q1 Datasheet HTML 9Page - Texas Instruments LM2830-Q1 Datasheet HTML 10Page - Texas Instruments LM2830-Q1 Datasheet HTML 11Page - Texas Instruments LM2830-Q1 Datasheet HTML 12Page - Texas Instruments LM2830-Q1 Datasheet HTML 13Page - Texas Instruments LM2830-Q1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
cv
S
R
R
Q
GND
FB
SW
VIN
EN
+
-


DRIVER
Artificial
Ramp
SHDN
Thermal
SHDN
OVP
1.6 MHz
Comp
Internal -
SENSE
I
LIMIT
I
LDO
Internal -
START
SOFT -
PFET
SENSE
I
ENABLE and UVLO
15
.
1
x
REF
V
Control Logic
VREF = 0.6V
LM2830, LM2830-Q1
SNVS454E – AUGUST 2006 – REVISED DECEMBER 2014
www.ti.com
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Soft-Start
This function forces VOUT to increase at a controlled rate during start up. During soft-start, the error reference
voltage of the amplifier ramps from 0 V to its nominal value of 0.6 V in approximately 600 µs. This forces the
regulator output to ramp up in a controlled fashion, which helps reduce inrush current.
7.3.2 Output Overvoltage Protection
The overvoltage comparator compares the FB pin voltage to a voltage that is 15% higher than the internal
reference VREF. Once the FB pin voltage goes 15% above the internal reference, the internal PMOS control
switch is turned off, which allows the output voltage to decrease toward regulation.
7.3.3 Undervoltage Lockout
Undervoltage lockout (UVLO) prevents the LM2830 device from operating until the input voltage exceeds 2.73 V
(typical). The UVLO threshold has approximately 430 mV of hysteresis, so the part will operate until VIN drops
below 2.3V (typical). Hysteresis prevents the part from turning off during power up if VIN is nonmonotonic.
10
Submit Documentation Feedback
Copyright © 2006–2014, Texas Instruments Incorporated
Product Folder Links: LM2830 LM2830-Q1


Podobny numer części - LM2830-Q1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM2830 NSC-LM2830 Datasheet
860Kb / 24P
   High Frequency 1.0A Load - Step-Down DC-DC Regulator
logo
Texas Instruments
LM2830 TI-LM2830 Datasheet
1Mb / 33P
[Old version datasheet]   LM2830Z-Q1 and LM2830X-Q1 in the SOT-23 Package are Automotive Grade Products that are AEC-Q100 Grade 1 Qualified (-40째C to 125째C Operating Junction Temperature)
logo
National Semiconductor ...
LM2830X NSC-LM2830X Datasheet
860Kb / 24P
   High Frequency 1.0A Load - Step-Down DC-DC Regulator
LM2830XMF NSC-LM2830XMF Datasheet
860Kb / 24P
   High Frequency 1.0A Load - Step-Down DC-DC Regulator
LM2830XMFX NSC-LM2830XMFX Datasheet
860Kb / 24P
   High Frequency 1.0A Load - Step-Down DC-DC Regulator
More results

Podobny opis - LM2830-Q1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM2831 TI-LM2831_15 Datasheet
1Mb / 38P
[Old version datasheet]   LM2831 High-Frequency 1.5-A Load ??Step-Down DC-DC Regulator
LM2832 TI1-LM2832 Datasheet
1Mb / 34P
[Old version datasheet]   High Frequency 2.0A Load - Step-Down DC-DC Regulator
logo
National Semiconductor ...
LM2832 NSC-LM2832 Datasheet
893Kb / 27P
   High Frequency 2.0A Load - Step-Down DC-DC Regulator
logo
Texas Instruments
LM2831 TI1-LM2831_14 Datasheet
1Mb / 34P
[Old version datasheet]   High Frequency 1.5A Load - Step-Down DC-DC Regulator
LM2832 TI1-LM2832_14 Datasheet
1Mb / 33P
[Old version datasheet]   High Frequency 2.0A Load - Step-Down DC-DC Regulator
logo
National Semiconductor ...
LM2830 NSC-LM2830 Datasheet
860Kb / 24P
   High Frequency 1.0A Load - Step-Down DC-DC Regulator
LM2831 NSC-LM2831 Datasheet
890Kb / 27P
   High Frequency 1.5A Load - Step-Down DC-DC Regulator
logo
Texas Instruments
LM2734Z TI1-LM2734Z_16 Datasheet
1Mb / 36P
[Old version datasheet]   Thin SOT 1-A Load Step-Down DC-DC Regulator
LM2734 TI-LM2734_15 Datasheet
1Mb / 37P
[Old version datasheet]   LM2734 Thin SOT 1-A Load Step-Down DC-DC Regulator
logo
National Semiconductor ...
LM2736 NSC-LM2736 Datasheet
444Kb / 22P
   Thin SOT23 750mA Load Step-Down DC-DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com