Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM2841 Arkusz danych(PDF) 2 Page - Texas Instruments

Numer części LM2841
Szczegółowy opis  Input Step-Down DC/DC Regulator in Thin SOT
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

LM2841 Arkusz danych(HTML) 2 Page - Texas Instruments

  LM2841_15 Datasheet HTML 1Page - Texas Instruments LM2841_15 Datasheet HTML 2Page - Texas Instruments LM2841_15 Datasheet HTML 3Page - Texas Instruments LM2841_15 Datasheet HTML 4Page - Texas Instruments LM2841_15 Datasheet HTML 5Page - Texas Instruments LM2841_15 Datasheet HTML 6Page - Texas Instruments LM2841_15 Datasheet HTML 7Page - Texas Instruments LM2841_15 Datasheet HTML 8Page - Texas Instruments LM2841_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
CB
1
2
3
4
5
6
LM2840/1/2
GND
FB
SW
PIN 1 ID
VIN
SHDN
LM2841, LM2842
SNVS540H – MARCH 2009 – REVISED APRIL 2013
www.ti.com
Connection Diagram
Top View
Figure 1. SOT 6 Lead
See Package Number DDC (R-PDSO-G6)
PIN DESCRIPTIONS
Pin
Name
Function
1
CB
SW FET gate bias voltage. Connect CBOOT cap between CB and SW.
2
GND
Ground connection.
Feedback pin: Set feedback voltage divider ratio with VOUT = VFB (1+(R1/R2)). Resistors should be
3
FB
in the 100-10K range to avoid input bias errors.
4
SHDN
Logic level shutdown input. Pull to GND to disable the device and pull high to enable the device. If
this function is not used tie to VIN or leave open.
5
VIN
Power input voltage pin: 4.5V to 42V normal operating range.
6
SW
Power FET output: Connect to inductor, diode, and CBOOT cap.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
2
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM2841 LM2842


Podobny numer części - LM2841_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM2841 TI1-LM2841_13 Datasheet
845Kb / 19P
[Old version datasheet]   LM2840/LM2841/LM2842/ LM2840-Q1/LM2841-Q1/LM2842-Q1 100/300/600 mA 42V Input Step-Down DC/DC Regulator in Thin SOT
More results

Podobny opis - LM2841_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM2840 TI1-LM2840 Datasheet
271Kb / 15P
[Old version datasheet]   100/300/600 mA 42V Input Step-Down DC/DC Regulator in Thin SOT-23
LM2734Z TI1-LM2734Z_16 Datasheet
1Mb / 36P
[Old version datasheet]   Thin SOT 1-A Load Step-Down DC-DC Regulator
LM2734 TI1-LM2734 Datasheet
1Mb / 31P
[Old version datasheet]   LM2734 Thin SOT 1A Load Step-Down DC-DC Regulator
LM2736YMKX TI-LM2736YMKX Datasheet
1Mb / 31P
[Old version datasheet]   LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736XMK TI-LM2736XMK Datasheet
1Mb / 31P
[Old version datasheet]   LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736YMK TI-LM2736YMK Datasheet
1Mb / 31P
[Old version datasheet]   LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736XMK TI1-LM2736XMK Datasheet
1Mb / 31P
[Old version datasheet]   LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736 TI-LM2736_15 Datasheet
1Mb / 36P
[Old version datasheet]   LM2736 Thin SOT 750 mA Load Step-Down DC-DC Regulator
LM2734Z TI-LM2734Z_15 Datasheet
1Mb / 32P
[Old version datasheet]   LM2734Z/LM2734ZQ Thin SOT 1A Load Step-Down DC-DC Regulator
LM2734 TI-LM2734_15 Datasheet
1Mb / 37P
[Old version datasheet]   LM2734 Thin SOT 1-A Load Step-Down DC-DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com