Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM3200 Arkusz danych(PDF) 7 Page - Texas Instruments

Numer części LM3200
Szczegółowy opis  LM3200 Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

LM3200 Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button LM3200_15 Datasheet HTML 3Page - Texas Instruments LM3200_15 Datasheet HTML 4Page - Texas Instruments LM3200_15 Datasheet HTML 5Page - Texas Instruments LM3200_15 Datasheet HTML 6Page - Texas Instruments LM3200_15 Datasheet HTML 7Page - Texas Instruments LM3200_15 Datasheet HTML 8Page - Texas Instruments LM3200_15 Datasheet HTML 9Page - Texas Instruments LM3200_15 Datasheet HTML 10Page - Texas Instruments LM3200_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
OUTPUT VOLTAGE (V)
70
75
80
85
90
95
100
RLOAD = 15:
VIN = 3.9V
RLOAD = 10:
5.5
5.0
4.5
4.0
3.5
3.0
2.5
INPUT VOLTAGE (V)
2.6
2.8
3
3.2
3.4
3.6
3.8
Bypass Mode
VOUT = 3.25V
RLOAD = 15:
PWM Mode
~Vbypass+
~Vbypass-
0.1
0.2
0.3
0.4
0.5
VCON VOLTAGE (V)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.0
VIN = 4.7V
RLOAD = 15:
VIN = 5.5V
VIN = 4.2V
0.4
0.6
0.8
1.0
1.2
1.4
VCON VOLTAGE (V)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0.2
VIN = 3.6V
Bypass Mode
IOUT = 200 mA
VIN = 3.0V
VIN = 2.7V
VIN = 4.2V
TA = -25°C
TA = 25°C
TA = 85°C
ILIM-BYP
= 965 mA
Max Load
Capability
0
200
400
600
800
1000
1200
OUTPUT CURRENT (mA)
1.0
0.8
0.6
0.4
0.2
0.0
500 mA
-40
-20
0
20
40
60
80
100
AMBIENT TEMPERATURE (
oC)
750
775
800
825
850
875
900
VIN = 2.7V
VIN = 3.6V
VIN = 4.2V
OPEN LOOP
CLOSED LOOP
VIN = 4.2V
VIN = 2.7V
VIN = 3.6V
LM3200
www.ti.com
SNVS319C – NOVEMBER 2004 – REVISED APRIL 2013
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
(Circuit in Figure 33, PVIN = VDD = EN = 3.6V, BYP = 0V, TA = 25°C, unless otherwise noted)
Open/Closed Loop Current Limit
Output Voltage
vs
vs
Temperature (PWM Mode)
Output Current (BYP Mode, VIN = BYP = 3.6V)
Figure 9.
Figure 10.
VCON Voltage
Low VCON Voltage
vs
vs
Output Voltage (IOUT = 200 mA)
Output Voltage (RLOAD = 15Ω)
Figure 11.
Figure 12.
Output Voltage
Efficiency
vs
vs
Input Voltage (BYP = 0V, Auto-Bypass Function)
Output Voltage (VIN = 3.9V)
Figure 13.
Figure 14.
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM3200


Podobny numer części - LM3200_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM3200TL NSC-LM3200TL Datasheet
885Kb / 15P
   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
LM3200TL NSC-LM3200TL Datasheet
882Kb / 15P
   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
logo
Texas Instruments
LM3200TL/NOPB TI1-LM3200TL/NOPB Datasheet
982Kb / 24P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
logo
National Semiconductor ...
LM3200TLX NSC-LM3200TLX Datasheet
885Kb / 15P
   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
LM3200TLX NSC-LM3200TLX Datasheet
882Kb / 15P
   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
More results

Podobny opis - LM3200_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM3200 NSC-LM3200_05 Datasheet
882Kb / 15P
   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
logo
Texas Instruments
LM3204 TI1-LM3204 Datasheet
959Kb / 25P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
logo
National Semiconductor ...
LM3200 NSC-LM3200 Datasheet
885Kb / 15P
   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
LM3204 NSC-LM3204 Datasheet
878Kb / 16P
   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
logo
Texas Instruments
LM3204 TI-LM3204_15 Datasheet
903Kb / 24P
[Old version datasheet]   LM3204 Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
logo
National Semiconductor ...
LM2706 NSC-LM2706 Datasheet
451Kb / 15P
   Miniature, Variable, Step-Down DC-DC Converter with Bypass for RF Power Amplifiers
logo
Texas Instruments
LM3242 TI1-LM3242_14 Datasheet
4Mb / 28P
[Old version datasheet]   6MHz, 750mA Miniature, Adjustable, Step-Down DC-DC Converter with Auto Bypass for RF Power Amplifiers
REVISED MARCH 2013
logo
National Semiconductor ...
LM3202 NSC-LM3202 Datasheet
1Mb / 15P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3205 NSC-LM3205_09 Datasheet
1Mb / 18P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3205 NSC-LM3205 Datasheet
1Mb / 18P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com