Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM3253 Arkusz danych(PDF) 11 Page - Texas Instruments

Numer części LM3253
Szczegółowy opis  LM3253 High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

LM3253 Arkusz danych(HTML) 11 Page - Texas Instruments

Back Button LM3253_15 Datasheet HTML 7Page - Texas Instruments LM3253_15 Datasheet HTML 8Page - Texas Instruments LM3253_15 Datasheet HTML 9Page - Texas Instruments LM3253_15 Datasheet HTML 10Page - Texas Instruments LM3253_15 Datasheet HTML 11Page - Texas Instruments LM3253_15 Datasheet HTML 12Page - Texas Instruments LM3253_15 Datasheet HTML 13Page - Texas Instruments LM3253_15 Datasheet HTML 14Page - Texas Instruments LM3253_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
100 s/DIV
50 mV/DIV
VOUT
1V/DIV
VIN
20 s/DIV
2V/DIV
VOUT
1V/DIV
VSW
2V/DIV
EN
100 Ps/DIV
100 mV/
DIV
VOUT
IOUT
500 mA/
DIV
100 s/DIV
50 mV/DIV
VOUT
1V/DIV
VIN
100 Ps/DIV
20 mV/
DIV
VOUT
200 mA/
DIV
IOUT
100 Ps/DIV
50 mV/
DIV
VOUT
500 mA/
DIV
IOUT
LM3253
www.ti.com
SNVS791Q – FEBRUARY 2012 – REVISED MAY 2013
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Load Transient in PWM Mode
Load Transient in PWM Mode
VIN = 3.8V, VOUT = 2.5V, IOUT = 0mA to 300mA
VIN = 3.8V, VOUT = 3V, IOUT = 0mA to 700mA
Figure 14.
Figure 15.
Load Transient in PWM Mode
Line Transient
VIN = 4.2V, VOUT = 3V, IOUT = 0mA to 1.2A
VIN = 3.6V to 4.2V, VOUT = 2.5V, RLOAD = 6.8Ω
Figure 16.
Figure 17.
Line Transient
Startup in PFM Mode
VIN = 3.6V to 4.2V, VOUT = 1V, RLOAD = 6.8Ω
VIN = 3.8V, VOUT = 1V, No Load, EN = LOW to HIGH
Figure 18.
Figure 19.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM3253


Podobny numer części - LM3253_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM3253 TI1-LM3253_14 Datasheet
990Kb / 26P
[Old version datasheet]   High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
LM3253 TI1-LM3253_16 Datasheet
990Kb / 25P
[Old version datasheet]   High-Current Step-Down Converter
LM3253 TI1-LM3253_17 Datasheet
988Kb / 26P
[Old version datasheet]   High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
More results

Podobny opis - LM3253_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM3253 TI1-LM3253_17 Datasheet
988Kb / 26P
[Old version datasheet]   High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
LM3253 TI1-LM3253_14 Datasheet
990Kb / 26P
[Old version datasheet]   High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
LM3243 TI1-LM3243_14 Datasheet
4Mb / 29P
[Old version datasheet]   High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
REVISED FEBRUARY 2013
LM3243 TI1-LM3243 Datasheet
139Kb / 5P
[Old version datasheet]   High-Current Step-Down Converter for 2G/3G/4G RF Power
February 24, 2012
LM3253 TI1-LM3253 Datasheet
139Kb / 5P
[Old version datasheet]   High-Current Step-Down Converter for 2G/3G/4G RF Power
LM3243 TI-LM3243_15 Datasheet
1Mb / 32P
[Old version datasheet]   LM3243 High-Current Step-Down Converter for 2G, 3G, and 4G RF Power Amplifiers
REVISED AUGUST 2015
logo
Taoglas antenna solutio...
GA.110.101111 TAOGLAS-GA.110.101111_18 Datasheet
1Mb / 13P
   4G/3G/2G HIGH GAIN
logo
Texas Instruments
LM3269 TI1-LM3269 Datasheet
136Kb / 5P
[Old version datasheet]   Seamless-Transition Buck-Boost Converter for 3G and 4G RF Power Amplifiers
LM3209TLX-G3-NOPB TI1-LM3209TLX-G3-NOPB Datasheet
1Mb / 22P
[Old version datasheet]   Seamless-Transition Buck-Boost Converter for Battery-Powered 3G/4G RF Power Amplifiers
logo
Taoglas antenna solutio...
TG10RA0113 TAOGLAS-TG10RA0113 Datasheet
1Mb / 16P
   Triton 4G/3G/2G Terminal Antenna for Cellular Triton 4G/3G/2G Terminal Antenna for Cellular
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com