Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM3279 Arkusz danych(PDF) 8 Page - Texas Instruments

Numer części LM3279
Szczegółowy opis  LM3279 Buck-Boost Converter With MIPI짰 RFFE Interface for 3G And 4G RF Power Amplifiers
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

LM3279 Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button LM3279_15 Datasheet HTML 4Page - Texas Instruments LM3279_15 Datasheet HTML 5Page - Texas Instruments LM3279_15 Datasheet HTML 6Page - Texas Instruments LM3279_15 Datasheet HTML 7Page - Texas Instruments LM3279_15 Datasheet HTML 8Page - Texas Instruments LM3279_15 Datasheet HTML 9Page - Texas Instruments LM3279_15 Datasheet HTML 10Page - Texas Instruments LM3279_15 Datasheet HTML 11Page - Texas Instruments LM3279_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
t3 Buck-Boost output settled (90%)
VIO
25 µs max
SDATA
VBATT
VOUT Settling
VOUT
5 µs max
Standby
Switcher is active in normal mode
Init
t0
t3
t2
t1
SW
Hi Z
RFFE write
VOUT = 3.40V
(REG03h, VSET_CTRL= 5Fh)
> 2.7V
3.40V
1.8V (typ)
t2
t1
t0
LM3279 in Standby.
VBATT > 2.7V = VIO = 1.8V (typ)
VOUT programmed LM3279. Initializes and powers up
internal circuit blocks. (Register set to default value.)
t0
t3
t2
t1
VOUT programmed. LM3279 initializes
and powers up internal circuit blocks.
Buck-Boost output settled (90%).
VBATT applied, VIO = 0V.
LM3279 in Shutdown.
t4
VIO
RFFE write
VOUT = 3.42V
(REG03h
VSET_CTRL = 5Fh)
SDATA
VOUT Settling
VOUT
Initialization
3.42V
Shutdown
Low Power
VIO applied.
LM3279 in Low Power.
Switcher is active in normal mode.
VBATT
5 2s (min)
25 2s max
50 2s max
t0
t4
t3
t2
t1
SW
Hi Z
VOUT discharges
LM3279
SNVS970C – MARCH 2013 – REVISED OCTOBER 2014
www.ti.com
Figure 1. Cold Power-Up
Figure 2. Standby To Active
8
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: LM3279


Podobny numer części - LM3279_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM3279 TI1-LM3279_16 Datasheet
1Mb / 37P
[Old version datasheet]   Buck-Boost Converter
More results

Podobny opis - LM3279_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM3279 TI-LM3279 Datasheet
1Mb / 31P
[Old version datasheet]   LM3279 Buck-Boost Converter with MIPI RFFE Interfacefor 3G and 4G RF Power Amplifiers
LM3269 TI1-LM3269 Datasheet
136Kb / 5P
[Old version datasheet]   Seamless-Transition Buck-Boost Converter for 3G and 4G RF Power Amplifiers
LM3269 TI-LM3269_15 Datasheet
2Mb / 27P
[Old version datasheet]   LM3269 Seamless-Transition Buck-Boost Converter for 3G and 4G RF Power Amplifiers
LM3209TLX-G3-NOPB TI1-LM3209TLX-G3-NOPB Datasheet
1Mb / 22P
[Old version datasheet]   Seamless-Transition Buck-Boost Converter for Battery-Powered 3G/4G RF Power Amplifiers
LM3209-G3 TI-LM3209-G3_15 Datasheet
1Mb / 22P
[Old version datasheet]   LM3209-G3 Seamless-Transition Buck-Boost Converter for Battery-Powered 3G/4G RF Power Amplifiers
LM3209-G3 TI1-LM3209-G3 Datasheet
186Kb / 6P
[Old version datasheet]   LM3209-G3 PRODUCT BRIEF Seamless-Transition Buck-Boost Converter for Battery- Powered 3G/4G RF Power Amplifiers
LM3253 TI1-LM3253_17 Datasheet
988Kb / 26P
[Old version datasheet]   High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
LM3243 TI-LM3243_15 Datasheet
1Mb / 32P
[Old version datasheet]   LM3243 High-Current Step-Down Converter for 2G, 3G, and 4G RF Power Amplifiers
REVISED AUGUST 2015
LM3253 TI1-LM3253_14 Datasheet
990Kb / 26P
[Old version datasheet]   High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
LM3243 TI1-LM3243_14 Datasheet
4Mb / 29P
[Old version datasheet]   High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
REVISED FEBRUARY 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com