Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM3668 Arkusz danych(PDF) 7 Page - Texas Instruments

Numer części LM3668
Szczegółowy opis  1-A, High-Efficiency Dual-Mode Single-Inductor Buck-Boost DC-DC Converter
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

LM3668 Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button LM3668_15 Datasheet HTML 3Page - Texas Instruments LM3668_15 Datasheet HTML 4Page - Texas Instruments LM3668_15 Datasheet HTML 5Page - Texas Instruments LM3668_15 Datasheet HTML 6Page - Texas Instruments LM3668_15 Datasheet HTML 7Page - Texas Instruments LM3668_15 Datasheet HTML 8Page - Texas Instruments LM3668_15 Datasheet HTML 9Page - Texas Instruments LM3668_15 Datasheet HTML 10Page - Texas Instruments LM3668_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
LOAD (mA)
100
90
80
70
60
50
40
30
20
10
0
0
1
10
100
1000
VIN = 3.3V
VIN = 3.6V
VIN = 2.5V
VIN = 2.7V
VIN = 5.5V
LOAD (mA)
100
90
80
70
60
50
40
30
20
10
0
0
1
10
100
1000
VIN = 5.0V
VIN = 3.6V
VIN = 2.5V
VIN = 2.7V
VIN = 5.5V
LOAD (mA)
100
90
80
70
60
50
40
30
20
10
0
0
1
10
100
1000
VIN = 5.5V
VIN = 3.3V
VIN = 3.6V
VIN = 2.5V
VIN = 2.7V
LOAD (mA)
100
90
80
70
60
50
40
30
20
10
0
0
1
10
100
1000
VIN = 5.0V
VIN = 3.6V
VIN = 2.5V
VIN = 2.7V
VIN = 5.5V
LOAD (mA)
100
90
80
70
60
50
40
30
20
10
0
0
1
10
100
1000
VIN = 5.5V
VIN = 5.0V
VIN = 3.6V
VIN = 2.5V
VIN = 2.7V
LM3668
www.ti.com
SNVS449O – JUNE 2007 – REVISED APRIL 2015
Typical Characteristics (continued)
Typical Application Circuit (see Figure 46): VIN = 3.6 V, L = 2.2 µH, CIN = 10 µF, COUT = 22 µF
(4), T
A = 25°C , unless otherwise
stated.
Figure 7. Efficiency at VOUT = 2.8 V (Auto Mode)
Figure 8. Efficiency at VOUT = 3 V (Forced PWM Mode)
Figure 9. Efficiency at VOUT = 3 V (Auto Mode)
Figure 10. Efficiency at VOUT = 3.3 V (Forced PWM Mode)
Figure 11. Efficiency at VOUT = 3.3 V (Auto Mode)
Figure 12. Efficiency at VOUT = 3.4 V (Forced PWM Mode)
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM3668


Podobny numer części - LM3668_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM3668 TI1-LM3668_14 Datasheet
4Mb / 26P
[Old version datasheet]   1A, High Efficiency Dual Mode Single Inductor Buck-Boost DC/DC Converter
More results

Podobny opis - LM3668_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STBB1-APUR STMICROELECTRONICS-STBB1-APUR Datasheet
1Mb / 22P
   1 A, high efficiency single inductor dual mode buck-boost DC-DC converter
logo
National Semiconductor ...
LM3668_0809 NSC-LM3668_0809 Datasheet
4Mb / 18P
   1A, High Efficiency Dual Mode Single Inductor Buck-Boost DC/DC Converter
logo
Texas Instruments
LM3668 TI1-LM3668_14 Datasheet
4Mb / 26P
[Old version datasheet]   1A, High Efficiency Dual Mode Single Inductor Buck-Boost DC/DC Converter
logo
National Semiconductor ...
LM3668 NSC-LM3668 Datasheet
2Mb / 16P
   1A, High Efficiency Dual Mode Single Inductor Buck-Boost DC/DC Converter
LM3668 NSC-LM3668_08 Datasheet
4Mb / 18P
   1A, High Efficiency Dual Mode Single Inductor Buck-Boost DC/DC Converter
logo
Texas Instruments
LM3668-Q1 TI-LM3668-Q1_15 Datasheet
1Mb / 24P
[Old version datasheet]   1A, High-Efficiency Dual-Mode Single-Inductor Buck-Boost DC-DC Converter
logo
STMicroelectronics
STBB3J STMICROELECTRONICS-STBB3J Datasheet
1Mb / 25P
   2 A, high efficiency single inductor buck-boost DC-DC converter
logo
Monolithic Power System...
EV2155-Q-00A MPS-EV2155-Q-00A Datasheet
599Kb / 8P
   High Efficiency Single Inductor Buck-Boost DC-DC Converter Evaluation Board
EV28163-Q-00A MPS-EV28163-Q-00A Datasheet
597Kb / 8P
   High Efficiency Single Inductor Buck-Boost DC-DC Converter Evaluation Board
EV28164-D-00A MPS-EV28164-D-00A Datasheet
1Mb / 9P
   High Efficiency Single Inductor Buck-Boost DC-DC Converter Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com