Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA21320 Arkusz danych(PDF) 4 Page - Infineon Technologies AG

Numer części TDA21320
Szczegółowy opis  Desktop and Server Vcore and non-Vcore buck-converter
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INFINEON [Infineon Technologies AG]
Strona internetowa  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TDA21320 Arkusz danych(HTML) 4 Page - Infineon Technologies AG

  TDA21320 Datasheet HTML 1Page - Infineon Technologies AG TDA21320 Datasheet HTML 2Page - Infineon Technologies AG TDA21320 Datasheet HTML 3Page - Infineon Technologies AG TDA21320 Datasheet HTML 4Page - Infineon Technologies AG TDA21320 Datasheet HTML 5Page - Infineon Technologies AG TDA21320 Datasheet HTML 6Page - Infineon Technologies AG TDA21320 Datasheet HTML 7Page - Infineon Technologies AG TDA21320 Datasheet HTML 8Page - Infineon Technologies AG TDA21320 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
TDA21320
Applications
Data Sheet
4
Revision 2.4, 2015-07-16
1
Applications
 Desktop and Server Vcore and non-Vcore buck-converter
 Single Phase and Multiphase POL
 CPU/GPU Regulation in Notebook, Desktop Graphics Cards, DDR Memory, Graphic Memory
 High Power Density Voltage Regulator Modules (VRM).
2
Features
 Input voltage range +4.5 V to +16 V
 Maximum average current up to 60 A
 For synchronous Buck step down voltage applications
 Power MOSFETs rated 25 V for safe operation under all conditions
 Fast switching technology for improved performance at high switching frequencies (> 750 kHz)
 Up to 95.5% peak efficiency1
 Includes bootstrap diode
 Shoot through protection
 Max +8 V V
GS, high-side and low-side MOSFET gate driving voltage
 Compatible to standard +3.3 V PWM controller integrated circuits
 Tri-state PWM input functionality
 Small package: LG-WIQFN-38-1 (6.6x4.5x0.6 mm³)
 RoHS compliant
 Integrated temperature sense
 Integrated current sense
Table 1
Product Identification
Part Number
Temp Range
Package
Marking
TDA21320
-25
C to 125C
LG-WIQFN-38-1 (6.6x4.5x0.6 mm³)
TDA21320
Figure 1
Picture of the Product
1
fsw = 429 kHz, VDRV = 5V, Vin = 12V, Vout = 1.8V, 5 phases, no heatsink, no airflow


Podobny numer części - TDA21320

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Infineon Technologies A...
TDA21321 INFINEON-TDA21321 Datasheet
1Mb / 32P
   Desktop and Server Vcore and non-Vcore buck-converter
More results

Podobny opis - TDA21320

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Infineon Technologies A...
TDA21321 INFINEON-TDA21321 Datasheet
1Mb / 32P
   Desktop and Server Vcore and non-Vcore buck-converter
PX3519 INFINEON-PX3519_15 Datasheet
1Mb / 21P
   Desktop and Server VR12.X Vcore and non-Vcore buck-converters
Revision 2.3, 2015-10-21
PX3519 INFINEON-PX3519 Datasheet
1Mb / 21P
   Desktop and Server VR12.X Vcore and non-Vcore buck-converters
Revision 2.2, 2014-09-19
TDA21310 INFINEON-TDA21310 Datasheet
699Kb / 23P
   Desktop and Server buck-converter
Revision 2.1, 2013-09-05
TDA21242 INFINEON-TDA21242 Datasheet
1Mb / 23P
   Desktop and Server VR buck-converter
2.1 2017-03-07
logo
Semtech Corporation
SC457MLTRT SEMTECH-SC457MLTRT Datasheet
260Kb / 1P
   Single-Phase Single Chip Vcore Power Supply
SC457 SEMTECH-SC457 Datasheet
61Kb / 1P
   Single-Phase Single Chip Vcore Power Supply
logo
Texas Instruments
TPS53627 TI1-TPS53627 Datasheet
769Kb / 11P
[Old version datasheet]   2-Phase, D-CAP Step-Down Controller for VR13 CPU VCORE and DDR Memory
logo
Infineon Technologies A...
BSC026N08NS5 INFINEON-BSC026N08NS5 Datasheet
1Mb / 12P
   Optimized for Synchronous Rectification in server and desktop
Rev.2.1,2015-08-31
logo
Texas Instruments
TPS51513 TI-TPS51513 Datasheet
1Mb / 37P
[Old version datasheet]   SINGLE PHASE D-CAP SYNCHRONOUS BUCK CONTROLLER WITH INTEGRATED DRIVERS FOR GENERAL IC VCORE APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com