Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1N50L-T92-B Arkusz danych(PDF) 1 Page - Unisonic Technologies

Numer części 1N50L-T92-B
Szczegółowy opis  N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  UTC [Unisonic Technologies]
Strona internetowa  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

1N50L-T92-B Arkusz danych(HTML) 1 Page - Unisonic Technologies

  1N50L-T92-B Datasheet HTML 1Page - Unisonic Technologies 1N50L-T92-B Datasheet HTML 2Page - Unisonic Technologies 1N50L-T92-B Datasheet HTML 3Page - Unisonic Technologies 1N50L-T92-B Datasheet HTML 4Page - Unisonic Technologies 1N50L-T92-B Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
1N50-KW
Preliminary
Power MOSFET
www.unisonic.com.tw
1 of 5
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R205-053.b
1A, 500V N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC 1N50-KW is a high voltage MOSFET and is
designed to have better characteristics, such as fast switching
time, low gate charge, low on-state resistance and have a high
rugged avalanche characteristics. This power MOSFET is usually
used at high speed switching applications in power supplies,
PWM motor controls, high efficient DC to DC converters and
bridge circuits.
FEATURES
* RDS(ON) < 10Ω @ VGS=10V, ID=0.5A
* Fast switching capability
* Avalanche energy specified
* Improved dv/dt capability, high ruggedness
SYMBOL
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
Packing
1N50L-T92-B
1N50G-T92-B
TO-92
G
D
S
Tape Box
1N50L-T92-K
1N50G-T92-K
TO-92
G
D
S
Bulk
Note: Pin Assignment: G: Gate
D: Drain
S: Source
MARKING


Podobny numer części - 1N50L-T92-B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
1N50L-TA3-T UTC-1N50L-TA3-T Datasheet
169Kb / 6P
   1.3 Amps, 500 Volts N-CHANNEL POWER MOSFET
1N50L-TA3-T UTC-1N50L-TA3-T Datasheet
177Kb / 6P
   1.3A, 500V N-CHANNEL POWER MOSFET
1N50L-TA3-T UTC-1N50L-TA3-T Datasheet
525Kb / 7P
   N-CHANNEL POWER MOSFET
1N50L-TF1-T UTC-1N50L-TF1-T Datasheet
525Kb / 7P
   N-CHANNEL POWER MOSFET
More results

Podobny opis - 1N50L-T92-B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
20N60 UTC-20N60_15 Datasheet
207Kb / 3P
   N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
2N7002W UTC-2N7002W_15 Datasheet
179Kb / 3P
   N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
UK1398 UTC-UK1398_15 Datasheet
230Kb / 5P
   N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
UK1398 UTC-UK1398 Datasheet
226Kb / 4P
   N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
UP9971 UTC-UP9971_15 Datasheet
244Kb / 4P
   N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
15N20 UTC-15N20_15 Datasheet
199Kb / 3P
   N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
22N60 UTC-22N60_15 Datasheet
239Kb / 6P
   N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
UTN3055 UTC-UTN3055_15 Datasheet
197Kb / 4P
   N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
5N40 UTC-5N40_15 Datasheet
248Kb / 6P
   N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
logo
NEC
2SK3749 NEC-2SK3749 Datasheet
103Kb / 5P
   N-CHANNEL MOSFET FOR HIGH-SPEED SWITCHING
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com