Zakładka z wyszukiwarką danych komponentów |
|
3N40KL-TA3-T Arkusz danych(PDF) 3 Page - Unisonic Technologies |
|
3N40KL-TA3-T Arkusz danych(HTML) 3 Page - Unisonic Technologies |
3 / 7 page 3N40K-MT Preliminary Power MOSFET UNISONICTECHNOLOGIESCO.,LTD 3 of 7 www.unisonic.com.tw QW-R205-011.b ABSOLUTE MAXIMUM RATINGS (TC=25°C, unless otherwise specified) PARAMETER SYMBOL RATINGS UNIT Drain-Source Voltage VDSS 400 V Gate-Source Voltage VGSS ±30 V Drain Current Continuous (TC=25°C) ID 3 A Pulsed (Note 2) IDM 12 A Avalanche Energy Single Pulsed (Note 3) EAS 290 mJ Repetitive (Note 2) EAR 3 mJ Power Dissipation TO-220 PD 54 W TO-220F/TO-220F1 TO-220F3 25 W TO-220F2 26 W TO-251/TO-252 50 W Junction Temperature TJ +150 °C Storage Temperature TSTG -55~+150 °C Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied. 2. Repetitive Rating: Pulse width limited by maximum junction temperature. 3. L=56mH, IAS=3.0 A, VDD=50V, RG=25 Ω, Starting TJ = 25°C 4. ISD≤4.4A, di/dt ≤200A/μs, VDD≤BVDSS, Starting TJ = 25°C THERMAL DATA PARAMETER SYMBOL RATINGS UNIT Junction to Ambient TO-220/TO-220F TO-220F1/TO-220F2 TO-220F3 θJA 62.5 °С/W TO-251/TO-252 110 °С/W Junction to Case TO-220 θJC 2.28 °С/W TO-220F/TO-220F1 TO-220F3 4.9 °С/W TO-220F2 4.8 °С/W TO-251/TO-252 2.5 °С/W |
Podobny numer części - 3N40KL-TA3-T |
|
Podobny opis - 3N40KL-TA3-T |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |