Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM20343 Arkusz danych(PDF) 1 Page - Texas Instruments

Numer części LM20343
Szczegółowy opis  LM20343 36V, 3A Adjustable Frequency Synchronous Buck Regulator
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

LM20343 Arkusz danych(HTML) 1 Page - Texas Instruments

  LM20343_15 Datasheet HTML 1Page - Texas Instruments LM20343_15 Datasheet HTML 2Page - Texas Instruments LM20343_15 Datasheet HTML 3Page - Texas Instruments LM20343_15 Datasheet HTML 4Page - Texas Instruments LM20343_15 Datasheet HTML 5Page - Texas Instruments LM20343_15 Datasheet HTML 6Page - Texas Instruments LM20343_15 Datasheet HTML 7Page - Texas Instruments LM20343_15 Datasheet HTML 8Page - Texas Instruments LM20343_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
CIN
SW
AGND
FB
PGOOD
VOUT
RFB1
RFB2
COUT
EN
SS/TRK
VCC
CVCC
CC1
COMP
RC1
VIN
LM20343
BOOT
GND
L
CBOOT
D1
(Optional)
RT
RRT
VIN
LM20343
www.ti.com
SNVS559B – MAY 2008 – REVISED APRIL 2013
LM20343 36V, 3A Adjustable Frequency Synchronous Buck Regulator
Check for Samples: LM20343
1
FEATURES
DESCRIPTION
The LM20343 is a full featured synchronous buck
2
4.5V to 36V Input Voltage Range
regulator capable of delivering up to 3A of load
3A Output Current, 5.2A Peak Current
current. The current mode control loop is externally
130 m
Ω/110 mΩ Integrated Power MOSFETs
compensated with only two components, offering both
high performance and ease of use. The device is
94% Peak Efficiency with Synchronous
optimized to work over the input voltage range of
Rectification
4.5V to 36V making it well suited for high voltage
1.5% Feedback Voltage Accuracy
systems.
Current Mode Control, Selectable
The device features internal Over Voltage Protection
Compensation
(OVP) and Over Current Protection (OCP) circuits for
Resistor Programmed, 1MHz Capable
increased system reliability. A precision Enable pin
Oscillator
and integrated UVLO allows the turn on of the device
to be tightly controlled and sequenced. Startup inrush
Adjustable Output Voltage Down to 0.8V
currents are limited by both an internally fixed and
Compatible with Pre-biased Loads
externally adjustable soft-start circuit. Fault detection
Programmable Soft-start with External
and
supply
sequencing
are
possible
with
the
Capacitor
integrated power good (PGOOD) circuit.
Precision Enable Pin with Hysteresis
The frequency of this device can be adjusted from
OVP, UVLO Inputs and PGOOD Output
250 kHz to 1.0 MHz by connecting an external
resistor from the RT pin to ground.
Internally Protected with Peak Current Limit,
Thermal Shutdown and Restart
The LM20343 is designed to work well in multi-rail
power supply architectures. The output voltage of the
Accurate Current Limit Minimizes Inductor
device can be configured to track a higher voltage rail
Size
using the SS/TRK pin. If the output of the LM20343 is
Non-linear Current Mode Slope Compensation
pre-biased at startup it will not sink current to pull the
20-Pin HTSSOP Exposed Pad Package
output low until the internal soft-start ramp exceeds
the voltage at the feedback pin.
APPLICATIONS
The LM20343 is offered in an exposed pad 20-pin
Simple to Design, High Efficiency Point of
HTSSOP package that can be soldered to the PCB,
Load Tegulation from a 4.5V to 36V Bus
eliminating the need for bulky heatsinks.
High Performance DSPs, FPGAs, ASICs and
Microprocessors
Communications Infrastructure, Automotive
Simplified Application Circuit
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Podobny numer części - LM20343_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM20343 TI1-LM20343_14 Datasheet
1Mb / 30P
[Old version datasheet]   36V, 3A Adjustable Frequency Synchronous Buck Regulator
More results

Podobny opis - LM20343_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM20343 TI1-LM20343_14 Datasheet
1Mb / 30P
[Old version datasheet]   36V, 3A Adjustable Frequency Synchronous Buck Regulator
logo
National Semiconductor ...
LM20343 NSC-LM20343 Datasheet
546Kb / 20P
   36V, 3A Adjustable Frequency Synchronous Buck Regulator
LM20143 NSC-LM20143 Datasheet
703Kb / 20P
   3A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
LM20333A NSC-LM20333A Datasheet
541Kb / 22P
   36V, 3A Synchronous Buck Regulator with Frequency Synchronization
logo
Texas Instruments
LM20143 TI1-LM20143_14 Datasheet
1Mb / 30P
[Old version datasheet]   3A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
logo
National Semiconductor ...
LM20242 NSC-LM20242_08 Datasheet
466Kb / 20P
   36V, 2A PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
logo
Texas Instruments
LM20242 TI1-LM20242_14 Datasheet
1Mb / 28P
[Old version datasheet]   36V, 2A PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
logo
National Semiconductor ...
LM20242 NSC-LM20242 Datasheet
465Kb / 20P
   36V, 2A PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
logo
Texas Instruments
LM20333 TI-LM20333_15 Datasheet
1Mb / 29P
[Old version datasheet]   LM20333 36V, 3A Synchronous Buck Regulator with Frequency Synchronization
logo
National Semiconductor ...
LM20333 NSC-LM20333 Datasheet
520Kb / 20P
   36V, 3A PowerWise짰 Synchronous Buck Regulator with Frequency Synchronization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com