Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM22672-Q1 Arkusz danych(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Numer części LM22672-Q1
Szczegółowy opis  SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

LM22672-Q1 Arkusz danych(HTML) 3 Page - Texas Instruments

  LM22672-Q1 Datasheet HTML 1Page - Texas Instruments LM22672-Q1 Datasheet HTML 2Page - Texas Instruments LM22672-Q1 Datasheet HTML 3Page - Texas Instruments LM22672-Q1 Datasheet HTML 4Page - Texas Instruments LM22672-Q1 Datasheet HTML 5Page - Texas Instruments LM22672-Q1 Datasheet HTML 6Page - Texas Instruments LM22672-Q1 Datasheet HTML 7Page - Texas Instruments LM22672-Q1 Datasheet HTML 8Page - Texas Instruments LM22672-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
Exposed Pad
Connect to GND
RT/SYNC
3
FB
4
BOOT
1
SS
2
8
SW
7
VIN
6
GND
5
EN
LM22672, LM22672-Q1
www.ti.com
SNVS588M – SEPTEMBER 2008 – REVISED NOVEMBER 2014
5 Pin Configuration and Functions
8-Pin
HSOP Package
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
APPLICATION INFORMATION
NAME
NO.
BOOT
1
I
Bootstrap input
Provides the gate voltage for the high side NFET.
Used to control regulator start-up and shutdown. See Precision
EN
5
I
Enable input
Enable and UVLO section of data sheet.
Connect to ground. Provides thermal connection to PCB. See
EP
EP
Exposed Pad
Thermal Considerations.
FB
4
I
Feedback input
Feedback input to regulator.
Ground input to regulator;
GND
6
System ground pin.
system common
Used to control oscillator mode of regulator. See Switching
RT/SYNC
Oscillator mode control input
Frequency Adjustment and Synchronization section of data sheet.
Used to increase soft-start time. See Soft-Start section of data
SS
2
I
Soft-start input
sheet.
SW
8
O
Switch output
Switching output of regulator.
VIN
I
Input voltage
Supply input to the regulator.
Copyright © 2008–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM22672 LM22672-Q1


Podobny numer części - LM22672-Q1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM22672 NSC-LM22672 Datasheet
435Kb / 18P
   1A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
LM22672MR-5.0 NSC-LM22672MR-5.0 Datasheet
435Kb / 18P
   1A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
LM22672MR-ADJ NSC-LM22672MR-ADJ Datasheet
435Kb / 18P
   1A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
LM22672MRE-5.0 NSC-LM22672MRE-5.0 Datasheet
435Kb / 18P
   1A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
LM22672MRE-ADJ NSC-LM22672MRE-ADJ Datasheet
435Kb / 18P
   1A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
More results

Podobny opis - LM22672-Q1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM22680 NSC-LM22680 Datasheet
568Kb / 16P
   2A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
LM22672 NSC-LM22672 Datasheet
435Kb / 18P
   1A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
LM22671Q NSC-LM22671Q Datasheet
429Kb / 18P
   500 mA SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
LM22671 NSC-LM22671 Datasheet
426Kb / 18P
   500 mA SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
LM2599 NSC-LM2599_00 Datasheet
817Kb / 32P
   SIMPLE SWITCHER짰 Power Converter 150 kHz 3A Step-Down Voltage Regulator, with Features
LM2672 NSC-LM2672_01 Datasheet
475Kb / 25P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator with Features
logo
Texas Instruments
LM22678 TI-LM22678_15 Datasheet
1Mb / 26P
[Old version datasheet]   SIMPLE SWITCHER Step-Down Voltage Regulator With Features
LM2598 TI1-LM2598_13 Datasheet
2Mb / 45P
[Old version datasheet]   SIMPLE SWITCHER짰 Power Converter 150 kHz 1A Step-Down Voltage Regulator with Features
logo
National Semiconductor ...
LM2671 NSC-LM2671_07 Datasheet
610Kb / 24P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 500mA Step-Down Voltage Regulator with Features
LM2672 NSC-LM2672_07 Datasheet
616Kb / 26P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator with Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com