Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM22679-Q1 Arkusz danych(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Numer części LM22679-Q1
Szczegółowy opis  LM22679/-Q1 42-V, 5-A SIMPLE SWITCHER짰 Step-Down Voltage Regulator With Features
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

LM22679-Q1 Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button LM22679-Q1 Datasheet HTML 4Page - Texas Instruments LM22679-Q1 Datasheet HTML 5Page - Texas Instruments LM22679-Q1 Datasheet HTML 6Page - Texas Instruments LM22679-Q1 Datasheet HTML 7Page - Texas Instruments LM22679-Q1 Datasheet HTML 8Page - Texas Instruments LM22679-Q1 Datasheet HTML 9Page - Texas Instruments LM22679-Q1 Datasheet HTML 10Page - Texas Instruments LM22679-Q1 Datasheet HTML 11Page - Texas Instruments LM22679-Q1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
LOGIC
OSC
+
-
TYPE III
COMP
+
-
1.285V
&
Soft-start
INT REG, EN, UVLO
GND
SW
BOOT
VIN
IADJ
FB
VIN
VOUT
Error Amp.
PWM Cmp.
Vcc
ILimit
SS
LM22679, LM22679-Q1
SNVS581L – FEBRUARY 2013 – REVISED NOVEMBER 2014
www.ti.com
7 Detailed Description
7.1 Overview
The LM22679 incorporates a voltage mode constant frequency PWM architecture. In addition, input voltage feed-
forward is used to stabilize the loop gain against variations in input voltage. This allows the loop compensation to
be optimized for transient performance. The power MOSFET, in conjunction with the diode, produce a
rectangular waveform at the switch pin, that swings from about zero volts to VIN. The inductor and output
capacitor average this waveform to become the regulator output voltage. By adjusting the duty cycle of this
waveform, the output voltage can be controlled. The error amplifier compares the output voltage with the internal
reference and adjusts the duty cycle to regulate the output at the desired value.
The internal loop compensation of the -ADJ option is optimized for outputs of 5 V and below. If an output voltage
of 5 V or greater is required, the -5.0 option can be used with an external voltage divider. The minimum output
voltage is equal to the reference voltage, that is, 1.285 V (typ).
7.2 Functional Block Diagram
8
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: LM22679 LM22679-Q1


Podobny numer części - LM22679-Q1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM22679 NSC-LM22679 Datasheet
386Kb / 16P
   5A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Adjustable Soft-Start and Current Limit
LM22679TJ-5.0 NSC-LM22679TJ-5.0 Datasheet
386Kb / 16P
   5A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Adjustable Soft-Start and Current Limit
LM22679TJ-ADJ NSC-LM22679TJ-ADJ Datasheet
386Kb / 16P
   5A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Adjustable Soft-Start and Current Limit
LM22679TJE-5.0 NSC-LM22679TJE-5.0 Datasheet
386Kb / 16P
   5A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Adjustable Soft-Start and Current Limit
LM22679TJE-ADJ NSC-LM22679TJE-ADJ Datasheet
386Kb / 16P
   5A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Adjustable Soft-Start and Current Limit
More results

Podobny opis - LM22679-Q1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM22677 TI-LM22677_15 Datasheet
1Mb / 28P
[Old version datasheet]   LM22677/-Q1 42-V, 5-A SIMPLE SWITCHER짰, Step-Down Voltage Regulator With Features
LM22675 TI-LM22675_15 Datasheet
1Mb / 26P
[Old version datasheet]   LM22675/-Q1 42 V, 1 A SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
LM22676 TI-LM22676_15 Datasheet
1Mb / 29P
[Old version datasheet]   LM22676/-Q1 42 V, 3 A SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
LM22673 TI-LM22673_15 Datasheet
1Mb / 29P
[Old version datasheet]   LM22673/-Q1 42 V, 3 A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
LM22670 TI-LM22670_15 Datasheet
1Mb / 32P
[Old version datasheet]   LM22670/-Q1 42 V, 3 A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
LM22674 TI-LM22674_15 Datasheet
1Mb / 26P
[Old version datasheet]   LM22674/-Q1 42 V, 500 mA SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
LM22671 TI-LM22671_15 Datasheet
1Mb / 29P
[Old version datasheet]   LM22671/-Q1 42 V, 500 mA SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
LM22672 TI-LM22672_15 Datasheet
1Mb / 30P
[Old version datasheet]   SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
logo
National Semiconductor ...
LM22680 NSC-LM22680 Datasheet
568Kb / 16P
   2A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
logo
Texas Instruments
LM22680 TI-LM22680_15 Datasheet
1Mb / 27P
[Old version datasheet]   42 V, 2 A SIMPLE SWITCHER Step-Down Voltage Regulator With Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com