Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM25576 Arkusz danych(PDF) 6 Page - Texas Instruments

Numer części LM25576
Szczegółowy opis  LM25576/LM25576-Q1 SIMPLE SWITCHER짰 42V, 3A Step-Down Switching Regulator
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

LM25576 Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button LM25576_15 Datasheet HTML 2Page - Texas Instruments LM25576_15 Datasheet HTML 3Page - Texas Instruments LM25576_15 Datasheet HTML 4Page - Texas Instruments LM25576_15 Datasheet HTML 5Page - Texas Instruments LM25576_15 Datasheet HTML 6Page - Texas Instruments LM25576_15 Datasheet HTML 7Page - Texas Instruments LM25576_15 Datasheet HTML 8Page - Texas Instruments LM25576_15 Datasheet HTML 9Page - Texas Instruments LM25576_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
0
2
4
6
8
10
0
2
4
6
8
10
VIN (V)
Ramp Up
Ramp Down
10k
100k
1M
10M
100M
FREQUENCY (Hz)
-30
-20
-10
0
10
20
30
40
50
-135
-90
-45
0
45
90
135
180
225
GAIN
PHASE
TEMPERATURE (
oC)
-50
-25
0
25
50
75
100
125
0.90
0.95
1.00
1.05
1.10
0
4
16
20
24
ICC (mA)
0
2
4
6
8
8
12
TEMPERATURE (
oC)
-50
-25
0
25
50
75
100
125
0.990
0.995
1.000
1.005
1.010
RT (k:)
1
10
100
1000
10
100
1000
LM25576, LM25576-Q1
SNVS470G – JANUARY 2007 – REVISED APRIL 2013
www.ti.com
Typical Performance Characteristics
Oscillator Frequency vs Temperature
Oscillator Frequency vs RT
FOSC = 200kHz
Figure 2.
Figure 3.
VCC vs ICC
Soft Start Current vs Temperature
VIN = 12V
Figure 4.
Figure 5.
VCC vs VIN
Error Amplifier Gain/Phase
RL = 7kΩ
AVCL = 101
Figure 6.
Figure 7.
6
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM25576 LM25576-Q1


Podobny numer części - LM25576_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM25576 TI1-LM25576_17 Datasheet
1Mb / 29P
[Old version datasheet]   SIMPLE SWITCHER 42V, 3A Step-Down Switching Regulator
More results

Podobny opis - LM25576_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM25576MHX TI1-LM25576MHX Datasheet
1Mb / 29P
[Old version datasheet]   LM25576/LM25576-Q1 SIMPLE SWITCHER 42V, 3A Step-Down Switching Regulator
logo
National Semiconductor ...
LM25576_0703 NSC-LM25576_0703 Datasheet
434Kb / 24P
   SIMPLE SWITCHER짰 42V, 3A Step-Down Switching Regulator
logo
Texas Instruments
LM25575QMH TI1-LM25575QMH Datasheet
999Kb / 30P
[Old version datasheet]   LM25575/LM25575-Q1 SIMPLE SWITCHER짰 42V, 1.5A Step-Down Switching Regulator
LM25574 TI1-LM25574_14 Datasheet
929Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER짰 42V, 0.5A Step-Down Switching Regulator
LM25575 TI-LM25575 Datasheet
999Kb / 30P
[Old version datasheet]   LM25575/LM25575-Q1 SIMPLE SWITCHER짰 42V, 1.5A Step-Down Switching Regulator
logo
National Semiconductor ...
LM25574_0703 NSC-LM25574_0703 Datasheet
414Kb / 22P
   SIMPLE SWITCHER짰 42V, 0.5A Step-Down Switching Regulator
logo
Texas Instruments
LM25575 TI1-LM25575_14 Datasheet
989Kb / 29P
[Old version datasheet]   SIMPLE SWITCHER짰 42V, 1.5A Step-Down Switching Regulator
LM22676 TI-LM22676_13 Datasheet
2Mb / 27P
[Old version datasheet]   LM22676/LM22676-Q1 42V, 3A SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
LM5576 TI1-LM5576_13 Datasheet
1Mb / 30P
[Old version datasheet]   SIMPLE SWITCHER짰 75V, 3A Step-Down Switching Regulator
LM25576 TI1-LM25576_17 Datasheet
1Mb / 29P
[Old version datasheet]   SIMPLE SWITCHER 42V, 3A Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com