Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM26400Y Arkusz danych(PDF) 8 Page - Texas Instruments

Numer części LM26400Y
Szczegółowy opis  LM26400Y Dual 2-A, 500-kHz Wide Input Range Buck Regulator
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

LM26400Y Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button LM26400Y_15 Datasheet HTML 4Page - Texas Instruments LM26400Y_15 Datasheet HTML 5Page - Texas Instruments LM26400Y_15 Datasheet HTML 6Page - Texas Instruments LM26400Y_15 Datasheet HTML 7Page - Texas Instruments LM26400Y_15 Datasheet HTML 8Page - Texas Instruments LM26400Y_15 Datasheet HTML 9Page - Texas Instruments LM26400Y_15 Datasheet HTML 10Page - Texas Instruments LM26400Y_15 Datasheet HTML 11Page - Texas Instruments LM26400Y_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
LM26400Y
SNVS457D – FEBRUARY 2007 – REVISED OCTOBER 2015
www.ti.com
Typical Characteristics (continued)
Unless otherwise specified or thermal-shutdown related, TA = 25°C for efficiency curves, loop gain plots and waveforms, and
TJ = 25°C for all others.
Figure 13. Switch Current Limit vs Temperature
Figure 14. Loop Gain, CCM
Figure 16. Loop Gain, CCM
Figure 15. Loop Gain, DCM
Figure 18. Line Transient Response
Figure 17. Loop Gain, DCM
8
Submit Documentation Feedback
Copyright © 2007–2015, Texas Instruments Incorporated
Product Folder Links: LM26400Y


Podobny numer części - LM26400Y_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM26400Y TI1-LM26400Y_14 Datasheet
6Mb / 32P
[Old version datasheet]   Dual 2A, 500kHz Wide Input Range Buck Regulator
More results

Podobny opis - LM26400Y_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM26400Y_0708 NSC-LM26400Y_0708 Datasheet
2Mb / 24P
   Dual 2A, 500kHz Wide Input Range Buck Regulator
logo
Texas Instruments
LM26400Y TI1-LM26400Y_14 Datasheet
6Mb / 32P
[Old version datasheet]   Dual 2A, 500kHz Wide Input Range Buck Regulator
logo
Sipex Corporation
SP7653 SIPEX-SP7653 Datasheet
207Kb / 12P
   Wide Input Voltage Range, 1.3MHz,Buck Regulator
SP7653 SIPEX-SP7653_06 Datasheet
795Kb / 15P
   Wide Input Voltage Range, 1.3MHz, Buck Regulator
logo
Texas Instruments
LM5140-Q1 TI1-LM5140-Q1 Datasheet
2Mb / 48P
[Old version datasheet]   Wide Input Range Dual Synchronous Buck Controller
LM5119 TI1-LM5119 Datasheet
1Mb / 39P
[Old version datasheet]   Wide Input Range Dual Synchronous Buck Controller
logo
National Semiconductor ...
LM5119 NSC-LM5119 Datasheet
707Kb / 24P
   Wide Input Range Dual Synchronous Buck Controller
logo
Texas Instruments
LM25119 TI1-LM25119_16 Datasheet
1Mb / 39P
[Old version datasheet]   Wide Input Range, Dual Synchronous Buck Controller
logo
Sipex Corporation
SP7651 SIPEX-SP7651 Datasheet
117Kb / 12P
   Wide Input Voltage Range 3A, 900kHz, Buck Regulator
SP7655 SIPEX-SP7655 Datasheet
121Kb / 12P
   Wide Input Voltage Range 8A, 300kHz, Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com