Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TL497ACPWR Arkusz danych(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Numer części TL497ACPWR
Szczegółowy opis  500-mA PEAK STEP-UP STEP-DOWN,INVERTING SWITCHING VOLTAGE REGULATOR
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TL497ACPWR Arkusz danych(HTML) 5 Page - Texas Instruments

  TL497ACPWR Datasheet HTML 1Page - Texas Instruments TL497ACPWR Datasheet HTML 2Page - Texas Instruments TL497ACPWR Datasheet HTML 3Page - Texas Instruments TL497ACPWR Datasheet HTML 4Page - Texas Instruments TL497ACPWR Datasheet HTML 5Page - Texas Instruments TL497ACPWR Datasheet HTML 6Page - Texas Instruments TL497ACPWR Datasheet HTML 7Page - Texas Instruments TL497ACPWR Datasheet HTML 8Page - Texas Instruments TL497ACPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
TL497A
500mA PEAK STEPUP, STEPDOWN, INVERTING SWITCHING VOLTAGE REGULATOR
SLVS009F − JUNE 1976 − REVISED FEBRUARY 2005
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
VI
L
14
13
10
8
7
6
5
4
3
2
1
TL497A
R2 = 1.2 k
R1
VO
CO
BASIC CONFIGURATION
(Peak Switching Current = I(PK) < 500 mA)
VI
RCL
L
R1
8
10
13
14
12
3
4
5
EXTENDED POWER CONFIGURATION
(using external transistor)
TL497A
DESIGN EQUATIONS
I
(PK) +
2I
O
max
V
O
V
I
L(
mH) +
V
I
I
(PK)
ton (ms)
C
T
(pF)
[ 12 ton (ms)
R1
+ (V
O
–1.2 V) k
W
Choose L (50 to 500
µH), calculate
ton (25 to 150 µs)
R
CL +
0.5 V
I
(PK)
C
O
(
mF) [ ton(ms)
V
I
V
O
I
(PK) )
I
O
V
ripple
(PK)
CT
R2 = 1.2 k
VO
CO
CT
RCL
Figure 1. Positive Regulator, Step-Up Configurations


Podobny numer części - TL497ACPWR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TL497ACPWR TI-TL497ACPWR Datasheet
446Kb / 16P
[Old version datasheet]   500-mA PEAK STEP-UP, STEP-DOWN, INVERTING SWITCHING VOLTAGE REGULATOR
TL497ACPWRE4 TI-TL497ACPWRE4 Datasheet
446Kb / 16P
[Old version datasheet]   500-mA PEAK STEP-UP, STEP-DOWN, INVERTING SWITCHING VOLTAGE REGULATOR
TL497ACPWRG4 TI-TL497ACPWRG4 Datasheet
446Kb / 16P
[Old version datasheet]   500-mA PEAK STEP-UP, STEP-DOWN, INVERTING SWITCHING VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com