Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPIC74101-Q1 Arkusz danych(PDF) 3 Page - Texas Instruments

Numer części TPIC74101-Q1
Szczegółowy opis  TPIC74101-Q1 Buck and Boost Switch-Mode Regulator
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TPIC74101-Q1 Arkusz danych(HTML) 3 Page - Texas Instruments

  TPIC74101-Q1_15 Datasheet HTML 1Page - Texas Instruments TPIC74101-Q1_15 Datasheet HTML 2Page - Texas Instruments TPIC74101-Q1_15 Datasheet HTML 3Page - Texas Instruments TPIC74101-Q1_15 Datasheet HTML 4Page - Texas Instruments TPIC74101-Q1_15 Datasheet HTML 5Page - Texas Instruments TPIC74101-Q1_15 Datasheet HTML 6Page - Texas Instruments TPIC74101-Q1_15 Datasheet HTML 7Page - Texas Instruments TPIC74101-Q1_15 Datasheet HTML 8Page - Texas Instruments TPIC74101-Q1_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
P0021-02
PWP HTSSOP PACKAGE
(TOP VIEW)
SCR1
Cboot2
Cboot1
V
L1
PGND
L2
V
5
A
driver
OUT
Vg
IN
SCR0
5Vg_ENABLE
ENABLE
V
GND
R
REST
A
RESET
CLP
logic
mod
OUT
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
TPIC74101-Q1
www.ti.com
SLIS140A – OCTOBER 2011 – REVISED DECEMBER 2014
5 Pin Configuration and Functions
20-PINS
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
SCR1
1
I
Programmable slew-rate control
Cboot2
2
I
External bootstrap capacitor
Cboot1
3
I
External bootstrap capacitor
Vdriver
4
I
Input voltage source
L1
5
I
Inductor input (an external Schottky diode(1) to GND must be connected to L1)
PGND
6
I
Power ground
L2
7
I
Inductor output
VOUT
8
O
5-V regulated output
5Vg
9
O
Switched 5-V supply
AIN
10
I
Programmable alarm setting
CLP
11
I/O
Low-power operation mode (digital input)
RESET
12
O
Reset function (open drain)
AOUT
13
O
Alarm output (open drain)
REST
14
O
Programmable reset timer delay
Rmod
15
I
Main switching frequency modulation setting to minimize EMI
GND
16
I
Ground
Vlogic
17
O
Supply decoupling output (may be used as a 5-V supply for logic-level inputs)
ENABLE
18
I
Switch-mode regulator enable/disable
5Vg_ENABLE
19
I
Switched 5-V voltage regulator output enable/disable
SCR0
20
I
Programmable slew-rate control
Exposed thermal pad of the package should be connected to GND or left floating.
(1)
Maximum 0.4 V at 1 A and 125°C
Copyright © 2011–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPIC74101-Q1


Podobny numer części - TPIC74101-Q1_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPIC74101-Q1 TI1-TPIC74101-Q1 Datasheet
998Kb / 32P
[Old version datasheet]   BUCK/BOOST SWITCH-MODE REGULATOR
More results

Podobny opis - TPIC74101-Q1_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPS55065-Q1 TI-TPS55065-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS55065-Q1 Buck and Boost Switched-Mode Regulator
TPS55065-Q1 TI1-TPS55065-Q1 Datasheet
825Kb / 30P
[Old version datasheet]   BUCK/BOOST SWITCH-MODE REGULATOR
TPIC74101-Q1 TI1-TPIC74101-Q1 Datasheet
998Kb / 32P
[Old version datasheet]   BUCK/BOOST SWITCH-MODE REGULATOR
TPIC74100-Q1 TI-TPIC74100-Q1 Datasheet
891Kb / 30P
[Old version datasheet]   BUCK/BOOST SWITCH-MODE REGULATOR
logo
Vishay Siliconix
SIP1759 VISHAY-SIP1759 Datasheet
169Kb / 8P
   Buck-Boost Regulator
Rev. D, 03-Aug-09
logo
ON Semiconductor
FAN49100 ONSEMI-FAN49100 Datasheet
2Mb / 19P
   Buck-Boost Regulator
November 2016 Rev. 1.4
logo
Vishay Siliconix
SIP1759 VISHAY-SIP1759_V01 Datasheet
708Kb / 8P
   Buck-Boost Regulator
02-Oct-12
logo
Texas Instruments
MC33063A-Q1 TI-MC33063A-Q1_15 Datasheet
694Kb / 26P
[Old version datasheet]   MC33063A-Q1 1.5-A Peak Boost, Buck, Inverting Switching Regulator
logo
Allegro MicroSystems
A4409 ALLEGRO-A4409 Datasheet
1Mb / 30P
   Buck or buck-boost pre-regulator
logo
Microchip Technology
TC1142 MICROCHIP-TC1142 Datasheet
419Kb / 12P
   Inductorless -2x Boost/Buck Regulator
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com