Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI7858BD Arkusz danych(PDF) 1 Page - Vishay Telefunken

Numer części SI7858BD
Szczegółowy opis  N-Channel 12 V (D-S) MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TFUNK [Vishay Telefunken]
Strona internetowa  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI7858BD Arkusz danych(HTML) 1 Page - Vishay Telefunken

  SI7858BD Datasheet HTML 1Page - Vishay Telefunken SI7858BD Datasheet HTML 2Page - Vishay Telefunken SI7858BD Datasheet HTML 3Page - Vishay Telefunken SI7858BD Datasheet HTML 4Page - Vishay Telefunken SI7858BD Datasheet HTML 5Page - Vishay Telefunken SI7858BD Datasheet HTML 6Page - Vishay Telefunken SI7858BD Datasheet HTML 7Page - Vishay Telefunken SI7858BD Datasheet HTML 8Page - Vishay Telefunken SI7858BD Datasheet HTML 9Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Vishay Siliconix
Si7858BDP
New Product
Document Number: 66589
S10-1045-Rev. A, 03-May-10
www.vishay.com
1
N-Channel 12 V (D-S) MOSFET
FEATURES
Halogen-free According to IEC 61249-2-21
Definition
TrenchFET® Power MOSFET
100 % Rg Tested
100 % UIS Tested
Compliant to RoHS Directive 2002/95/EC
APPLICATIONS
Low
Output
Voltage,
High
Current
Synchronous
Rectifiers
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)ID (A)
a
Qg (Typ.)
12
0.0025 at VGS = 4.5 V
40
56 nC
0.0030 at VGS = 2.5 V
40
0.0037 at VGS = 1.8 V
40
Ordering Information: Si7858BDP-T1-GE3 (Lead (Pb)-free and Halogen-free)
1
2
3
4
5
6
7
8
S
S
S
G
D
D
D
D
6.15 mm
5.15 mm
PowerPAK® SO-8
Bottom View
N-Channel MOSFET
G
D
S
Notes:
a. Package limited.
b. Surface mounted on 1" x 1" FR4 board.
c. t = 10 s.
d. See solder profile (www.vishay.com/ppg?73257). The PowerPAK SO-8 is a leadless package. The end of the lead terminal is exposed copper
(not plated) as a result of the singulation process in manufacturing. A solder fillet at the exposed copper tip cannot be guaranteed and is not
required to ensure adequate bottom side solder interconnection.
e. Rework conditions: manual soldering with a soldering iron is not recommended for leadless components.
f. Maximum under steady state conditions is 65 °C/W.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
12
V
Gate-Source Voltage
VGS
± 8
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
40a
A
TC = 70 °C
40a
TA = 25 °C
33b, c
TA = 70 °C
26b, c
Pulsed Drain Current
IDM
70
Continuous Source-Drain Diode Current
TC = 25 °C
IS
40a
TA = 25 °C
4.5b, c
Single Pulse Avalanche Current
L = 0.1 mH
IAS
20
Single Pulse Avalanche Energy
EAS
20
mJ
Maximum Power Dissipation
TC = 25 °C
PD
48
W
TC = 70 °C
31
TA = 25 °C
5.0b, c
TA = 70 °C
3.2b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
Soldering Recommendations (Peak Temperature)d, e
260
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambientb, f
t
≤ 10 s
RthJA
20
25
°C/W
Maximum Junction-to-Case (Drain)
Steady State
RthJC
2.1
2.6


Podobny numer części - SI7858BD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI7858BDP VISHAY-SI7858BDP Datasheet
515Kb / 13P
   N-Channel 12 V (D-S) MOSFET
Rev. A, 03-May-10
SI7858BDP VISHAY-SI7858BDP Datasheet
349Kb / 13P
   N-Channel 12 V (D-S) MOSFET
Rev. A, 03-May-10
SI7858BDP VISHAY-SI7858BDP Datasheet
361Kb / 13P
   N-Channel 12 V (D-S) MOSFET
01-Jan-2022
SI7858BDP-T1-GE3 VISHAY-SI7858BDP-T1-GE3 Datasheet
515Kb / 13P
   N-Channel 12 V (D-S) MOSFET
Rev. A, 03-May-10
SI7858BDP-T1-GE3 VISHAY-SI7858BDP-T1-GE3 Datasheet
361Kb / 13P
   N-Channel 12 V (D-S) MOSFET
01-Jan-2022
More results

Podobny opis - SI7858BD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI7104DN VISHAY-SI7104DN Datasheet
542Kb / 14P
   N-Channel 12-V (D-S) MOSFET
Rev. B, 17-Mar-08
SI7858BDP VISHAY-SI7858BDP Datasheet
515Kb / 13P
   N-Channel 12 V (D-S) MOSFET
Rev. A, 03-May-10
SIR492DP VISHAY-SIR492DP Datasheet
482Kb / 14P
   N-Channel 12-V (D-S) MOSFET
Rev. B, 22-Sep-08
SI7102DN VISHAY-SI7102DN Datasheet
581Kb / 14P
   N-Channel 12-V (D-S) MOSFET
Rev. B, 22-Dec-08
logo
Vishay Telefunken
SIS452DN TFUNK-SIS452DN Datasheet
568Kb / 13P
   N-Channel 12-V (D-S) MOSFET
logo
Vishay Siliconix
SI4838BDY VISHAY-SI4838BDY_V01 Datasheet
919Kb / 9P
   N-Channel 12 V (D-S) MOSFET
01-Jan-2022
SI7104DN VISHAY-SI7104DN_V01 Datasheet
541Kb / 14P
   N-Channel 12-V (D-S) MOSFET
01-Jan-2022
logo
Vishay Telefunken
SIB404DK TFUNK-SIB404DK Datasheet
195Kb / 9P
   N-Channel 12 V (D-S) MOSFET
logo
Vishay Siliconix
SIUD412ED VISHAY-SIUD412ED Datasheet
185Kb / 7P
   N-Channel 12 V (D-S) MOSFET
Rev. A, 08-Aug-16
SI7858ADP VISHAY-SI7858ADP Datasheet
318Kb / 12P
   N-Channel 12-V (D-S) MOSFET
Rev. C, 03-Mar-08
SI7858BDP VISHAY-SI7858BDP_17 Datasheet
349Kb / 13P
   N-Channel 12 V (D-S) MOSFET
Rev. A, 03-May-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com