Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BCX51 Arkusz danych(PDF) 3 Page - Infineon Technologies AG

Numer części BCX51
Szczegółowy opis  For AF driver and output stages
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INFINEON [Infineon Technologies AG]
Strona internetowa  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCX51 Arkusz danych(HTML) 3 Page - Infineon Technologies AG

  BCX51_11 Datasheet HTML 1Page - Infineon Technologies AG BCX51_11 Datasheet HTML 2Page - Infineon Technologies AG BCX51_11 Datasheet HTML 3Page - Infineon Technologies AG BCX51_11 Datasheet HTML 4Page - Infineon Technologies AG BCX51_11 Datasheet HTML 5Page - Infineon Technologies AG BCX51_11 Datasheet HTML 6Page - Infineon Technologies AG BCX51_11 Datasheet HTML 7Page - Infineon Technologies AG BCX51_11 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2011-07-29
3
BCX51...-BCX53...
Electrical Characteristics
at TA = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC Characteristics
Collector-emitter breakdown voltage
IC = 10 mA, IB = 0 , BCX51
IC = 10 mA, IB = 0 , BCX52
IC = 10 mA, IB = 0 , BCX53
V(BR)CEO
45
60
80
-
-
-
-
-
-
V
Collector-base breakdown voltage
IC = 100 µA, IE = 0 , BCX51
IC = 100 µA, IE = 0 , BCX52
IC = 100 µA, IE = 0 , BCX53
V(BR)CBO
45
60
100
-
-
-
-
-
-
Emitter-base breakdown voltage
IE = 10 µA, IC = 0
V(BR)EBO
5
-
-
Collector-base cutoff current
VCB = 30 V, IE = 0
VCB = 30 V, IE = 0 , TA = 150 °C
ICBO
-
-
-
-
0.1
20
µA
DC current gain1)
IC = 5 mA, VCE = 2 V
IC = 150 mA, VCE = 2 V, BCX51...BCX53
IC = 150 mA, VCE = 2 V, BCX53-10
IC = 150 mA, VCE = 2 V, BCX51-16...BCX53-16
IC = 500 mA, VCE = 2 V
hFE
25
40
63
100
25
-
-
100
160
-
-
250
160
250
-
-
Collector-emitter saturation voltage1)
IC = 500 mA, IB = 50 mA
VCEsat
-
-
0.5
V
Base-emitter voltage1)
IC = 500 mA, VCE = 2 V
VBE(ON)
-
-
1
AC Characteristics
Transition frequency
IC = 50 mA, VCE = 10 V, f = 20 MHz
fT
-
125
-
MHz
1Pulse test: t < 300µs; D < 2%


Podobny numer części - BCX51_11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BCX51-10 PHILIPS-BCX51-10 Datasheet
42Kb / 8P
   PNP medium power transistors
1999 Apr 19
logo
Rectron Semiconductor
BCX51-10 RECTRON-BCX51-10 Datasheet
265Kb / 6P
   TRANSISTOR (PNP)
logo
Siemens Semiconductor G...
BCX51-10 SIEMENS-BCX51-10 Datasheet
146Kb / 5P
   PNP Silicon AF Transistors
logo
Rectron Semiconductor
BCX51-10 RECTRON-BCX51-10 Datasheet
335Kb / 6P
   TRANSISTOR (PNP)
logo
Infineon Technologies A...
BCX51-10 INFINEON-BCX51-10 Datasheet
141Kb / 5P
   PNP Silicon AF Transistors
Feb-10-2004
More results

Podobny opis - BCX51_11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Infineon Technologies A...
BCX54 INFINEON-BCX54_11 Datasheet
526Kb / 8P
   For AF driver and output stages
2011-09-19
logo
Shanghai Leiditech Elec...
BCP54 LEIDITECH-BCP54 Datasheet
1,000Kb / 4P
   For AF driver and output stages
logo
First Silicon Co., Ltd
BCP55 FS-BCP55 Datasheet
533Kb / 5P
   For AF driver and output stages
logo
Infineon Technologies A...
BCP56-16E6327 INFINEON-BCP56-16E6327 Datasheet
827Kb / 7P
   For AF driver and output stages
2011-10-13
logo
Fairchild Semiconductor
BC80725MTF FAIRCHILD-BC80725MTF Datasheet
77Kb / 6P
   Suitable for AF-Driver stages and low power output stages
BC33725TA FAIRCHILD-BC33725TA Datasheet
33Kb / 3P
   Suitable for AF-Driver stages and low power output stages
logo
Infineon Technologies A...
BC847AE6327 INFINEON-BC847AE6327 Datasheet
881Kb / 13P
   For AF input stages and driver applications
2011-09-09
BC847B-E6327 INFINEON-BC847B-E6327 Datasheet
881Kb / 13P
   For AF input stages and driver applications
2011-09-09
logo
Siemens Semiconductor G...
BCP51-BCP53 SIEMENS-BCP51-BCP53 Datasheet
140Kb / 5P
   PNP Silicon AF Transistors (For AF driver and output stages High collector current)
BCP51MBCP53M SIEMENS-BCP51MBCP53M Datasheet
31Kb / 4P
   PNP Silicon AF Transistor (For AF driver and output stages High collector current)
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com