Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI4228DY Arkusz danych(PDF) 2 Page - Vishay Telefunken

Numer części SI4228DY
Szczegółowy opis  Dual N-Channel 25 V (D-S) MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TFUNK [Vishay Telefunken]
Strona internetowa  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI4228DY Arkusz danych(HTML) 2 Page - Vishay Telefunken

  SI4228DY Datasheet HTML 1Page - Vishay Telefunken SI4228DY Datasheet HTML 2Page - Vishay Telefunken SI4228DY Datasheet HTML 3Page - Vishay Telefunken SI4228DY Datasheet HTML 4Page - Vishay Telefunken SI4228DY Datasheet HTML 5Page - Vishay Telefunken SI4228DY Datasheet HTML 6Page - Vishay Telefunken SI4228DY Datasheet HTML 7Page - Vishay Telefunken SI4228DY Datasheet HTML 8Page - Vishay Telefunken SI4228DY Datasheet HTML 9Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
www.vishay.com
2
Document Number: 66591
S10-1043-Rev. A, 03-May-10
Vishay Siliconix
Si4228DY
New Product
Notes
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 µA
25
V
VDS Temperature Coefficient
ΔV
DS/TJ
ID = 250 µA
20
mV/°C
VGS(th) Temperature Coefficient
ΔV
GS(th)/TJ
- 3.2
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS , ID = 250 µA
0.6
1.4
V
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 12 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 25 V, VGS = 0 V
1
µA
VDS = 25 V, VGS = 0 V, TJ = 55 °C
10
On-State Drain Currenta
ID(on)
VDS ≥ 5 V, VGS = 10 V
20
A
Drain-Source On-State Resistancea
RDS(on)
VGS = 10 V, ID = 7 A
0.015
0.018
Ω
VGS = 4.5 V, ID = 7 A
0.016
0.020
VGS = 2.5 V, ID = 5 A
0.020
0.024
Forward Transconductancea
gfs
VDS = 15 V, ID = 7 A
68
S
Dynamicb
Input Capacitance
Ciss
VDS = 12.5 V, VGS = 0 V, f = 1 MHz
790
pF
Output Capacitance
Coss
146
Reverse Transfer Capacitance
Crss
76
Total Gate Charge
Qg
VDS = 12.5 V, VGS = 10 V, ID = 8.6 A
16.5
25
nC
VDS = 12.5 V, VGS = 4.5 V, ID = 8.6 A
7.8
12
Gate-Source Charge
Qgs
1.6
Gate-Drain Charge
Qgd
1.7
Gate Resistance
Rg
f = 1 MHz
0.5
2.5
5
Ω
Turn-On Delay Time
td(on)
VDD = 12.5 V, RL = 1.8 Ω
ID ≅ 6.9 A, VGEN = 4.5 V, Rg = 1 Ω
714
ns
Rise Time
tr
12
18
Turn-Off Delay Time
td(off)
21
30
Fall Time
tf
10
20
Turn-On Delay Time
td(on)
VDD = 12.5 V, RL = 1.8 Ω
ID ≅ 6.9 A, VGEN = 10 V, Rg = 1 Ω
48
Rise Time
tr
918
Turn-Off Delay Time
td(off)
20
30
Fall Time
tf
714
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
TC = 25 °C
2.6
A
Pulse Diode Forward Currenta
ISM
50
Body Diode Voltage
VSD
IS = 6.9 A
0.82
1.2
V
Body Diode Reverse Recovery Time
trr
IF = 6.9 A, dI/dt = 100 A/µs, TJ = 25 °C
15
23
ns
Body Diode Reverse Recovery Charge
Qrr
612
nC
Reverse Recovery Fall Time
ta
8
ns
Reverse Recovery Rise Time
tb
7


Podobny numer części - SI4228DY

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI4228DY VISHAY-SI4228DY Datasheet
281Kb / 10P
   Dual N-Channel 25 V (D-S) MOSFET
Rev. A, 03-May-10
SI4228DY VISHAY-SI4228DY Datasheet
219Kb / 9P
   Dual N-Channel 25 V (D-S) MOSFET
01-Jan-2022
SI4228DY-T1-E3 VISHAY-SI4228DY-T1-E3 Datasheet
194Kb / 9P
   Dual N-Channel 25 V (D-S) MOSFET
Rev. A, 11-Apr-11
logo
VBsemi Electronics Co.,...
SI4228DY-T1-E3 VBSEMI-SI4228DY-T1-E3 Datasheet
985Kb / 7P
   Dual N-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI4228DY-T1-GE3 VISHAY-SI4228DY-T1-GE3 Datasheet
281Kb / 10P
   Dual N-Channel 25 V (D-S) MOSFET
Rev. A, 03-May-10
More results

Podobny opis - SI4228DY

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI4952DY VISHAY-SI4952DY Datasheet
176Kb / 9P
   Dual N-Channel 25-V (D-S) MOSFET
Rev. C, 04-May-09
SI4228DY VISHAY-SI4228DY Datasheet
281Kb / 10P
   Dual N-Channel 25 V (D-S) MOSFET
Rev. A, 03-May-10
logo
VBsemi Electronics Co.,...
8822 VBSEMI-8822 Datasheet
974Kb / 8P
   Dual N-Channel 25-V (D-S) MOSFET
8205 VBSEMI-8205 Datasheet
963Kb / 8P
   Dual N-Channel 25-V (D-S) MOSFET
PJ8205 VBSEMI-PJ8205 Datasheet
963Kb / 8P
   Dual N-Channel 25-V (D-S) MOSFET
SM8205AOC-TRL VBSEMI-SM8205AOC-TRL Datasheet
965Kb / 8P
   Dual N-Channel 25-V (D-S) MOSFET
SI6926ADQ-T1-GE3 VBSEMI-SI6926ADQ-T1-GE3 Datasheet
965Kb / 8P
   Dual N-Channel 25-V (D-S) MOSFET
UPA1852GR-9JG-A VBSEMI-UPA1852GR-9JG-A Datasheet
965Kb / 8P
   Dual N-Channel 25-V (D-S) MOSFET
logo
Vishay Siliconix
SI4952DY VISHAY-SI4952DY_V01 Datasheet
175Kb / 9P
   Dual N-Channel 25-V (D-S) MOSFET
01-Jan-2022
SI1904EDH VISHAY-SI1904EDH Datasheet
49Kb / 5P
   DUAL N-CHANNEL 25-V (D-S) MOSFET
Rev. B, 21-May-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com