Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI7748DP Arkusz danych(PDF) 2 Page - Vishay Telefunken

Numer części SI7748DP
Szczegółowy opis  N-Channel 30 V (D-S) MOSFET with Schottky Diode
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TFUNK [Vishay Telefunken]
Strona internetowa  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI7748DP Arkusz danych(HTML) 2 Page - Vishay Telefunken

  SI7748DP Datasheet HTML 1Page - Vishay Telefunken SI7748DP Datasheet HTML 2Page - Vishay Telefunken SI7748DP Datasheet HTML 3Page - Vishay Telefunken SI7748DP Datasheet HTML 4Page - Vishay Telefunken SI7748DP Datasheet HTML 5Page - Vishay Telefunken SI7748DP Datasheet HTML 6Page - Vishay Telefunken SI7748DP Datasheet HTML 7Page - Vishay Telefunken SI7748DP Datasheet HTML 8Page - Vishay Telefunken SI7748DP Datasheet HTML 9Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Si7748DP
www.vishay.com
Vishay Siliconix
S14-1030-Rev. B, 12-May-14
2
Document Number: 68785
For technical questions, contact: pmostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
a. Pulse test; pulse width
≤ 300 μs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 1 mA
30
-
-
V
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 1 mA
1.3
-
2.7
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
-
-
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 30 V, VGS = 0 V
-
0.075
0.300
mA
VDS = 30 V, VGS = 0 V, TJ = 100 °C
-
6.7
65
On-State Drain Current a
ID(on)
VDS
≥ 5 V, VGS = 10 V
40
-
-
A
Drain-Source On-State Resistance a
RDS(on)
VGS = 10 V, ID = 15 A
-
0.0039
0.0048
Ω
VGS = 4.5 V, ID = 10 A
-
0.0053
0.0066
Forward Transconductance a
gfs
VDS = 15 V, ID = 15 A
-
80
-
S
Dynamic b
Input Capacitance
Ciss
VDS = 15 V, VGS = 0 V, f = 1 MHz
-
3770
-
pF
Output Capacitance
Coss
-
575
-
Reverse Transfer Capacitance
Crss
-
215
-
Total Gate Charge
Qg
VDS = 15 V, VGS = 10 V, ID = 10 A
-
61
92
nC
VDS = 15 V, VGS = 4.5 V, ID = 10 A
-27.8
42
Gate-Source Charge
Qgs
-10.2
-
Gate-Drain Charge
Qgd
-7.3
-
Gate Resistance
Rg
f = 1 MHz
0.2
1
2
Ω
Turn-On Delay Time
td(on)
VDD = 15 V, RL = 1.5
Ω
ID
≅ 10 A, VGEN = 10 V, Rg = 1 Ω
-15
30
ns
Rise Time
tr
-9
18
Turn-Off Delay Time
td(off)
-35
70
Fall Time
tf
-8
16
Turn-On Delay Time
td(on)
VDD = 15 V, RL = 1.5
Ω
ID
≅ 10 A, VGEN = 4.5 V, Rg = 1 Ω
-36
75
Rise Time
tr
-16
30
Turn-Off Delay Time
td(off)
-44
85
Fall Time
tf
-16
30
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
TC = 25 °C
-
-
50
A
Pulse Diode Forward Current (t = 100 μs)
ISM
--
150
Body Diode Voltage
VSD
IS = 2 A
-
0.42
0.55
V
Body Diode Reverse Recovery Time
trr
IF = 10 A, dI/dt = 100 A/μs, TJ = 25 °C
-25
50
ns
Body Diode Reverse Recovery Charge
Qrr
-13
26
nC
Reverse Recovery Fall Time
ta
-12
-
ns
Reverse Recovery Rise Time
tb
-13
-


Podobny numer części - SI7748DP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI7748DP VISHAY-SI7748DP Datasheet
482Kb / 13P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. A, 04-Aug-08
SI7748DP-T1-GE3 VISHAY-SI7748DP-T1-GE3 Datasheet
482Kb / 13P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. A, 04-Aug-08
More results

Podobny opis - SI7748DP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI7160DP VISHAY-SI7160DP Datasheet
109Kb / 7P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 16-Feb-09
SI4646DY VISHAY-SI4646DY Datasheet
210Kb / 9P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 18-May-09
SIE726DF VISHAY-SIE726DF Datasheet
210Kb / 10P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 13-Jul-09
logo
Unisonic Technologies
UT4810D UTC-UT4810D Datasheet
201Kb / 5P
   N-CHANNEL 30-V (D-S) MOSFET WITH SCHOTTKY DIODE
logo
Vishay Siliconix
SI4810DY VISHAY-SI4810DY Datasheet
43Kb / 5P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. F, 26-May-03
SI7720DN VISHAY-SI7720DN Datasheet
552Kb / 14P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. A, 04-Aug-08
SI4812BDY-E3 VISHAY-SI4812BDY-E3 Datasheet
254Kb / 9P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. D, 29-Dec-08
logo
Vishay Telefunken
SIS782DN TFUNK-SIS782DN Datasheet
560Kb / 14P
   N-Channel 30 V (D-S) MOSFET with Schottky Diode
logo
Vishay Siliconix
SIS782DN VISHAY-SIS782DN_V01 Datasheet
594Kb / 13P
   N-Channel 30 V (D-S) MOSFET with Schottky Diode
01-Jan-2022
SIS780DN VISHAY-SIS780DN_V01 Datasheet
592Kb / 13P
   N-Channel 30 V (D-S) MOSFET with Schottky Diode
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com