Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BA895 Arkusz danych(PDF) 1 Page - Infineon Technologies AG

Numer części BA895
Szczegółowy opis  Current-controlled RF resistor for switching and attenuating applications
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INFINEON [Infineon Technologies AG]
Strona internetowa  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BA895 Arkusz danych(HTML) 1 Page - Infineon Technologies AG

  BA895 Datasheet HTML 1Page - Infineon Technologies AG BA895 Datasheet HTML 2Page - Infineon Technologies AG BA895 Datasheet HTML 3Page - Infineon Technologies AG BA895 Datasheet HTML 4Page - Infineon Technologies AG BA895 Datasheet HTML 5Page - Infineon Technologies AG BA895 Datasheet HTML 6Page - Infineon Technologies AG BA895 Datasheet HTML 7Page - Infineon Technologies AG BA895 Datasheet HTML 8Page - Infineon Technologies AG BA895 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
2014-02-11
1
BA595/BA885/BA895...
Silicon PIN Diode
• Current-controlled RF resistor
for switching and attenuating applications
• Frequency range 1 MHz ... 2 GHz
• Especially useful as antenna switch
in TV-sat tuners
• Very low harmonics
• Pb-free (RoHS compliant) package
• Qualified according AEC Q101
BA885
BA595
BA895
BA895-02V

!

Type
Package
Configuration
LS(nH) Marking
BA595
BA885
BA895*
BA895-02V
SOD323
SOT23
SCD80
SC79
single
single
single
single
1.8
1.8
0.6
0.6
white R
PA
RA
1
* Not for new design
Maximum Ratings at TA = 25 °C, unless otherwise specified
Parameter
Symbol
Value
Unit
Diode reverse voltage
VR
50
V
Forward current
IF
50
mA
Junction temperature
TJ
150
°C
Operating temperature range
Top
-55 ... 125
Storage temperature
TStg
-55 ... 150


Podobny numer części - BA895

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Infineon Technologies A...
BA895 INFINEON-BA895 Datasheet
471Kb / 5P
   Silicon PIN Diode
Apr-06-2004
BA895 INFINEON-BA895 Datasheet
114Kb / 10P
   Silicon PIN Diode
2007-04-19
More results

Podobny opis - BA895

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Infineon Technologies A...
BA779 INFINEON-BA779 Datasheet
62Kb / 5P
   Current-controlled RF resistor for switching and attenuating applications
2007-04-19
logo
Agilent(Hewlett-Packard...
1N5719 HP-1N5719 Datasheet
41Kb / 4P
   PIN Diodes for RF Switching and Attenuating
logo
Infineon Technologies A...
BAR64-06WH6327 INFINEON-BAR64-06WH6327 Datasheet
1,011Kb / 16P
   High voltage current controlled RF resistor for RF attenuator and switches
2011-07-18
logo
Siemens Semiconductor G...
BXY43P SIEMENS-BXY43P Datasheet
101Kb / 4P
   HiRel Silicon PIN Diode (HiRel Discrete and Microwave Semiconductor Current controlled RF resistor for RF attenuators and switches)
BXY44P SIEMENS-BXY44P Datasheet
101Kb / 4P
   HiRel Silicon PIN Diode (HiRel Discrete and Microwave Semiconductor Current controlled RF resistor for RF attenuators and switches)
BXY43 SIEMENS-BXY43 Datasheet
132Kb / 8P
   HiRel Silicon PIN Diode (HiRel Discrete and Microwave Semiconductor Current controlled RF resistor for RF attenuators and switches)
BXY44 SIEMENS-BXY44 Datasheet
135Kb / 8P
   HiRel Silicon PIN Diode (HiRel Discrete and Microwave Semiconductor Current controlled RF resistor for RF attenuators and switches)
BAR64-W SIEMENS-BAR64-W Datasheet
48Kb / 4P
   Silicon PIN Diode (High voltage current controlled RF resistor for RF attenuator and switches Frequency range above 1 MHz)
BAR64 SIEMENS-BAR64 Datasheet
89Kb / 4P
   Silicon PIN Diode (High voltage current controlled RF resistor for RF attenuator and swirches Freqency range above 1 MHz)
BAR64-02W SIEMENS-BAR64-02W Datasheet
25Kb / 4P
   Silicon PIN Diode (High voltage current controlled RF resistor for RF attenuator and switches Frequency range above 1 MHz)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com