Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI1302DL Arkusz danych(PDF) 2 Page - Vishay Telefunken

Numer części SI1302DL
Szczegółowy opis  N-Channel 30-V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TFUNK [Vishay Telefunken]
Strona internetowa  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI1302DL Arkusz danych(HTML) 2 Page - Vishay Telefunken

  SI1302DL Datasheet HTML 1Page - Vishay Telefunken SI1302DL Datasheet HTML 2Page - Vishay Telefunken SI1302DL Datasheet HTML 3Page - Vishay Telefunken SI1302DL Datasheet HTML 4Page - Vishay Telefunken SI1302DL Datasheet HTML 5Page - Vishay Telefunken SI1302DL Datasheet HTML 6Page - Vishay Telefunken SI1302DL Datasheet HTML 7Page - Vishay Telefunken SI1302DL Datasheet HTML 8Page - Vishay Telefunken SI1302DL Datasheet HTML 9Page - Vishay Telefunken  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.vishay.com
2
Document Number: 71249
S10-2140-Rev. F, 20-Sep-10
Vishay Siliconix
Si1302DL
Notes:
a. Pulse test; pulse width
 300 µs, duty cycle  2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
Parameter
Symbol
Test Conditions
Min.
Typ
Max.
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
1
3
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 30 V, VGS = 0 V
1
µA
VDS = 30 V, VGS = 0 V, TJ = 70 °C
5
On-State Drain Currenta
ID(on)
VDS = 5 V, VGS = 10 V
1.5
A
Drain-Source On-State Resistancea
RDS(on)
VGS = 10 V, ID = 0.6 A
0.410
0.480
VGS = 4.5 V, ID = 0.2 A
0.600
0.700
Forward Transconductancea
gfs
VGS = 15 V, ID = 0.6 A
0.75
S
Diode Forward Voltagea
VSD
IS = 0.23 A, VGS = 0 V
0.8
1.2
V
Dynamicb
Total Gate Charge
Qg
VDS = 15 V, VGS = 10 V, ID = 0.6 A
0.86
1.4
nC
Gate-Source Charge
Qgs
0.24
Gate-Drain Charge
Qgd
0.08
Turn-On Delay Time
td(on)
VDD = 15 V, RL = 30 
ID  0.5 A, VGEN = 10 V, Rg = 6 
510
ns
Rise Time
tr
815
Turn-Off DelayTime
td(off)
815
Fall Time
tf
715
Source-Drain Reverse Recovery Time
trr
IF = 0.23 A, dI/dt = 100 A/µs
15
30
Output Characteristics
0.0
0.2
0.4
0.6
0.8
1.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VGS = 10 V thru 4 V
3 V
VDS - Drain-to-Source Voltage (V)
Transfer Characteristics
0.0
0.2
0.4
0.6
0.8
1.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
TC = 125 °C
- 55 °C
25 °C
VGS - Gate-to-Source Voltage (V)


Podobny numer części - SI1302DL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI1302DL VISHAY-SI1302DL Datasheet
39Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 23-Oct-00
SI1302DL VISHAY-SI1302DL Datasheet
68Kb / 5P
   N-Channel 30-V (D-S) MOSFET
S-02367-Rev. C, 23-Oct-00
SI1302DL VISHAY-SI1302DL Datasheet
214Kb / 9P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 20-Sep-10
SI1302DL VISHAY-SI1302DL Datasheet
218Kb / 9P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 20-Sep-10
SI1302DL VISHAY-SI1302DL Datasheet
220Kb / 9P
   N-Channel 30-V (D-S) MOSFET
01-Jan-2022
More results

Podobny opis - SI1302DL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
logo
Vaishali Semiconductor
SI4356ADY VAISH-SI4356ADY Datasheet
143Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SIRA00DP VISHAY-SIRA00DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA04DP VISHAY-SIRA04DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA14DP VISHAY-SIRA14DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 12-Mar-12
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com