Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI4816BD Arkusz danych(PDF) 2 Page - Vishay Telefunken

Numer części SI4816BD
Szczegółowy opis  Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TFUNK [Vishay Telefunken]
Strona internetowa  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI4816BD Arkusz danych(HTML) 2 Page - Vishay Telefunken

  SI4816BD Datasheet HTML 1Page - Vishay Telefunken SI4816BD Datasheet HTML 2Page - Vishay Telefunken SI4816BD Datasheet HTML 3Page - Vishay Telefunken SI4816BD Datasheet HTML 4Page - Vishay Telefunken SI4816BD Datasheet HTML 5Page - Vishay Telefunken SI4816BD Datasheet HTML 6Page - Vishay Telefunken SI4816BD Datasheet HTML 7Page - Vishay Telefunken SI4816BD Datasheet HTML 8Page - Vishay Telefunken SI4816BD Datasheet HTML 9Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
www.vishay.com
2
Document Number: 73026
S09-0394-Rev. D, 09-Mar-09
Vishay Siliconix
Si4816BDY
Notes:
a. Guaranteed by design, not subject to production testing.
b. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
MOSFET SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.a
Max.
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
Ch-1
1.0
3.0
V
Ch-2
1.0
3.0
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = 20 V
Ch-1
100
nA
Ch-2
100
Zero Gate Voltage Drain Current
IDSS
VDS = 30 V, VGS = 0 V
Ch-1
1
µA
Ch-2
100
VDS = 30 V, VGS = 0 V, TJ = 85 °C
Ch-1
15
Ch-2
2000
On-State Drain Currentb
ID(on)
VDS = 5 V, VGS = 10 V
Ch-1
20
A
Ch-2
30
Drain-Source On-State Resistanceb
RDS(on)
VGS = 10 V, ID = 6.8 A
Ch-1
0.0155
0.0185
Ω
VGS = 10 V, ID = 11.4 A
Ch-2
0.0093
0.0115
VGS = 4.5 V, ID = 6.0 A
Ch-1
0.0185
0.0225
VGS = 4.5 V, ID = 9.5 A
Ch-2
0.013
0.016
Forward Transconductanceb
gfs
VDS = 15 V, ID = 6.8 A
Ch-1
30
S
VDS = 15 V, ID = 11.4 A
Ch-2
31
Diode Forward Voltageb
VSD
IS = 1 A, VGS = 0 V
Ch-1
0.73
1.1
V
IS = 1 A, VGS = 0 V
Ch-2
0.47
0.5
Dynamica
Total Gate Charge
Qg
Channel-1
VDS = 15 V, VGS = 5 V, ID = 6.8 A
Channel-2
VDS = 15 V, VGS = 5 V, ID = - 11.4 A
Ch-1
7.8
10
nC
Ch-2
11.6
18
Gate-Source Charge
Qgs
Ch-1
2.9
Ch-2
4.8
Gate-Drain Charge
Qgd
Ch-1
2.3
Ch-2
3.7
Gate Resistance
Rg
Ch-1
1.5
3.0
4.5
Ω
Ch-2
0.9
1.8
2.7
Turn-On Delay Time
td(on)
Channel-1
VDD = 15 V, RL = 15 Ω
ID ≅ 1 A, VGEN = 10 V, Rg = 6 Ω
Channel-2
VDD = 15 V, RL = 15 Ω
ID ≅ 1 A, VGEN = 10 V, Rg = 6 Ω
Ch-1
11
17
ns
Ch-2
13
20
Rise Time
tr
Ch-1
9
15
Ch-2
9
15
Turn-Off Delay Time
td(off)
Ch-1
24
40
Ch-2
31
50
Fall Time
tf
Ch-1
9
15
Ch-2
11
17
Source-Drain Reverse Recovery Time
trr
IF = 1.3 A, dI/dt = 100 A/µs
Ch-1
20
35
IF = 2.2 A, dI/dt = 100 µA/µs
Ch-2
25
40


Podobny numer części - SI4816BD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI4816BDY VISHAY-SI4816BDY Datasheet
88Kb / 9P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. A, 09-Aug-04
SI4816BDY VISHAY-SI4816BDY Datasheet
264Kb / 13P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. D, 09-Mar-0
SI4816BDY VISHAY-SI4816BDY Datasheet
198Kb / 12P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
01-Jan-2022
SI4816BDY-T1-E3 VISHAY-SI4816BDY-T1-E3 Datasheet
264Kb / 13P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. D, 09-Mar-0
SI4816BDY-T1-GE3 VISHAY-SI4816BDY-T1-GE3 Datasheet
264Kb / 13P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. D, 09-Mar-0
More results

Podobny opis - SI4816BD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI4808DY VISHAY-SI4808DY Datasheet
46Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 26-May-03
SI4818DY VISHAY-SI4818DY Datasheet
68Kb / 8P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 26-May-03
SI4816BDY VISHAY-SI4816BDY Datasheet
88Kb / 9P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. A, 09-Aug-04
SI4854DY VISHAY-SI4854DY Datasheet
53Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. A, 16-Apr-01
SI4834BDY-T1-E3 VISHAY-SI4834BDY-T1-E3 Datasheet
261Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. D, 18-May-09
SI4834BDY VISHAY-SI4834BDY Datasheet
93Kb / 7P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. C, 29-Dec-03
SI4650DY VISHAY-SI4650DY Datasheet
155Kb / 12P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. D, 18-Jan-10
SI4310BDY VISHAY-SI4310BDY_V01 Datasheet
152Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
01-Jan-2022
SI7872DP VISHAY-SI7872DP_V01 Datasheet
149Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
18-Jul-08
SI7842DP VISHAY-SI7842DP_V01 Datasheet
133Kb / 6P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
01-Jan-2022
SIZ980BDT VISHAY-SIZ980BDT Datasheet
239Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET with Schottky Diode
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com