Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI7272DP Arkusz danych(PDF) 6 Page - Vishay Telefunken

Numer części SI7272DP
Szczegółowy opis  Dual N-Channel 30-V (D-S) MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TFUNK [Vishay Telefunken]
Strona internetowa  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI7272DP Arkusz danych(HTML) 6 Page - Vishay Telefunken

Back Button SI7272DP Datasheet HTML 2Page - Vishay Telefunken SI7272DP Datasheet HTML 3Page - Vishay Telefunken SI7272DP Datasheet HTML 4Page - Vishay Telefunken SI7272DP Datasheet HTML 5Page - Vishay Telefunken SI7272DP Datasheet HTML 6Page - Vishay Telefunken SI7272DP Datasheet HTML 7Page - Vishay Telefunken SI7272DP Datasheet HTML 8Page - Vishay Telefunken SI7272DP Datasheet HTML 9Page - Vishay Telefunken SI7272DP Datasheet HTML 10Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
www.vishay.com
6
Document Number: 69026
S09-0269-Rev. B, 16-Feb-09
Vishay Siliconix
Si7272DP
New Product
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see www.vishay.com/ppg?69026.
Normalized Thermal Transient Impedance, Junction-to-Ambient
0.2
0.1
t1
t2
Notes:
PDM
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 80 °C/W
3. TJM -TA =PDMZthJA(t)
t1
t2
4. Surface Mounted
Duty Cycle = 0.5
Single Pulse
0.02
0.05
10-3
10-2
1
10
1000
10-1
10-4
100
Square WavePulse Duration (s)
0.1
0.01
1
Normalized Thermal Transient Impedance, Junction-to-Case
0.2
Duty Cycle = 0.5
0.05
0.02
Single Pulse
0.1
1
0.1
0.01
Square WavePulse Duration (s)
10-3
10-2
1
10-1
10-4


Podobny numer części - SI7272DP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI7272DP VISHAY-SI7272DP Datasheet
111Kb / 7P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. B, 16-Feb-09
SI7272DP VISHAY-SI7272DP Datasheet
368Kb / 13P
   Dual N-Channel 30 V (D-S) MOSFET
01-Jan-2022
SI7272DP-T1-GE3 VISHAY-SI7272DP-T1-GE3 Datasheet
368Kb / 13P
   Dual N-Channel 30 V (D-S) MOSFET
01-Jan-2022
SI7272DP VISHAY-SI7272DP_V01 Datasheet
368Kb / 13P
   Dual N-Channel 30 V (D-S) MOSFET
01-Jan-2022
More results

Podobny opis - SI7272DP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI7212DN VISHAY-SI7212DN Datasheet
94Kb / 6P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. B, 13-Jun-05
logo
DinTek Semiconductor Co...
DTM4936 DINTEK-DTM4936 Datasheet
294Kb / 9P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4932DY VISHAY-SI4932DY Datasheet
111Kb / 7P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. A, 22-Dec-08
SIZ340DT VISHAY-SIZ340DT Datasheet
372Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. B, 24-Mar-14
logo
Analog Power
AM6926NH ANALOGPOWER-AM6926NH Datasheet
398Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4276DY-T1-E3 VISHAY-SI4276DY-T1-E3 Datasheet
232Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. A, 11-Apr-11
SI4276DY VISHAY-SI4276DY Datasheet
304Kb / 15P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. A, 31-May-10
SI5906DU VISHAY-SI5906DU Datasheet
164Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. A, 20-Jul-09
SI7212DN VISHAY-SI7212DN_09 Datasheet
549Kb / 12P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. F, 14-Sep-09
logo
Analog Power
AM4934N ANALOGPOWER-AM4934N Datasheet
95Kb / 3P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4936ADY VISHAY-SI4936ADY Datasheet
61Kb / 4P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. B, 13-Oct-03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com