Zakładka z wyszukiwarką danych komponentów |
|
SB260 Arkusz danych(PDF) 2 Page - Unisonic Technologies |
|
SB260 Arkusz danych(HTML) 2 Page - Unisonic Technologies |
2 / 3 page SB260 DIODE UNISONICTECHNOLOGIESCO.,LTD 2 of 3 www.unisonic.com.tw QW-R601-240.C ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified) Single phase, half wave, 60Hz, resistive or inductive load. For capacitance load, derate current by 20%. PARAMETER SYMBOL RATINGS UNIT DC Blocking Voltage VR 60 V Working Peak Reverse Voltage VRWM 60 V Repetitive Peak Reverse Voltage VRRM 60 V RMS Reverse Voltage VR(RMS) 42 V Average Rectified Output Current (TA=25°C) (Note 1) IO 2.0 A Non-Repetitive Peak Forward Surge Current 8.3ms Single Half Sine-Wave Superimposed on Rated Load (JEDEC Method) IFSM 50 A Operating Junction Temperature TJ -55~+125 °C Storage Temperature TSTG -55~+125 °C Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied. THERMAL DATA PARAMETER SYMBOL RATINGS UNIT Junction to Ambient θJA 50 °C/W ELECTRICAL CHARACTERISTICS (TA =25°C unless otherwise specified.) Single phase, half wave, 60Hz, resistive or inductive load. For capacitance load, derate current by 20%. PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT Forward Voltage Drop VFM IF=2.0A 0.70 V Peak Reverse Current at Rated DC Blocking Voltage IRM TA=25°C 0.5 mA Junction Capacitance (Note 2) CJ 190 pF Notes: 1. Pulse width≤300μs, duty cycle≤2%. 2. Measured at 1.0MHz and applied reverse voltage of 5.0V DC. |
Podobny numer części - SB260 |
|
Podobny opis - SB260 |