Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SIZ728DT Arkusz danych(PDF) 6 Page - Vishay Telefunken

Numer części SIZ728DT
Szczegółowy opis  N-Channel 25 V (D-S) MOSFETs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TFUNK [Vishay Telefunken]
Strona internetowa  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SIZ728DT Arkusz danych(HTML) 6 Page - Vishay Telefunken

Back Button SIZ728DT Datasheet HTML 2Page - Vishay Telefunken SIZ728DT Datasheet HTML 3Page - Vishay Telefunken SIZ728DT Datasheet HTML 4Page - Vishay Telefunken SIZ728DT Datasheet HTML 5Page - Vishay Telefunken SIZ728DT Datasheet HTML 6Page - Vishay Telefunken SIZ728DT Datasheet HTML 7Page - Vishay Telefunken SIZ728DT Datasheet HTML 8Page - Vishay Telefunken SIZ728DT Datasheet HTML 9Page - Vishay Telefunken SIZ728DT Datasheet HTML 10Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
www.vishay.com
6
Document Number: 67694
S11-2379-Rev. B, 28-Nov-11
Vishay Siliconix
SiZ728DT
New Product
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
CHANNEL-1 TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
* The power dissipation PD is based on TJ(max) = 150 °C, using junction-to-case thermal resistance, and is more useful in settling the upper
dissipation limit for cases where additional heatsinking is used. It is used to determine the current rating, when this rating falls below the package
limit.
Current Derating*
0
10
20
30
40
50
60
0
25
50
75
100
125
150
T
C - Case Temperature (°C)
Package Limited
Power, Junction-to-Case
0
5
10
15
20
25
30
25
50
75
100
125
150
T
C - Case Temperature (°C)


Podobny numer części - SIZ728DT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SIZ728DT VISHAY-SIZ728DT Datasheet
210Kb / 14P
   N-Channel 25 V (D-S) MOSFETs
Rev. A, 04-Apr-11
SIZ728DT VISHAY-SIZ728DT Datasheet
211Kb / 14P
   N-Channel 25 V (D-S) MOSFETs
Rev. B, 28-Nov-11
SIZ728DT VISHAY-SIZ728DT Datasheet
215Kb / 14P
   N-Channel 25 V (D-S) MOSFETs
08-Feb-17
SIZ728DT-T1-GE3 VISHAY-SIZ728DT-T1-GE3 Datasheet
210Kb / 14P
   N-Channel 25 V (D-S) MOSFETs
Rev. A, 04-Apr-11
SIZ728DT VISHAY-SIZ728DT_12 Datasheet
211Kb / 14P
   N-Channel 25 V (D-S) MOSFETs
Rev. B, 28-Nov-11
More results

Podobny opis - SIZ728DT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SIZ728DT VISHAY-SIZ728DT_12 Datasheet
211Kb / 14P
   N-Channel 25 V (D-S) MOSFETs
Rev. B, 28-Nov-11
SIZ728DT VISHAY-SIZ728DT Datasheet
210Kb / 14P
   N-Channel 25 V (D-S) MOSFETs
Rev. A, 04-Apr-11
SIZ728DT VISHAY-SIZ728DT_V01 Datasheet
215Kb / 14P
   N-Channel 25 V (D-S) MOSFETs
08-Feb-17
SIRA22DP VISHAY-SIRA22DP Datasheet
255Kb / 9P
   N-Channel 25 V (D-S) MOSFETs
01-Jan-2022
SIZ320DT VISHAY-SIZ320DT Datasheet
368Kb / 14P
   Dual N-Channel 25 V (D-S) MOSFETs
08-Feb-17
SIZ926DT VISHAY-SIZ926DT Datasheet
236Kb / 14P
   Dual N-Channel 25 V (D-S) MOSFETs
01-Jan-2022
SIZ328DT VISHAY-SIZ328DT Datasheet
391Kb / 14P
   Dual N-Channel 25 V (D-S) MOSFETs
01-Jan-2022
VN2010L VISHAY-VN2010L Datasheet
45Kb / 4P
   N-Channel 200-V (D-S) MOSFETs
Rev. C, 16-Jul-01
SIZ730DT VISHAY-SIZ730DT_12 Datasheet
211Kb / 14P
   N-Channel 30 V (D-S) MOSFETs
Rev. B, 28-Nov-11
SIZ720DT VISHAY-SIZ720DT_V01 Datasheet
193Kb / 14P
   N-Channel 20-V (D-S) MOSFETs
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com