Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

N01S830HAT22I Arkusz danych(PDF) 10 Page - ON Semiconductor

Numer części N01S830HAT22I
Szczegółowy opis  1 Mb Ultra-Low Power Serial SRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

N01S830HAT22I Arkusz danych(HTML) 10 Page - ON Semiconductor

Back Button N01S830HAT22I Datasheet HTML 5Page - ON Semiconductor N01S830HAT22I Datasheet HTML 6Page - ON Semiconductor N01S830HAT22I Datasheet HTML 7Page - ON Semiconductor N01S830HAT22I Datasheet HTML 8Page - ON Semiconductor N01S830HAT22I Datasheet HTML 9Page - ON Semiconductor N01S830HAT22I Datasheet HTML 10Page - ON Semiconductor N01S830HAT22I Datasheet HTML 11Page - ON Semiconductor N01S830HAT22I Datasheet HTML 12Page - ON Semiconductor N01S830HAT22I Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
N01S830HA, N01S830BA
http://onsemi.com
10
Table 8. CAPACITANCE (Note 3)
Item
Symbol
Test Conditions
Min
Max
Units
Input Capacitance
CIN
VIN = 0 V, f = 1 MHz, TA = 25°C
7
pF
I/O Capacitance
CI/O
VIN = 0 V, f = 1 MHz, TA = 25°C
7
pF
3. These parameters are verified in device characterization and are not 100% tested.
Table 9. TIMING TEST CONDITIONS
Item
Value
Input Pulse Level
0.1 VCC to 0.9 VCC
Input Rise and Fall Time
5 ns
Input and Output Timing Reference Levels
0.5 VCC
Output Load
CL = 30 pF
Operating Temperature
−40 to +85°C
Table 10. TIMING
Item
Symbol
Min
Max
Units
Clock Frequency
fCLK
20
MHz
Clock Period
tCLK
50
ns
Clock Rise Time
tR
20
ns
Clock Fall Time
tF
20
ns
Clock High Time
tHI
25
ns
Clock Low Time
tLO
25
ns
Clock Delay Time
tCLD
25
ns
CS Setup Time
tCSS
25
ns
CS Hold Time
tCSH
50
ns
CS Disable Time
tCSD
25
ns
SCK to CS
tSCS
5
ns
Data Setup Time
tSU
10
ns
Data Hold Time
tHD
10
ns
Output Valid From Clock Low
tV
25
ns
Output Hold Time
tHO
0
ns
Output Disable Time
tDIS
20
ns
HOLD Setup Time
tHS
10
ns
HOLD Hold Time
tHH
10
ns
HOLD Low to Output High-Z
tHZ
10
ns
HOLD High to Output Valid
tHV
50
ns


Podobny numer części - N01S830HAT22I

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
N01S830HAT22I ONSEMI-N01S830HAT22I Datasheet
99Kb / 13P
   1 Mb Ultra-Low Power Serial SRAM
February, 2016 ??Rev. 2
N01S830HAT22IT ONSEMI-N01S830HAT22IT Datasheet
99Kb / 13P
   1 Mb Ultra-Low Power Serial SRAM
February, 2016 ??Rev. 2
More results

Podobny opis - N01S830HAT22I

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
N01S818HA ONSEMI-N01S818HA Datasheet
132Kb / 12P
   1 Mb Ultra-Low Power Serial SRAM
September, 2013 ??Rev. 0
N01S830HA ONSEMI-N01S830HA_16 Datasheet
99Kb / 13P
   1 Mb Ultra-Low Power Serial SRAM
February, 2016 ??Rev. 2
CAT24M01 ONSEMI-CAT24M01_18 Datasheet
384Kb / 18P
   EEPROM Serial 1-Mb I2C
May, 2018 ??Rev. 4
NV25M01 ONSEMI-NV25M01_18 Datasheet
277Kb / 15P
   EEPROM Serial 1-Mb SPI
June, 2018 ??Rev. 1
CAV24M01 ONSEMI-CAV24M01_18 Datasheet
269Kb / 14P
   EEPROM Serial 1-Mb I2C
May, 2018 ??Rev. 2
CAT25M01 ONSEMI-CAT25M01_18 Datasheet
337Kb / 17P
   EEPROM Serial 1-Mb SPI
June, 2018 ??Rev. 3
NV25M01 ONSEMI-NV25M01 Datasheet
109Kb / 13P
   1 Mb SPI Serial CMOS EEPROM
September, 2016 ??Rev. P1
CAV25M01 ONSEMI-CAV25M01_15 Datasheet
124Kb / 14P
   1 Mb SPI Serial CMOS EEPROM
December, 2015 ??Rev. 3
CAV25M01 ONSEMI-CAV25M01 Datasheet
175Kb / 13P
   1 Mb SPI Serial CMOS EEPROM
June, 2013 ??Rev. 1
CAT25M01 ONSEMI-CAT25M01_16 Datasheet
117Kb / 14P
   1 Mb SPI Serial CMOS EEPROM
October, 2016 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com