Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CS3717A Arkusz danych(PDF) 1 Page - ON Semiconductor

Numer części CS3717A
Szczegółowy opis  1A H-Bridge Stepper Motor Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS3717A Arkusz danych(HTML) 1 Page - ON Semiconductor

  CS3717A Datasheet HTML 1Page - ON Semiconductor CS3717A Datasheet HTML 2Page - ON Semiconductor CS3717A Datasheet HTML 3Page - ON Semiconductor CS3717A Datasheet HTML 4Page - ON Semiconductor CS3717A Datasheet HTML 5Page - ON Semiconductor CS3717A Datasheet HTML 6Page - ON Semiconductor CS3717A Datasheet HTML 7Page - ON Semiconductor CS3717A Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Features
s
Full/Half /Quarter Step
Operation
s
Output Current Up to 1 A
s
Motor Supply Voltage
10V to 46V
s
Integrated Bootstrap
Lowers Saturation Voltage
s
Built In Protection Diodes
s
Externally Selectable
Current Level
s
Digital or Analog Control
of Output Current Level
s
Thermal Overload
Protection
s
Minimum External
Components
Package Options
1A H-Bridge Stepper Motor Driver
CS3717A
Description
Block Diagram
16L PDIP
(Internally Fused Leads)
1
OUTB
Pulse
VDD
B
Gnd
VCC
IN1
DIRECTION
Sense
OUTA
VDD
A
Gnd
Gnd
VREF
Comp In
IN0
Gnd
December, 2001 - Rev. 4
ON Semiconductor
2000 South County Trail, East Greenwich, RI 02818
Tel: (401)885–3600 Fax: (401)885–5786
N. American Technical Support: 800-282-9855
Web Site: www.cherry–semi.com
The CS3717A controls and drives
one phase of a bipolar stepper motor
with chopper control of the phase
current. Current levels may be
selected in three steps by means of
two logic inputs which select one of
three current comparators. When
both of these inputs are high the
device is disabled. A separate logic
input controls the direction of cur-
rent flow. A monostable, pro-
grammed by an external RC net-
work, sets the current decay time.
The power section is a full H-bridge
driver with four internal clamp
diodes for current recirculation. An
external connection to the lower
emitters is available for the insertion
of a sensing resistor. Two CS3717A’s
and several external components
form a complete stepper motor drive
subsystem.
The recommended operating ambient
temperature range is from 0° to 70°C.
The CS3717A is supplied in a 16 lead
PDIP.
Power Supply Voltage (VDDA, VDDB)............................................................50V
Logic Supply Voltage (VCC) .............................................................................7V
Logic Input Voltage (IN0, IN1, DIRECTION) ...............................................6V
Comparator Input............................................................................................VCC
Reference Input Voltage..................................................................................15V
Output Current (DC Operation)...................................................................1.2A
Storage Temperature .................................................................–55°C to +150°C
Operating Junction Temperature ............................................–40°C to +150°C
Lead Temperature Soldering
Wave Solder(through hole styles only) ...........10 sec. max, 260°C peak
Absolute Maximum Ratings
THERMAL
SHUTDOWN
VDD
A
Pulse
Comp In
Sense
OUTA OUTB VDDB
DIRECTION
IN1
IN0
VCC
VREF
Gnd
+
-
+
-
+
-
MONO-
STABLE
105
223
223
6K
00
01
10
11


Podobny numer części - CS3717A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cherry Semiconductor Co...
CS3717A CHERRY-CS3717A Datasheet
168Kb / 8P
   1A H-Bridge Stepper Motor Driver
CS3717AGNF16 CHERRY-CS3717AGNF16 Datasheet
168Kb / 8P
   1A H-Bridge Stepper Motor Driver
More results

Podobny opis - CS3717A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cherry Semiconductor Co...
CS3717A CHERRY-CS3717A Datasheet
168Kb / 8P
   1A H-Bridge Stepper Motor Driver
logo
Texas Instruments
DRV8884 TI1-DRV8884 Datasheet
1Mb / 40P
[Old version datasheet]   1A Stepper Motor Driver
DRV8846 TI-DRV8846_15 Datasheet
1Mb / 35P
[Old version datasheet]   DRV8846 Dual H-Bridge Stepper Motor Driver
logo
ON Semiconductor
NCV7702B ONSEMI-NCV7702B_07 Datasheet
113Kb / 9P
   1A Dual H-Bridge Driver
October, 2007 - Rev. 1
logo
New Japan Radio
NJW4810 NJRC-NJW4810 Datasheet
143Kb / 1P
   35V / 1A H-Bridge Driver
logo
ATMEL Corporation
ATA6823C ATMEL-ATA6823C_14 Datasheet
812Kb / 26P
   H-bridge Motor Driver
ATA6823 ATMEL-ATA6823_09 Datasheet
626Kb / 28P
   H-bridge Motor Driver
logo
Texas Instruments
DRV8873 TI1-DRV8873 Datasheet
1Mb / 57P
[Old version datasheet]   H-Bridge Motor Driver
logo
ATMEL Corporation
ATA6823 ATMEL-ATA6823 Datasheet
538Kb / 28P
   H-bridge Motor Driver
ATA6026 ATMEL-ATA6026 Datasheet
609Kb / 34P
   H-bridge Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com