Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LA4708N Arkusz danych(PDF) 4 Page - ON Semiconductor

Numer części LA4708N
Szczegółowy opis  20W 2-channel BTL AF Power Amplifier for Car Stereo
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LA4708N Arkusz danych(HTML) 4 Page - ON Semiconductor

  LA4708N Datasheet HTML 1Page - ON Semiconductor LA4708N Datasheet HTML 2Page - ON Semiconductor LA4708N Datasheet HTML 3Page - ON Semiconductor LA4708N Datasheet HTML 4Page - ON Semiconductor LA4708N Datasheet HTML 5Page - ON Semiconductor LA4708N Datasheet HTML 6Page - ON Semiconductor LA4708N Datasheet HTML 7Page - ON Semiconductor LA4708N Datasheet HTML 8Page - ON Semiconductor LA4708N Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
LA4708N
No. A1783-4/9
Sample Print Pattern
+
C5
C6
C7
C8
C9
R2
R3
R4
R5
VCC
OUT1
OUT2
GND
GND
C4
C3
C2
C1
R1
IN2
IN1
STB
+
+
+
+
1
Copper foil area 90
× 105mm2
Description of External Components
C1, C4
Input capacitors
2.2
F is recommended. fL can be varied by C1, C4 capacitances to adjust the bass range.
C2
Decoupling capacitor
(ripple filter)
C3
Amplifier on time setting
capacitor
Approximately 0.8 second for 33
F. Since the on time is proportional to this capacitance, it can
be set as desired by varying this capacitance. (Refer to the characteristics curve.)
C5
Power supply capacitor
C6, C7, C8, C9
Oscillation blocking capacitors
Use polyester film capacitors (Mylar capacitors) with good temperature characteristics. (R2, R3,
R4, and R5 used jointly.) Since stability may be affected slightly by the pattern layout, etc.,
0.1
F or more is recommended.
R1
Standby switch current
limiting resistor
10k
 is recommended (when the applied voltage for the standby switch is 2.5V to 13.2V). This
resistor cannot be removed.


Podobny numer części - LA4708N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LA4708N SANYO-LA4708N Datasheet
203Kb / 9P
   Monolithic Linear IC For Car Stereos 20W 2-channel BTL AF Power Amplifier
More results

Podobny opis - LA4708N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LA4708N SANYO-LA4708N Datasheet
203Kb / 9P
   Monolithic Linear IC For Car Stereos 20W 2-channel BTL AF Power Amplifier
LA4497 SANYO-LA4497 Datasheet
89Kb / 2P
   Car Stereo-Use BTL-OCL 20W AF Power Amp?
LA4495 SANYO-LA4495 Datasheet
619Kb / 13P
   Car Stereo-Use BTL-OCL 20W AF Power Amp
LA4905 SANYO-LA4905 Datasheet
549Kb / 10P
   17-W, 2-Channel BTL AF High-Efficiency Power Amplifier for Car Stereo Systems
LA4708 SANYO-LA4708 Datasheet
204Kb / 9P
   20 W 2-channel BTL AF Power Amplifier for Car Stereos
LA4705 SANYO-LA4705 Datasheet
258Kb / 8P
   15 W 2-channel BTL AF Power Amplifier for Car Stereos
LA4475 SANYO-LA4475 Datasheet
745Kb / 16P
   BTL-OCL Power 20W Amp For Car Stereo Use?
LA4470 SANYO-LA4470 Datasheet
747Kb / 16P
   BTL-OCL 20W Power Amp For Car Stereo Use?
logo
ON Semiconductor
EN6632A ONSEMI-EN6632A Datasheet
221Kb / 8P
   20W 2-Channel BTL Power Amplifier
May, 2013
logo
Sanyo Semicon Device
LA4460N SANYO-LA4460N Datasheet
479Kb / 12P
   12W AF Power Amplifier for Car Radio, Car Stereo
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com