Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC88F52H0A Arkusz danych(PDF) 10 Page - ON Semiconductor

Numer części LC88F52H0A
Szczegółowy opis  16-bit 1-chip Microcontroller
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC88F52H0A Arkusz danych(HTML) 10 Page - ON Semiconductor

Back Button LC88F52H0A Datasheet HTML 6Page - ON Semiconductor LC88F52H0A Datasheet HTML 7Page - ON Semiconductor LC88F52H0A Datasheet HTML 8Page - ON Semiconductor LC88F52H0A Datasheet HTML 9Page - ON Semiconductor LC88F52H0A Datasheet HTML 10Page - ON Semiconductor LC88F52H0A Datasheet HTML 11Page - ON Semiconductor LC88F52H0A Datasheet HTML 12Page - ON Semiconductor LC88F52H0A Datasheet HTML 13Page - ON Semiconductor LC88F52H0A Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
LC88F52H0A
No.A1659-10/38
Pin Description
Pin Name
I/O
Description
VSS1, VSS2,
VSS3, VSS4
-
- Power sources
VDD1, VDD2,
VDD3, VDD4
-
+ Power sources
Port 0
I/O
• 8-bit I/O port
• I/O specifiable in 1-bit units
• Pull-up resistors can be turned on and off in 1 bit units
• HOLD release input (P00 to P03, P04, P05)
• Port 0 interrupt input (P00 to P03, P04, P05)
• Pin functions
P06: Timer 0L output
P07: Timer 0L output/UART0 clock input
P00 to P07
Port 1
I/O
• 8-bit I/O port
• I/O specifiable in 1-bit units
• Pull-up resistors can be turned on and off in 1 bit units
• Pin functions
P10: SIO0 data output
P11: SIO0 data input/pulse input/output
P12: SIO0 clock input/output
P13: UART0 transmit
P14: Timer 3L output/UART0 receive
P15: Timer 3H output
P16: UART2 receive
P17: UART2 transmit
P10 to P17
Port 2
I/O
• 8-bit I/O port
• I/O specifiable in 1-bit units
• Pull-up resistors can be turned on and off in 1 bit units
• Pin functions
P20: INT4 input/HOLD release input/timer 3 event input/timer 2L capture input/timer 2H capture input
P21: INT5 input/HOLD release input/timer 3 event input/timer 2L capture input/timer 2H capture input
P22: SMIIC0 clock input/output
P23: SMIIC0 bus input/output/data input
P24: SMIIC0 data output (used in 3-wire SIO mode)
P25: Timer 4 output
P26: Timer 5 output
Interrupt acknowledge type
INT4, INT5: H level, L level, H edge, L edge, both edges
P20 to P27
Port 3
I/O
• 8-bit I/O port
• I/O specifiable in 1-bit units
• Pull-up resistors can be turned on and off in 1 bit units
• Pin functions
P30: INT0 input/HOLD release/timer 2L capture input
P31: INT1 input/HOLD release/timer 2H capture input
P32: INT2 input/HOLD release/timer 2 event input/timer 2L capture input
P33: INT3 input/HOLD release/timer 2 event input/timer 2H capture input
P34: UART3 receive
P35: UART3 transmit
P36: Timer 6 output
P37: Timer 7 output
Interrupt acknowledge type
INT0 to INT3: H level, L level, H edge, L edge, both edges
P30 to P37
Continued on next page.


Podobny numer części - LC88F52H0A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC88F52H0A SANYO-LC88F52H0A Datasheet
173Kb / 31P
   FROM 128K byte, RAM 6K byte on-chip 16-bit 1-chip Microcontroller
More results

Podobny opis - LC88F52H0A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
LC88F83B0A ONSEMI-LC88F83B0A Datasheet
177Kb / 25P
   16-bit 1-chip Microcontroller
May, 2013 Ver.0.7
LC88F58B0A ONSEMI-LC88F58B0A Datasheet
190Kb / 31P
   16-bit 1-chip Microcontroller
May, 2013 Ver.1.03
LC88F5LA4ACS ONSEMI-LC88F5LA4ACS Datasheet
250Kb / 33P
   16-bit 1-chip Microcontroller
May, 2013 Ver.1.00
LC88F85D0A ONSEMI-LC88F85D0A Datasheet
307Kb / 31P
   16-bit 1-chip Microcontroller
May, 2013 Ver.1.10
logo
Infineon Technologies A...
C164SI INFINEON-C164SI Datasheet
1Mb / 79P
   16-Bit Single-Chip Microcontroller
V2.0, May 2001
logo
NEC
UPD784976A NEC-UPD784976A Datasheet
1Mb / 400P
   16-Bit Single-Chip Microcontroller
logo
Infineon Technologies A...
C165 INFINEON-C165 Datasheet
1Mb / 77P
   16-Bit Single-Chip Microcontroller
V2.0, Dec. 2000
logo
NEC
UPD78P4908 NEC-UPD78P4908 Datasheet
427Kb / 64P
   16-BIT SINGLE-CHIP MICROCONTROLLER
logo
NXP Semiconductors
XA-H4 PHILIPS-XA-H4 Datasheet
225Kb / 42P
   Single-chip 16-bit microcontroller
1999 Sep 24
logo
Infineon Technologies A...
SAF-C165LMHA INFINEON-SAF-C165LMHA Datasheet
1Mb / 77P
   16-Bit Single-Chip Microcontroller
V2.0, Dec. 2000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com