Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC88FC2H0B Arkusz danych(PDF) 11 Page - ON Semiconductor

Numer części LC88FC2H0B
Szczegółowy opis  16-bit Microcontroller
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC88FC2H0B Arkusz danych(HTML) 11 Page - ON Semiconductor

Back Button LC88FC2H0B Datasheet HTML 7Page - ON Semiconductor LC88FC2H0B Datasheet HTML 8Page - ON Semiconductor LC88FC2H0B Datasheet HTML 9Page - ON Semiconductor LC88FC2H0B Datasheet HTML 10Page - ON Semiconductor LC88FC2H0B Datasheet HTML 11Page - ON Semiconductor LC88FC2H0B Datasheet HTML 12Page - ON Semiconductor LC88FC2H0B Datasheet HTML 13Page - ON Semiconductor LC88FC2H0B Datasheet HTML 14Page - ON Semiconductor LC88FC2H0B Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
LC88FC2H0B
www.onsemi.com
11
Pin Description
Pin Name
I/O
Description
VSS1, VSS2,
VSS3, VSS4
– power sources
VDD1, VDD2,
VDD3, VDD4
+ power sources
Port 0
I/O
 8-bit I/O port
 I/O specifiable in 1-bit units
 Pull-up resistors can be turned on and off in 1 bit units
 HOLD release input (P00 to P03, P04, P05)
 Port 0 interrupt input (P00 to P03, P04, P05)
 Pin functions
P06 : Timer 0L output
P07 : Timer 0L output/UART0 clock input
P00 to P07
Port 1
I/O
 8-bit I/O port
 I/O specifiable in 1-bit units
 Pull-up resistors can be turned on and off in 1 bit units
 Pin functions
P10 : SIO0 data output
P11 : SIO0 data input/pulse input/output
P12 : SIO0 clock input/output
P13 : UART0 transmit
P14 : Timer 3L output/UART0 receive
P15 : Timer 3H output
P16 : UART2 receive
P17 : UART2 transmit
P10 to P17
Port 2
I/O
 8-bit I/O port
 I/O specifiable in 1-bit units
 Pull-up resistors can be turned on and off in 1 bit units
 Pin functions
P20 : INT4 input/HOLD release input/timer 3 event input/
timer 2L capture input/timer 2H capture input
P21 : INT5 input/HOLD release input/timer 3 event input/
timer 2L capture input/timer 2H capture input
P22 : SMIIC0 clock input/output
P23 : SMIIC0 bus input/output/data input
P24 : SMIIC0 data output (used in 3-wire SIO mode)
P25 : Timer 4 output
P26 : Timer 5 output
Interrupt acknowledge type
INT4, INT5 : H level, L level, H edge, L edge, both edges
P20 to P27
Continued on next page.


Podobny numer części - LC88FC2H0B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
More results

Podobny opis - LC88FC2H0B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
   16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
   16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
   16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
   16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
MB90330A FUJITSU-MB90330A Datasheet
1Mb / 120P
   16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com