Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FP16-150 Arkusz danych(PDF) 1 Page - TRIAD MAGNETICS

Numer części FP16-150
Szczegółowy opis  Power Transformer PC Mount: Flat Pack
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TRIAD [TRIAD MAGNETICS]
Strona internetowa  http://www.triadmagnetics.com
Logo TRIAD - TRIAD MAGNETICS

FP16-150 Arkusz danych(HTML) 1 Page - TRIAD MAGNETICS

  FP16-150_13 Datasheet HTML 1Page - TRIAD MAGNETICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Transformer
PC Mount: Flat Pack
Web: www.TriadMagnetics.com
Phone 951-277-0757
Fax 951-277-2757
460 Harley Knox Blvd.
Perris, California
92571
Publish Date: December 4, 2013
1
2
4
3
7
8
6
5
5
6
8
7
3
4
2
1
.060 DIA HOLES
B
E
E
E
F
A
C
D
FP16-150
Electrical Specifications (@25C)
1. Maximum Power: 2.5 VA
2. Primary Voltage:
Series:
230V@50/60 Hz
Parallel: 115V@50/60Hz
3. Secondary:
Series:
16.0VCT @ 0.15 Amps
Parallel:
8.0V @ 0.3 Amps
Description:
The FP16-150 is part of a series which has a long history of reliable service in the
field, made from a proven design and constructed with UL recognized materials.
Construction:
Wound on two dual channel nylon bobbin. Materials are UL recognized, Class B
(130º C) rated.
Safety:
These products are 100% hipot tested with an insulation of 2000V between
primary and secondary windings and 1500V between the primary / secondary
windings and the core.
Agency File:
UL: File E53148, UL 506, Class B General Purpose Transformer,
cUL: File E53148, UL 506, Class B General Purpose Transformer, Canadian Use
Dimensions:
A
B
C
D
E
F
1.875
1.562
0.650
0.267
0.375
1.600
Units: In inches
Weight:
5.0 oz
Pin Dimension: .020 x .041 in
Schematic:
RoHS Compliance: As of manufacturing date February 2005, all standard products meet
the requirements of 2011/65/EU, known as the RoHS initiative.
* Upon printing, this document is co
nsidered “uncontrolled”. Please contact Triad
Magnetics’ website for the most current version.
115V 50/60Hz
115V 50/60Hz
8Vrms @ 0.15Arms
8Vrms @ 0.15Arms


Podobny numer części - FP16-150_13

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TRIAD MAGNETICS
FP16-1500 TRIAD-FP16-1500 Datasheet
53Kb / 1P
   Power Transformer PC Mount: Flat Pack
More results

Podobny opis - FP16-150_13

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TRIAD MAGNETICS
FP20-1200 TRIAD-FP20-1200 Datasheet
53Kb / 1P
   Power Transformer PC Mount: Flat Pack
FP10-4800 TRIAD-FP10-4800 Datasheet
53Kb / 1P
   Power Transformer PC Mount: Flat Pack
FP34-75 TRIAD-FP34-75_13 Datasheet
53Kb / 1P
   Power Transformer PC Mount: Flat Pack
FP40-300 TRIAD-FP40-300 Datasheet
53Kb / 1P
   Power Transformer PC Mount: Flat Pack
FP30-1600 TRIAD-FP30-1600 Datasheet
97Kb / 1P
   Power Transformer PC Mount: Flat Pack
FP12-3800 TRIAD-FP12-3800 Datasheet
53Kb / 1P
   Power Transformer PC Mount: Flat Pack
FP16-1500 TRIAD-FP16-1500 Datasheet
53Kb / 1P
   Power Transformer PC Mount: Flat Pack
FP20-300 TRIAD-FP20-300_13 Datasheet
96Kb / 1P
   Power Transformer PC Mount: Flat Pack
FP24-100 TRIAD-FP24-100_13 Datasheet
53Kb / 1P
   Power Transformer PC Mount: Flat Pack
FP10-600 TRIAD-FP10-600_13 Datasheet
96Kb / 1P
   Power Transformer PC Mount: Flat Pack
FP24-2000 TRIAD-FP24-2000 Datasheet
97Kb / 1P
   Power Transformer PC Mount: Flat Pack
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com